Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP114X Datasheet(PDF) 2 Page - Nisshinbo Micro Devices Inc.

Part # RP114X
Description  300 mA LDO REGULATOR
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.

RP114X Datasheet(HTML) 2 Page - Nisshinbo Micro Devices Inc.

  RP114X Datasheet HTML 1Page - Nisshinbo Micro Devices Inc. RP114X Datasheet HTML 2Page - Nisshinbo Micro Devices Inc. RP114X Datasheet HTML 3Page - Nisshinbo Micro Devices Inc. RP114X Datasheet HTML 4Page - Nisshinbo Micro Devices Inc. RP114X Datasheet HTML 5Page - Nisshinbo Micro Devices Inc. RP114X Datasheet HTML 6Page - Nisshinbo Micro Devices Inc. RP114X Datasheet HTML 7Page - Nisshinbo Micro Devices Inc. RP114X Datasheet HTML 8Page - Nisshinbo Micro Devices Inc. RP114X Datasheet HTML 9Page - Nisshinbo Micro Devices Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
RP114x
No.EA-236-220901
2
SELECTION GUIDE
The set output voltage, the auto discharge function(1), and the package type for the ICs are user-selectable
options.
Product Name
Package
Quantity per Reel
Pb Free
Halogen Free
RP114Kxx1
∗(y)-TR
DFN(
PL)1010-4
10,000 pcs
Yes
Yes
RP114Kxx1
∗(y)-TRB
DFN(
PL)1010-4B
10,000 pcs
Yes
Yes
RP114Qxx2
∗(y)-TR-FE
SC-88A
3,000 pcs
Yes
Yes
RP114Nxx1
∗(y)-TR-FE
SOT-23-5
3,000 pcs
Yes
Yes
xx: Specify the set output voltage within the range of 0.8 V (08) to 3.6 V (36) in 0.1 V step.
(y): If the output voltage includes the 3rd digit, indicate the digit of 0.01V.
Ex. If the output voltage is 1.25V, RP114K121
∗5-TR
If the output voltage is 1.85V, RP114K181
∗5-TR
∗: Specify a combination of the CE pin polarity and the auto-discharge function.
(B) “H” Active, without Auto-Discharge function
(D) “H” Active, with Auto-Discharge function
BLOCK DIAGRAMS
VDD
GND
VOUT
CE
Vref
Current Limit
VDD
GND
VOUT
CE
Vref
Current Limit
RP114xxxxB Block Diagram
RP114xxxxD Block Diagram
(1) Auto-Discharge function quickly lowers the output voltage to 0V by releasing the electrical charge in the external
capacitor when the chip enable signal is switched from the active mode to the standby mode.


Similar Part No. - RP114X

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RP114 RICOH-RP114 Datasheet
1Mb / 28P
Supply Current Typ. 50uA
RP114K081B-TR RICOH-RP114K081B-TR Datasheet
1Mb / 28P
Supply Current Typ. 50uA
RP114K081D-TR RICOH-RP114K081D-TR Datasheet
1Mb / 28P
Supply Current Typ. 50uA
RP114K101B-TR RICOH-RP114K101B-TR Datasheet
1Mb / 28P
Supply Current Typ. 50uA
RP114K101D-TR RICOH-RP114K101D-TR Datasheet
1Mb / 28P
Supply Current Typ. 50uA
More results

Similar Description - RP114X

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT6218 ONSEMI-CAT6218 Datasheet
166Kb / 9P
300 mA CMOS LDO Regulator
December, 2009 ??Rev. 4
CAT6218 ONSEMI-CAT6218_11 Datasheet
158Kb / 9P
300 mA CMOS LDO Regulator
January, 2011 ??Rev. 5
logo
Fortune Semiconductor C...
FS8853 FORTUNE-FS8853 Datasheet
889Kb / 15P
300 mA LDO Linear Regulator
logo
ON Semiconductor
CAT6221 ONSEMI-CAT6221 Datasheet
597Kb / 10P
300 mA CMOS Dual LDO Regulator
December, 2009 ??Rev. 1
CAT6220 ONSEMI-CAT6220 Datasheet
464Kb / 12P
300 mA Adjustable Voltage LDO Regulator
December, 2011 ??Rev. 1
CAT6221 ONSEMI-CAT6221_12 Datasheet
586Kb / 10P
300 mA CMOS Dual LDO Regulator
February, 2011 ??Rev. 2
logo
Microchip Technology
TC1313 MICROCHIP-TC1313_09 Datasheet
621Kb / 32P
500 mA Synchronous Buck Regulator, 300 mA LDO
2009
TC1313 MICROCHIP-TC1313 Datasheet
542Kb / 28P
500 mA Synchronous Buck Regulator, 300 mA LDO
2005
logo
ON Semiconductor
NCP151 ONSEMI-NCP151 Datasheet
643Kb / 10P
LDO Regulator - Dual, High PSRR 300mA
September, 2019 ??Rev. 4
NCP603 ONSEMI-NCP603_13 Datasheet
153Kb / 13P
300 mA High Performance CMOS LDO Regulator
January, 2013 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com