Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

10CX220YU484I5G Datasheet(PDF) 4 Page - Intel Corporation

Part # 10CX220YU484I5G
Description  Intel® Cyclone® 10 GX Device Datasheet
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

10CX220YU484I5G Datasheet(HTML) 4 Page - Intel Corporation

  10CX220YU484I5G Datasheet HTML 1Page - Intel Corporation 10CX220YU484I5G Datasheet HTML 2Page - Intel Corporation 10CX220YU484I5G Datasheet HTML 3Page - Intel Corporation 10CX220YU484I5G Datasheet HTML 4Page - Intel Corporation 10CX220YU484I5G Datasheet HTML 5Page - Intel Corporation 10CX220YU484I5G Datasheet HTML 6Page - Intel Corporation 10CX220YU484I5G Datasheet HTML 7Page - Intel Corporation 10CX220YU484I5G Datasheet HTML 8Page - Intel Corporation 10CX220YU484I5G Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 62 page
background image
Table 1.
Absolute Maximum Ratings for Intel Cyclone 10 GX Devices
Symbol
Description
Condition
Minimum
Maximum
Unit
VCC
Core voltage power supply
–0.50
1.21
V
VCCP
Periphery circuitry and transceiver fabric interface power supply
–0.50
1.21
V
VCCERAM
Embedded memory power supply
–0.50
1.36
V
VCCPT
Power supply for programmable power technology and I/O pre-driver
–0.50
2.46
V
VCCBAT
Battery back-up power supply for design security volatile key register
–0.50
2.46
V
VCCPGM
Configuration pins power supply
(1)
–0.50
2.46
V
VCCIO
I/O buffers power supply
3 V I/O
–0.50
4.10
V
LVDS I/O
–0.50
2.46
V
VCCA_PLL
Phase-locked loop (PLL) analog power supply
–0.50
2.46
V
VCCT_GXB
Transmitter power supply
–0.50
1.34
V
VCCR_GXB
Receiver power supply
–0.50
1.34
V
VCCH_GXB
Transceiver output buffer power supply
–0.50
2.46
V
continued...
(1) The LVDS I/O values are applicable to all dedicated and dual-function configuration I/Os.
Intel® Cyclone® 10 GX Device Datasheet
683828 | 2022.02.14
Intel® Cyclone® 10 GX Device Datasheet
Send Feedback
4


Similar Part No. - 10CX220YU484I5G

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
10C0.34HCH BELDEN-10C0.34HCH Datasheet
161Kb / 2P
   MachFlex™ LiHCH, 10 C 0.34mm² Str BC, PE Ins, TCBS, LSZH Jkt
01-09-2024
10C0.34HCH-006100M BELDEN-10C0.34HCH-006100M Datasheet
161Kb / 2P
   MachFlex™ LiHCH, 10 C 0.34mm² Str BC, PE Ins, TCBS, LSZH Jkt
01-09-2024
10C0.34HCH-006200M BELDEN-10C0.34HCH-006200M Datasheet
161Kb / 2P
   MachFlex™ LiHCH, 10 C 0.34mm² Str BC, PE Ins, TCBS, LSZH Jkt
01-09-2024
10C0.34HCH-006300M BELDEN-10C0.34HCH-006300M Datasheet
161Kb / 2P
   MachFlex™ LiHCH, 10 C 0.34mm² Str BC, PE Ins, TCBS, LSZH Jkt
01-09-2024
10C0.34HCH-010100M BELDEN-10C0.34HCH-010100M Datasheet
161Kb / 2P
   MachFlex™ LiHCH, 10 C 0.34mm² Str BC, PE Ins, TCBS, LSZH Jkt
01-09-2024
More results

Similar Description - 10CX220YU484I5G

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
10M50DCF256I7G INTEL-10M50DCF256I7G Datasheet
737Kb / 72P
   Intel® MAX® 10 FPGA Device Datasheet
2020.06.30
M10 INTEL-M10 Datasheet
240Kb / 14P
   Intel® MAX® 10 FPGA Device Overview
1ST280EU2F50I2VGS1 INTEL-1ST280EU2F50I2VGS1 Datasheet
341Kb / 39P
   Intel® Stratix® 10 TX Device Overview
2022.08.18
logo
Altera Corporation
EP4CGX75CF23C8N ALTERA-EP4CGX75CF23C8N Datasheet
704Kb / 42P
   Cyclone IV Device Datasheet
EP3C5E144I7 ALTERA-EP3C5E144I7 Datasheet
849Kb / 34P
   Cyclone III Device Datasheet
EP3C40F780C6N ALTERA-EP3C40F780C6N Datasheet
848Kb / 34P
   Cyclone III Device Datasheet
EP4CE15F17C8N ALTERA-EP4CE15F17C8N Datasheet
710Kb / 42P
   Cyclone IV Device Datasheet
EP4CE10F17C7N ALTERA-EP4CE10F17C7N Datasheet
678Kb / 42P
   Cyclone IV Device Datasheet
logo
Intel Corporation
CV-51002 INTEL-CV-51002 Datasheet
945Kb / 93P
   Cyclone V Device Datasheet
logo
Altera Corporation
EP4CE6F17C8 ALTERA-EP4CE6F17C8 Datasheet
685Kb / 42P
   Cyclone IV Device Datasheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com