Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

10CX220YU484I5G Datasheet(PDF) 7 Page - Intel Corporation

Part # 10CX220YU484I5G
Description  Intel® Cyclone® 10 GX Device Datasheet
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

10CX220YU484I5G Datasheet(HTML) 7 Page - Intel Corporation

Back Button 10CX220YU484I5G Datasheet HTML 3Page - Intel Corporation 10CX220YU484I5G Datasheet HTML 4Page - Intel Corporation 10CX220YU484I5G Datasheet HTML 5Page - Intel Corporation 10CX220YU484I5G Datasheet HTML 6Page - Intel Corporation 10CX220YU484I5G Datasheet HTML 7Page - Intel Corporation 10CX220YU484I5G Datasheet HTML 8Page - Intel Corporation 10CX220YU484I5G Datasheet HTML 9Page - Intel Corporation 10CX220YU484I5G Datasheet HTML 10Page - Intel Corporation 10CX220YU484I5G Datasheet HTML 11Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 62 page
background image
Figure 1.
Intel Cyclone 10 GX Devices Overshoot Duration
1.8 V
2.7V
2.71 V
T
DT
Recommended Operating Conditions
This section lists the functional operation limits for the AC and DC parameters for Intel Cyclone 10 GX devices.
Recommended Operating Conditions
Table 3.
Recommended Operating Conditions for Intel Cyclone 10 GX Devices
This table lists the steady-state voltage values expected from Intel Cyclone 10 GX devices. Power supply ramps must all be strictly monotonic, without plateaus.
Symbol
Description
Condition
Minimum (8)
Typical
Maximum (8)
Unit
VCC
Core voltage power supply
0.87
0.9
0.93
V
VCCP
Periphery circuitry and transceiver fabric
interface power supply
0.87
0.9
0.93
V
VCCPGM
Configuration pins power supply
1.8 V
1.71
1.8
1.89
V
1.5 V
1.425
1.5
1.575
V
continued...
(8) This value describes the budget for the DC (static) power supply tolerance and does not include the dynamic tolerance requirements.
Refer to the PDN tool for the additional budget for the dynamic tolerance requirements.
Intel® Cyclone® 10 GX Device Datasheet
683828 | 2022.02.14
Send Feedback
Intel® Cyclone® 10 GX Device Datasheet
7


Similar Part No. - 10CX220YU484I5G

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
10C0.34HCH BELDEN-10C0.34HCH Datasheet
161Kb / 2P
   MachFlex™ LiHCH, 10 C 0.34mm² Str BC, PE Ins, TCBS, LSZH Jkt
01-09-2024
10C0.34HCH-006100M BELDEN-10C0.34HCH-006100M Datasheet
161Kb / 2P
   MachFlex™ LiHCH, 10 C 0.34mm² Str BC, PE Ins, TCBS, LSZH Jkt
01-09-2024
10C0.34HCH-006200M BELDEN-10C0.34HCH-006200M Datasheet
161Kb / 2P
   MachFlex™ LiHCH, 10 C 0.34mm² Str BC, PE Ins, TCBS, LSZH Jkt
01-09-2024
10C0.34HCH-006300M BELDEN-10C0.34HCH-006300M Datasheet
161Kb / 2P
   MachFlex™ LiHCH, 10 C 0.34mm² Str BC, PE Ins, TCBS, LSZH Jkt
01-09-2024
10C0.34HCH-010100M BELDEN-10C0.34HCH-010100M Datasheet
161Kb / 2P
   MachFlex™ LiHCH, 10 C 0.34mm² Str BC, PE Ins, TCBS, LSZH Jkt
01-09-2024
More results

Similar Description - 10CX220YU484I5G

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
10M50DCF256I7G INTEL-10M50DCF256I7G Datasheet
737Kb / 72P
   Intel® MAX® 10 FPGA Device Datasheet
2020.06.30
M10 INTEL-M10 Datasheet
240Kb / 14P
   Intel® MAX® 10 FPGA Device Overview
1ST280EU2F50I2VGS1 INTEL-1ST280EU2F50I2VGS1 Datasheet
341Kb / 39P
   Intel® Stratix® 10 TX Device Overview
2022.08.18
logo
Altera Corporation
EP4CGX75CF23C8N ALTERA-EP4CGX75CF23C8N Datasheet
704Kb / 42P
   Cyclone IV Device Datasheet
EP3C5E144I7 ALTERA-EP3C5E144I7 Datasheet
849Kb / 34P
   Cyclone III Device Datasheet
EP3C40F780C6N ALTERA-EP3C40F780C6N Datasheet
848Kb / 34P
   Cyclone III Device Datasheet
EP4CE15F17C8N ALTERA-EP4CE15F17C8N Datasheet
710Kb / 42P
   Cyclone IV Device Datasheet
EP4CE10F17C7N ALTERA-EP4CE10F17C7N Datasheet
678Kb / 42P
   Cyclone IV Device Datasheet
logo
Intel Corporation
CV-51002 INTEL-CV-51002 Datasheet
945Kb / 93P
   Cyclone V Device Datasheet
logo
Altera Corporation
EP4CE6F17C8 ALTERA-EP4CE6F17C8 Datasheet
685Kb / 42P
   Cyclone IV Device Datasheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com