Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74HC573 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74HC573
Description  Octal D-type transparent latch; 3-state
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC573 Datasheet(HTML) 3 Page - NXP Semiconductors

  74HC573 Datasheet HTML 1Page - NXP Semiconductors 74HC573 Datasheet HTML 2Page - NXP Semiconductors 74HC573 Datasheet HTML 3Page - NXP Semiconductors 74HC573 Datasheet HTML 4Page - NXP Semiconductors 74HC573 Datasheet HTML 5Page - NXP Semiconductors 74HC573 Datasheet HTML 6Page - NXP Semiconductors 74HC573 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
December 1990
3
Philips Semiconductors
Product specification
Octal D-type transparent latch; 3-state
74HC/HCT573
PIN DESCRIPTION
PIN NO.
SYMBOL
NAME AND FUNCTION
2, 3, 4, 5, 6, 7, 8, 9
D0 to D7
data inputs
11
LE
latch enable input (active HIGH)
1
OE
3-state output enable input (active LOW)
10
GND
ground (0 V)
19, 18, 17, 16, 15, 14, 13, 12
Q0 to Q7
3-state latch outputs
20
VCC
positive supply voltage
Fig.1 Pin configuration.
Fig.2 Logic symbol.
Fig.3 IEC logic symbol.


Similar Part No. - 74HC573

ManufacturerPart #DatasheetDescription
logo
System Logic Semiconduc...
74HC573 SLS-74HC573 Datasheet
53Kb / 5P
Octal 3-State Noninverting Transparent Latch(High-Performance Silicon-Gate CMOS)
logo
NXP Semiconductors
74HC573 PHILIPS-74HC573 Datasheet
158Kb / 21P
Octal D-type transparent latch 3-state
Rev. 5-15 August 2012
logo
Nexperia B.V. All right...
74HC573 NEXPERIA-74HC573 Datasheet
279Kb / 16P
Octal D-type transparent latch; 3-state
Rev. 8 - 10 September 2021
logo
NXP Semiconductors
74HC573-Q100 NXP-74HC573-Q100 Datasheet
253Kb / 19P
Octal D-type transparent latch; 3-state
Rev. 2-16 August 2012
logo
Nexperia B.V. All right...
74HC573-Q100 NEXPERIA-74HC573-Q100 Datasheet
274Kb / 16P
Octal D-type transparent latch; 3-state
Rev. 6 - 10 February 2021
More results

Similar Description - 74HC573

ManufacturerPart #DatasheetDescription
logo
System Logic Semiconduc...
SL74LV373 SLS-SL74LV373 Datasheet
47Kb / 8P
OCTAL D-TYPE TRANSPARENT LATCH(3-State)
SL74LV573 SLS-SL74LV573 Datasheet
43Kb / 6P
OCTAL D-TYPE TRANSPARENT LATCH (3-State)
logo
NXP Semiconductors
74ALVC373 PHILIPS-74ALVC373 Datasheet
97Kb / 20P
Octal D-type transparent latch 3-state
2002 Feb 26
74ALVC573 PHILIPS-74ALVC573 Datasheet
108Kb / 20P
Octal D-type transparent latch 3-state
2003 Jun 25
logo
List of Unclassifed Man...
74HC373 ETC1-74HC373 Datasheet
243Kb / 5P
OCTAL D-TYPE TRANSPARENT LATCH 3-STATE
logo
KODENSHI_AUK CORP.
KK74LV373 KODENSHI-KK74LV373 Datasheet
330Kb / 6P
Octal D-type transparent latch; 3-state
KK74LV374 KODENSHI-KK74LV374 Datasheet
328Kb / 6P
Octal D-type transparent latch; 3-state
logo
IK Semicon Co., Ltd
IN74LV573 IKSEMICON-IN74LV573 Datasheet
334Kb / 8P
Octal D-type transparent latch (3-State)
logo
NXP Semiconductors
74ALVC373 PHILIPS-74ALVC373_15 Datasheet
109Kb / 17P
Octal D-type transparent latch; 3-state
Rev. 02-18 October 2007
74HC_HCT573 PHILIPS-74HC_HCT573_15 Datasheet
232Kb / 21P
Octal D-type transparent latch; 3-state
Rev. 6-26 January 2015
logo
Nexperia B.V. All right...
74HC573-Q100 NEXPERIA-74HC573-Q100 Datasheet
274Kb / 16P
Octal D-type transparent latch; 3-state
Rev. 6 - 10 February 2021
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com