Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74HC573 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # 74HC573
Description  Octal D-type transparent latch; 3-state
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC573 Datasheet(HTML) 5 Page - NXP Semiconductors

  74HC573 Datasheet HTML 1Page - NXP Semiconductors 74HC573 Datasheet HTML 2Page - NXP Semiconductors 74HC573 Datasheet HTML 3Page - NXP Semiconductors 74HC573 Datasheet HTML 4Page - NXP Semiconductors 74HC573 Datasheet HTML 5Page - NXP Semiconductors 74HC573 Datasheet HTML 6Page - NXP Semiconductors 74HC573 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
December 1990
5
Philips Semiconductors
Product specification
Octal D-type transparent latch; 3-state
74HC/HCT573
DC CHARACTERISTICS FOR 74HC
For the DC characteristics see
“74HC/HCT/HCU/HCMOS Logic Family Specifications”.
Output capability: bus driver
ICC category: MSI
AC CHARACTERISTICS FOR 74HC
GND = 0 V; tr =tf = 6 ns; CL = 50 pF
SYMBOL
PARAMETER
Tamb (°C)
UNIT
TEST CONDITIONS
74HC
VCC
(V)
WAVEFORMS
+25
−40 to +85
−40 to +125
min.
typ.
max.
min.
max.
min.
max.
tPHL/ tPLH
propagation delay
Dn to Qn
47
17
14
150
30
26
190
38
33
225
45
38
ns
2.0
4.5
6.0
Fig.6
tPHL/ tPLH
propagation delay
LE to Qn
50
18
14
150
30
26
190
38
33
225
45
38
ns
2.0
4.5
6.0
Fig.7
tPZH/ tPZL
3-state output enable
time OE to Qn
44
16
13
140
28
24
175
35
30
210
42
36
ns
2.0
4.5
6.0
Fig.8
tPHZ/ tPLZ
3-state output disable
time OE to Qn
55
20
16
150
30
26
190
38
33
225
45
38
ns
2.0
4.5
6.0
Fig.8
tTHL/ tTLH
output transition time
14
5
4
60
12
10
75
15
13
90
18
15
ns
2.0
4.5
6.0
Fig.6
tW
enable pulse width
HIGH
80
16
14
14
5
4
100
20
17
120
24
20
ns
2.0
4.5
6.0
Fig.7
tsu
set-up time
Dn to LE
50
10
9
11
4
3
65
13
11
75
15
13
ns
2.0
4.5
6.0
Fig.9
th
hold time
Dn to LE
5
5
5
3
1
1
5
5
5
5
5
5
ns
2.0
4.5
6.0
Fig.9


Similar Part No. - 74HC573

ManufacturerPart #DatasheetDescription
logo
System Logic Semiconduc...
74HC573 SLS-74HC573 Datasheet
53Kb / 5P
   Octal 3-State Noninverting Transparent Latch(High-Performance Silicon-Gate CMOS)
logo
NXP Semiconductors
74HC573 PHILIPS-74HC573 Datasheet
158Kb / 21P
   Octal D-type transparent latch 3-state
Rev. 5-15 August 2012
logo
Nexperia B.V. All right...
74HC573 NEXPERIA-74HC573 Datasheet
279Kb / 16P
   Octal D-type transparent latch; 3-state
Rev. 8 - 10 September 2021
logo
NXP Semiconductors
74HC573-Q100 NXP-74HC573-Q100 Datasheet
253Kb / 19P
   Octal D-type transparent latch; 3-state
Rev. 2-16 August 2012
logo
Nexperia B.V. All right...
74HC573-Q100 NEXPERIA-74HC573-Q100 Datasheet
274Kb / 16P
   Octal D-type transparent latch; 3-state
Rev. 6 - 10 February 2021
More results

Similar Description - 74HC573

ManufacturerPart #DatasheetDescription
logo
System Logic Semiconduc...
SL74LV373 SLS-SL74LV373 Datasheet
47Kb / 8P
   OCTAL D-TYPE TRANSPARENT LATCH(3-State)
SL74LV573 SLS-SL74LV573 Datasheet
43Kb / 6P
   OCTAL D-TYPE TRANSPARENT LATCH (3-State)
logo
NXP Semiconductors
74ALVC373 PHILIPS-74ALVC373 Datasheet
97Kb / 20P
   Octal D-type transparent latch 3-state
2002 Feb 26
74ALVC573 PHILIPS-74ALVC573 Datasheet
108Kb / 20P
   Octal D-type transparent latch 3-state
2003 Jun 25
74ALVC373 PHILIPS-74ALVC373_15 Datasheet
109Kb / 17P
   Octal D-type transparent latch; 3-state
Rev. 02-18 October 2007
74HC_HCT573 PHILIPS-74HC_HCT573_15 Datasheet
232Kb / 21P
   Octal D-type transparent latch; 3-state
Rev. 6-26 January 2015
logo
KODENSHI_AUK CORP.
KK74LV373 KODENSHI-KK74LV373 Datasheet
330Kb / 6P
   Octal D-type transparent latch; 3-state
KK74LV374 KODENSHI-KK74LV374 Datasheet
328Kb / 6P
   Octal D-type transparent latch; 3-state
logo
List of Unclassifed Man...
74HC373 ETC1-74HC373 Datasheet
243Kb / 5P
   OCTAL D-TYPE TRANSPARENT LATCH 3-STATE
logo
IK Semicon Co., Ltd
IN74LV573 IKSEMICON-IN74LV573 Datasheet
334Kb / 8P
   Octal D-type transparent latch (3-State)
logo
Nexperia B.V. All right...
74HC573-Q100 NEXPERIA-74HC573-Q100 Datasheet
274Kb / 16P
   Octal D-type transparent latch; 3-state
Rev. 6 - 10 February 2021
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com