Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT72V3624 Datasheet(PDF) 15 Page - Integrated Device Technology

Part # IDT72V3624
Description  3.3 VOLT CMOS SyncBiFIFO WITH BUS-MATCHING 256 x 36 x 2, 512 x 36 x 2, 1,024 x 36 x 2
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72V3624 Datasheet(HTML) 15 Page - Integrated Device Technology

Back Button IDT72V3624 Datasheet HTML 11Page - Integrated Device Technology IDT72V3624 Datasheet HTML 12Page - Integrated Device Technology IDT72V3624 Datasheet HTML 13Page - Integrated Device Technology IDT72V3624 Datasheet HTML 14Page - Integrated Device Technology IDT72V3624 Datasheet HTML 15Page - Integrated Device Technology IDT72V3624 Datasheet HTML 16Page - Integrated Device Technology IDT72V3624 Datasheet HTML 17Page - Integrated Device Technology IDT72V3624 Datasheet HTML 18Page - Integrated Device Technology IDT72V3624 Datasheet HTML 19Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 34 page
background image
15
COMMERCIALTEMPERATURERANGE
IDT72V3624/72V3634/72V3644 3.3V CMOS SyncBiFIFOTM WITH BUS-MATCHING
256 x 36 x 2, 512 x 36 x 2, 1,024 x 36 x 2
BUS SIZING
The Port B bus can be configured in a 36-bit long word, 18-bit word, or
9-bit byte format for data read from FIFO1 or written to FIFO2. The levels
applied to the Port B Bus Size select (SIZE) and the Bus-Match select (BM)
determine the Port B bus size. These levels should be static throughout FIFO
operation.BothbussizeselectionsareimplementedatthecompletionofMaster
Reset, by the time the Full/Input Ready flag is set HIGH, as shown in Figure 2.
Two different methods for sequencing data transfer are available for Port
B when the bus size selection is either byte- or word-size. They are referred
to as Big-Endian (most significant byte first) and Little-Endian (least significant
bytefirst).ThelevelappliedtotheBig-Endianselect(BE)inputduringtheLOW-
to-HIGH transition of
MRS1andMRS2selectstheendianmethodthatwillbe
active during FIFO operation. BE is a don’t care input when the bus size
selected for Port B is long word. The endian method is implemented at the
completion of Master Reset, by the time the Full/Input Ready flag is set HIGH,
as shown in Figure 2.
Only 36-bit long word data is written to or read from the two FIFO memories
on the IDT72V3624/72V3634/72V3644. Bus-matching operations are done
after data is read from the FIFO1 RAM and before data is written to the FIFO2
RAM. These bus-matching operations are not available when transferring
data via mailbox registers. Furthermore, both the word- and byte-size bus
selections limit the width of the data bus that can be used for mail register
operations. In this case, only those byte lanes belonging to the selected word-
or byte-size bus can carry mailbox data. The remaining data outputs will be
indeterminate. The remaining data inputs will be don’t care inputs. For
example, when a word-size bus is selected, then mailbox data can be
transmitted only between A0-A17 and B0-B17. When a byte-size bus is
selected, then mailbox data can be transmitted only between A0-A8 and B0-
B8. (See Figures 27 and 28).
BUS-MATCHING FIFO1 READS
Data is read from the FIFO1 RAM in 36-bit long word increments. If a long
word bus size is implemented, the entire long word immediately shifts to the
FIFO1 output register. If byte or word size is implemented on Port B, only the
firstoneortwobytesappearontheselectedportionoftheFIFO1outputregister,
with the rest of the long word stored in auxiliary registers. In this case,
subsequent FIFO1 reads output the rest of the long word to the FIFO1 output
register in the order shown by Figure 2.
When reading data from FIFO1 in byte or word format, the unused B0-B35
outputsareindeterminate.
BUS-MATCHING FIFO2 WRITES
DataiswrittentotheFIFO2RAMin36-bitlongwordincrements.Datawritten
toFIFO2withabyteorwordbussizestorestheinitialbytesorwordsinauxiliary
registers. The CLKB rising edge that writes the fourth byte or the second word
of long word to FIFO2 also stores the entire long word in the FIFO2 memory.
The bytes are arranged in the manner shown in Figure 2.
WhenwritingdatatoFIFO2inbyteorwordformat,theunusedB0-B35inputs
are don't care inputs.


Similar Part No. - IDT72V3624

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V3624 IDT-IDT72V3624 Datasheet
285Kb / 34P
   3.3 VOLT CMOS SyncBiFIFO
logo
Renesas Technology Corp
IDT72V3624 RENESAS-IDT72V3624 Datasheet
446Kb / 35P
   3.3 VOLT CMOS SyncBiFIFOTM WITH BUS-MATCHING 256 x 36 x 2 1,024 x 36 x 2
MARCH 2018
logo
Integrated Device Techn...
IDT72V3624 IDT-IDT72V3624_15 Datasheet
285Kb / 34P
   3.3 VOLT CMOS SyncBiFIFO
More results

Similar Description - IDT72V3624

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V3622 IDT-IDT72V3622 Datasheet
217Kb / 29P
   3.3 VOLT CMOS SyncBiFIFO 256 x 36 x 2 512 x 36 x 2 1,024 x 36 x 2
IDT72V3626 IDT-IDT72V3626 Datasheet
329Kb / 36P
   3.3 VOLT CMOS TRIPLE BUS SyncFIFO WITH BUS-MATCHING 256 x 36 x 2, 512 x 36 x 2, 1,024 x 36 x 2
logo
Renesas Technology Corp
IDT72V3626 RENESAS-IDT72V3626 Datasheet
742Kb / 37P
   3.3 VOLT CMOS TRIPLE BUS SyncFIFOTM WITH BUS-MATCHING 256 x 36 x 2, 512 x 36 x 2, 1,024 x 36 x 2
FEBRUARY 2009
IDT72V3624 RENESAS-IDT72V3624 Datasheet
446Kb / 35P
   3.3 VOLT CMOS SyncBiFIFOTM WITH BUS-MATCHING 256 x 36 x 2 1,024 x 36 x 2
MARCH 2018
IDT72V3622 RENESAS-IDT72V3622 Datasheet
385Kb / 30P
   3.3 VOLT CMOS SyncBiFIFOTM 256 x 36 x 2 512 x 36 x 2 1,024 x 36 x 2
FEBRUARY 2015
IDT723626 RENESAS-IDT723626 Datasheet
404Kb / 36P
   CMOS TRIPLE BUS SyncFIFOTM WITH BUS-MATCHING 256 x 36 x 2, 512 x 36 x 2 1,024 x 36 x 2
MARCH 2018
logo
Integrated Device Techn...
IDT72V3623 IDT-IDT72V3623 Datasheet
289Kb / 28P
   3.3 VOLT CMOS SyncFIFO WITH BUS-MATCHING 256 x 36, 512 x 36, 1,024 x 36
logo
Renesas Technology Corp
IDT723622 RENESAS-IDT723622 Datasheet
370Kb / 25P
   CMOS SyncBiFIFOTM 256 x 36 x 2, 512 x 36 x 2, 1,024 x 36 x 2
FEBRUARY 2015
logo
Jinan Gude Electronic D...
IDT723623 JGD-IDT723623 Datasheet
286Kb / 28P
   CMOS BUS-MATCHING SyncFIFOTM 256 x 36, 512 x 36, 1,024 x 36
logo
Renesas Technology Corp
IDT72V3623 RENESAS-IDT72V3623 Datasheet
365Kb / 29P
   3.3 VOLT CMOS SyncFIFOTM WITH BUS-MATCHING 256 x 36 1,024 x 36
MARCH 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com