Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT72V3624 Datasheet(PDF) 13 Page - Integrated Device Technology

Part # IDT72V3624
Description  3.3 VOLT CMOS SyncBiFIFO WITH BUS-MATCHING 256 x 36 x 2, 512 x 36 x 2, 1,024 x 36 x 2
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72V3624 Datasheet(HTML) 13 Page - Integrated Device Technology

Back Button IDT72V3624 Datasheet HTML 9Page - Integrated Device Technology IDT72V3624 Datasheet HTML 10Page - Integrated Device Technology IDT72V3624 Datasheet HTML 11Page - Integrated Device Technology IDT72V3624 Datasheet HTML 12Page - Integrated Device Technology IDT72V3624 Datasheet HTML 13Page - Integrated Device Technology IDT72V3624 Datasheet HTML 14Page - Integrated Device Technology IDT72V3624 Datasheet HTML 15Page - Integrated Device Technology IDT72V3624 Datasheet HTML 16Page - Integrated Device Technology IDT72V3624 Datasheet HTML 17Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
13
COMMERCIALTEMPERATURERANGE
IDT72V3624/72V3634/72V3644 3.3V CMOS SyncBiFIFOTM WITH BUS-MATCHING
256 x 36 x 2, 512 x 36 x 2, 1,024 x 36 x 2
Synchronized
Synchronized
Number of Words in FIFO Memory(1,2)
to CLKA
to CLKB
IDT72V3624(3)
IDT72V3634(3)
IDT72V3644(3)
EFA/ORA
AEA
AFB
FFB/IRB
000
L
L
H
H
1 to X2
1 to X2
1 to X2
H
L
H
H
(X2+1) to [256-(Y2+1)]
(X2+1) to [512-(Y2+1)]
(X2+1) to [1,024-(Y2+1)]
H
H
H
H
(256-Y2) to 255
(512-Y2) to 511
(1,024-Y2) to 1,023
H
H
L
H
256
512
1,024
H
H
L
L
TABLE 4 — .I.O1 .LAG OPERATION (IDT Standard and .W.T modes)
TABLE 5 — .I.O2 .LAG OPERATION (IDT Standard and .W.T modes)
Synchronized
Synchronized
Number of Words in FIFO Memory(1,2)
to CLKB
to CLKA
IDT72V3624(3)
IDT72V3634(3)
IDT72V3644(3)
EFB/ORB
AEB
AFA
FFA/IRA
00
0
L
L
H
H
1 to X1
1 to X1
1 to X1
H
L
H
H
(X1+1) to [256-(Y1+1)]
(X1+1) to [512-(Y1+1)]
(X1+1) to [1,024-(Y1+1)]
H
H
H
H
(256-Y1) to 255
(512-Y1) to 511
(1,024-Y1) to 1,023
H
H
L
H
256
512
1,024
H
H
L
L
In the IDT Standard mode, the Empty Flag (
EFA,EFB)functionisselected.
When the Empty Flag is HIGH, data is available in the FIFO’s RAM memory
for reading to the output register. When the Empty Flag is LOW, the previous
data word is present in the FIFO output register and attempted FIFO reads are
ignored.
The Empty/Output Ready flag of a FIFO is synchronized to the port clock
that reads data from its array. For both the FWFT and IDT Standard modes,
the FIFO read pointer is incremented each time a new word is clocked to its
outputregister.ThestatemachinethatcontrolsanOutputReadyflagmonitors
a write pointer and read pointer comparator that indicates when the FIFO
memory status is empty, empty+1, or empty+2.
In FWFT mode, from the time a word is written to a FIFO, it can be shifted
to the FIFO output register in a minimum of three cycles of the Output Ready
flag synchronizing clock. Therefore, an Output Ready flag is LOW if a word in
memory is the next data to be sent to the FlFO output register and three cycles
of the port Clock that reads data from the FIFO have not elapsed since the time
the word was written. The Output Ready flag of the FIFO remains LOW until
the third LOW-to-HIGH transition of the synchronizing clock occurs, simulta-
neously forcing the Output Ready flag HIGH and shifting the word to the FIFO
output register.
In IDT Standard mode, from the time a word is written to a FIFO, the Empty
Flag will indicate the presence of data available for reading in a minimum of
two cycles of the Empty Flag synchronizing clock. Therefore, an Empty Flag
isLOWifawordinmemoryisthenextdatatobesenttotheFlFOoutputregister
andtwocyclesoftheportClockthatreadsdatafromtheFIFOhavenotelapsed
sincethetimethewordwaswritten.TheEmptyFlagoftheFIFOremainsLOW
until the second LOW-to-HIGH transition of the synchronizing clock occurs,
forcing the Empty Flag HIGH; only then can data be read.
A LOW-to-HIGH transition on an Empty/Output Ready flag synchronizing
clockbeginsthefirstsynchronizationcycleofawriteiftheclocktransitionoccurs
attimetSKEW1orgreaterafterthewrite.Otherwise,thesubsequentclockcycle
can be the first synchronization cycle (see Figures 15, 16, 17, and 18).
FULL/INPUT READY FLAGS (
FFA/IRA, FFB/IRB)
This is a dual purpose flag. In FWFT mode, the Input Ready (IRA and IRB)
function is selected. In IDT Standard mode, the Full Flag (
FFA and FFB)
function is selected. For both timing modes, when the Full/Input Ready flag is
HIGH, a memory location is free in the FIFO to receive new data. No memory
locationsarefreewhentheFull/InputReadyflagisLOWandattemptedwrites
to the FIFO are ignored.
NOTES:
1. When a word loaded to an empty FIFO is shifted to the output register, its previous FIFO memory location is free.
2. Data in the output register does not count as a "word in FIFO memory". Since in FWFT mode, the first word written to an empty FIFO goes unrequested to the output register (no read
operation necessary), it is not included in the FIFO memory count.
3. X1 is the Almost-Empty offset for FIFO1 used by
AEB. Y1 is the Almost-Full offset for FIFO1 used by AFA. Both X1 and Y1 are selected during a FIFO1 reset or port A programming.
4. The ORB and IRA functions are active during FWFT mode; the
EFB and FFA functions are active in IDT Standard mode.
NOTES:
1. When a word loaded to an empty FIFO is shifted to the output register, its previous FIFO memory location is free.
2. Data in the output register does not count as a "word in FIFO memory". Since in FWFT mode, the first word written to an empty FIFO goes unrequested to the output register (no read
operation necessary), it is not included in the FIFO memory count.
3. X2 is the Almost-Empty offset for FIFO2 used by
AEA. Y2 is the Almost-Full offset for FIFO2 used by AFB. Both X2 and Y2 are selected during a FIFO2 reset or port A programming.
4. The ORA and IRB functions are active during FWFT mode; the
EFA and FFB functions are active in IDT Standard mode.


Similar Part No. - IDT72V3624

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V3624 IDT-IDT72V3624 Datasheet
285Kb / 34P
   3.3 VOLT CMOS SyncBiFIFO
logo
Renesas Technology Corp
IDT72V3624 RENESAS-IDT72V3624 Datasheet
446Kb / 35P
   3.3 VOLT CMOS SyncBiFIFOTM WITH BUS-MATCHING 256 x 36 x 2 1,024 x 36 x 2
MARCH 2018
logo
Integrated Device Techn...
IDT72V3624 IDT-IDT72V3624_15 Datasheet
285Kb / 34P
   3.3 VOLT CMOS SyncBiFIFO
More results

Similar Description - IDT72V3624

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V3622 IDT-IDT72V3622 Datasheet
217Kb / 29P
   3.3 VOLT CMOS SyncBiFIFO 256 x 36 x 2 512 x 36 x 2 1,024 x 36 x 2
IDT72V3626 IDT-IDT72V3626 Datasheet
329Kb / 36P
   3.3 VOLT CMOS TRIPLE BUS SyncFIFO WITH BUS-MATCHING 256 x 36 x 2, 512 x 36 x 2, 1,024 x 36 x 2
logo
Renesas Technology Corp
IDT72V3626 RENESAS-IDT72V3626 Datasheet
742Kb / 37P
   3.3 VOLT CMOS TRIPLE BUS SyncFIFOTM WITH BUS-MATCHING 256 x 36 x 2, 512 x 36 x 2, 1,024 x 36 x 2
FEBRUARY 2009
IDT72V3624 RENESAS-IDT72V3624 Datasheet
446Kb / 35P
   3.3 VOLT CMOS SyncBiFIFOTM WITH BUS-MATCHING 256 x 36 x 2 1,024 x 36 x 2
MARCH 2018
IDT72V3622 RENESAS-IDT72V3622 Datasheet
385Kb / 30P
   3.3 VOLT CMOS SyncBiFIFOTM 256 x 36 x 2 512 x 36 x 2 1,024 x 36 x 2
FEBRUARY 2015
IDT723626 RENESAS-IDT723626 Datasheet
404Kb / 36P
   CMOS TRIPLE BUS SyncFIFOTM WITH BUS-MATCHING 256 x 36 x 2, 512 x 36 x 2 1,024 x 36 x 2
MARCH 2018
logo
Integrated Device Techn...
IDT72V3623 IDT-IDT72V3623 Datasheet
289Kb / 28P
   3.3 VOLT CMOS SyncFIFO WITH BUS-MATCHING 256 x 36, 512 x 36, 1,024 x 36
logo
Renesas Technology Corp
IDT723622 RENESAS-IDT723622 Datasheet
370Kb / 25P
   CMOS SyncBiFIFOTM 256 x 36 x 2, 512 x 36 x 2, 1,024 x 36 x 2
FEBRUARY 2015
logo
Jinan Gude Electronic D...
IDT723623 JGD-IDT723623 Datasheet
286Kb / 28P
   CMOS BUS-MATCHING SyncFIFOTM 256 x 36, 512 x 36, 1,024 x 36
logo
Renesas Technology Corp
IDT72V3623 RENESAS-IDT72V3623 Datasheet
365Kb / 29P
   3.3 VOLT CMOS SyncFIFOTM WITH BUS-MATCHING 256 x 36 1,024 x 36
MARCH 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com