Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT72V3624 Datasheet(PDF) 11 Page - Integrated Device Technology

Part # IDT72V3624
Description  3.3 VOLT CMOS SyncBiFIFO WITH BUS-MATCHING 256 x 36 x 2, 512 x 36 x 2, 1,024 x 36 x 2
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72V3624 Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button IDT72V3624 Datasheet HTML 7Page - Integrated Device Technology IDT72V3624 Datasheet HTML 8Page - Integrated Device Technology IDT72V3624 Datasheet HTML 9Page - Integrated Device Technology IDT72V3624 Datasheet HTML 10Page - Integrated Device Technology IDT72V3624 Datasheet HTML 11Page - Integrated Device Technology IDT72V3624 Datasheet HTML 12Page - Integrated Device Technology IDT72V3624 Datasheet HTML 13Page - Integrated Device Technology IDT72V3624 Datasheet HTML 14Page - Integrated Device Technology IDT72V3624 Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
11
COMMERCIALTEMPERATURERANGE
IDT72V3624/72V3634/72V3644 3.3V CMOS SyncBiFIFOTM WITH BUS-MATCHING
256 x 36 x 2, 512 x 36 x 2, 1,024 x 36 x 2
SPM
FS1/
SEN
FS0/SD
MRS1
MRS2
X1 AND Y1 REGlSTERS(1)
X2 AND Y2 REGlSTERS(2)
HH
H
X64
X
HH
H
↑↑
64
64
HH
L
X16
X
HH
L
↑↑
16
16
HL
H
X8
X
HL
H
↑↑
88
HL
L
↑↑
Parallel programming via Port A
Parallel programming via Port A
LH
L
↑↑
Serial programming via SD
Serial programming via SD
LH
H
↑↑
Reserved
Reserved
LL
H
↑↑
Reserved
Reserved
LL
L
↑↑
Reserved
Reserved
labeled Y2. The index of each register name corresponds to its FIFO number.
TheoffsetregisterscanbeloadedwithpresetvaluesduringtheresetofaFIFO,
programmed in parallel using the FIFO’s Port A data inputs, or programmed
in serial using the Serial Data (SD) input (see Table 1).
SPM,FS0/SD,andFS1/SENfunctionthesamewayinbothIDTStandard
and FWFT modes.
— PRESET VALUES
ToloadaFIFO’sAlmost-EmptyflagandAlmost-FullflagOffsetregisterswith
oneofthethreepresetvalueslistedinTable1,theSerialProgramMode(
SPM)
andatleastoneoftheflag-selectinputsmustbeHIGHduringtheLOW-to-HIGH
transition of its Master Reset input (
MRS1, MRS2). For example, to load the
preset value of 64 into X1 and Y1,
SPM, FS0 and FS1 must be HIGH when
FlFO1reset(
MRS1)returnsHIGH.Flag-offsetregistersassociatedwithFIFO2
are loaded with one of the preset values in the same way with FIFO2 Master
Reset(
MRS2),toggledsimultaneouslywithFIFO1MasterReset(MRS1).For
relevant preset value loading timing diagram, see Figure 3.
— PARALLEL LOAD FROM PORT A
To program the X1, X2, Y1, and Y2 registers from Port A, perform a Master
Reset on both FlFOs simultaneously with
SPMHIGHandFS0andFS1LOW
during the LOW-to-HIGH transition of
MRS1 and MRS2. After this reset is
complete, the first four writes to FIFO1 do not store data in the RAM but load
the offset registers in the order Y1, X1, Y2, X2. The Port A data inputs used by
the offset registers are (A7-A0), (A8-A0), or (A9-A0) for the IDT72V3624,
IDT72V3634, or IDT72V3644, respectively. The highest numbered input is
used as the most significant bit of the binary number in each case. Valid
programming values for the registers range from 1 to 252 for the IDT72V3624;
1 to 508 for the IDT72V3634; and 1 to 1,020 for the IDT72V3644. After all the
offset registers are programmed from Port A, the Port B Full/Input Ready flag
(
FFB/IRB)issetHIGH,andbothFIFOsbeginnormaloperation.RefertoFigure
5foratimingdiagramillustrationofparallelprogrammingoftheflagoffsetvalues.
— SERIAL LOAD
ToprogramtheX1,X2,Y1,andY2registersserially,initiateaMasterReset
with
SPMLOW,FS0/SDLOWandFS1/SENHIGHduringtheLOW-to-HIGH
transitionof
MRS1andMRS2.Afterthisresetiscomplete,theXandYregister
values are loaded bit-wise through the FS0/SD input on each LOW-to-HIGH
transition of CLKA that the FS1/
SEN input is LOW. There are 32-, 36-, or 40-
bit writes needed to complete the programming for the IDT72V3624,
IDT72V3634, or IDT72V3644, respectively. The four registers are written in
theorderY1,X1,Y2,andfinally,X2. Thefirst-bitwritestoresthemostsignificant
bitoftheY1registerandthelast-bitwritestorestheleastsignificantbitoftheX2
register.Eachregistervaluecanbeprogrammedfrom1to252(IDT72V3624),
1 to 508 (IDT72V3634), or 1 to 1,020 (IDT72V3644).
When the option to program the offset registers serially is chosen, the Port
AFull/InputReady(
FFA/IRA)flagremainsLOWuntilallregisterbitsarewritten.
FFA/IRAissetHIGHbytheLOW-to-HIGHtransitionofCLKAafterthelastbit
is loaded to allow normal FIFO1 operation. The Port B Full/Input Ready (
FFB/
IRB) flag also remains LOW throughout the serial programming process, until
allregisterbitsarewritten.
FFB/IRBissetHIGHbytheLOW-to-HIGHtransition
ofCLKBafterthelastbitisloadedtoallownormalFIFO2operation.SeeFigure
6 for Serial Programming of the Almost-Full Flag and Almost-Empty Flag
Offset Values (IDT Standard and FWFT Modes) timing diagram.
FIFO WRITE/READ OPERATION
ThestateofthePortAdata(A0-A35)linesiscontrolledbyPortAChipSelect
(
CSA)andPortAWrite/Readselect(W/RA).TheA0-A35linesareintheHigh-
impedance state when either
CSA or W/RA is HIGH. The A0-A35 lines are
active outputs when both
CSA and W/RA are LOW.
Data is loaded into FIFO1 from the A0-A35 inputs on a LOW-to-HIGH
transition of CLKA when
CSA is LOW, W/RA is HIGH, ENA is HIGH, MBA is
LOW, and
FFA/IRA is HIGH. Data is read from FIFO2 to the A0-A35 outputs
byaLOW-to-HIGHtransitionofCLKAwhen
CSAisLOW,W/RAisLOW,ENA
is HIGH, MBA is LOW, and
EFA/ORAisHIGH(seeTable2).FIFOreadsand
writes on Port A are independent of any concurrent Port B operation.
The Port B control signals are identical to those of Port A with the exception
thatthePortBWrite/Readselect(
W/RB)istheinverseofthePortAWrite/Read
select (W/
RA).ThestateofthePortBdata(B0-B35)linesiscontrolledbythe
Port B Chip Select (
CSB) and Port B Write/Read select (W/RB).TheB0-B35
lines are in the high-impedance state when either
CSB is HIGH or W/RB is
NOTES:
1. X1 register holds the offset for
AEB; Y1 register holds the offset for AFA.
2. X2 register holds the offset for
AEA; Y2 register holds the offset for AFB.
TABLE 1 — .LAG PROGRAMMING


Similar Part No. - IDT72V3624

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V3624 IDT-IDT72V3624 Datasheet
285Kb / 34P
   3.3 VOLT CMOS SyncBiFIFO
logo
Renesas Technology Corp
IDT72V3624 RENESAS-IDT72V3624 Datasheet
446Kb / 35P
   3.3 VOLT CMOS SyncBiFIFOTM WITH BUS-MATCHING 256 x 36 x 2 1,024 x 36 x 2
MARCH 2018
logo
Integrated Device Techn...
IDT72V3624 IDT-IDT72V3624_15 Datasheet
285Kb / 34P
   3.3 VOLT CMOS SyncBiFIFO
More results

Similar Description - IDT72V3624

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V3622 IDT-IDT72V3622 Datasheet
217Kb / 29P
   3.3 VOLT CMOS SyncBiFIFO 256 x 36 x 2 512 x 36 x 2 1,024 x 36 x 2
IDT72V3626 IDT-IDT72V3626 Datasheet
329Kb / 36P
   3.3 VOLT CMOS TRIPLE BUS SyncFIFO WITH BUS-MATCHING 256 x 36 x 2, 512 x 36 x 2, 1,024 x 36 x 2
logo
Renesas Technology Corp
IDT72V3626 RENESAS-IDT72V3626 Datasheet
742Kb / 37P
   3.3 VOLT CMOS TRIPLE BUS SyncFIFOTM WITH BUS-MATCHING 256 x 36 x 2, 512 x 36 x 2, 1,024 x 36 x 2
FEBRUARY 2009
IDT72V3624 RENESAS-IDT72V3624 Datasheet
446Kb / 35P
   3.3 VOLT CMOS SyncBiFIFOTM WITH BUS-MATCHING 256 x 36 x 2 1,024 x 36 x 2
MARCH 2018
IDT72V3622 RENESAS-IDT72V3622 Datasheet
385Kb / 30P
   3.3 VOLT CMOS SyncBiFIFOTM 256 x 36 x 2 512 x 36 x 2 1,024 x 36 x 2
FEBRUARY 2015
IDT723626 RENESAS-IDT723626 Datasheet
404Kb / 36P
   CMOS TRIPLE BUS SyncFIFOTM WITH BUS-MATCHING 256 x 36 x 2, 512 x 36 x 2 1,024 x 36 x 2
MARCH 2018
logo
Integrated Device Techn...
IDT72V3623 IDT-IDT72V3623 Datasheet
289Kb / 28P
   3.3 VOLT CMOS SyncFIFO WITH BUS-MATCHING 256 x 36, 512 x 36, 1,024 x 36
logo
Renesas Technology Corp
IDT723622 RENESAS-IDT723622 Datasheet
370Kb / 25P
   CMOS SyncBiFIFOTM 256 x 36 x 2, 512 x 36 x 2, 1,024 x 36 x 2
FEBRUARY 2015
logo
Jinan Gude Electronic D...
IDT723623 JGD-IDT723623 Datasheet
286Kb / 28P
   CMOS BUS-MATCHING SyncFIFOTM 256 x 36, 512 x 36, 1,024 x 36
logo
Renesas Technology Corp
IDT72V3623 RENESAS-IDT72V3623 Datasheet
365Kb / 29P
   3.3 VOLT CMOS SyncFIFOTM WITH BUS-MATCHING 256 x 36 1,024 x 36
MARCH 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com