Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT72V3624 Datasheet(PDF) 8 Page - Integrated Device Technology

Part # IDT72V3624
Description  3.3 VOLT CMOS SyncBiFIFO WITH BUS-MATCHING 256 x 36 x 2, 512 x 36 x 2, 1,024 x 36 x 2
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72V3624 Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button IDT72V3624 Datasheet HTML 4Page - Integrated Device Technology IDT72V3624 Datasheet HTML 5Page - Integrated Device Technology IDT72V3624 Datasheet HTML 6Page - Integrated Device Technology IDT72V3624 Datasheet HTML 7Page - Integrated Device Technology IDT72V3624 Datasheet HTML 8Page - Integrated Device Technology IDT72V3624 Datasheet HTML 9Page - Integrated Device Technology IDT72V3624 Datasheet HTML 10Page - Integrated Device Technology IDT72V3624 Datasheet HTML 11Page - Integrated Device Technology IDT72V3624 Datasheet HTML 12Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
8
COMMERCIALTEMPERATURERANGE
IDT72V3624/72V3634/72V3644 3.3V CMOS SyncBiFIFOTM WITH BUS-MATCHING
256 x 36 x 2, 512 x 36 x 2, 1,024 x 36 x 2
TIMING REQUIREMENTS OVER RECOMMENDED RANGES O. SUPPLY
VOLTAGE AND OPERATING .REE-AIR TEMPERATURE
IDT72V3624L10(1)
IDT72V3624L15
IDT72V3634L10(1)
IDT72V3634L15
IDT72V3644L10(1)
IDT72V3644L15
Symbol
Parameter
Min.
Max.
Min.
Max.
Unit
fS
Clock Frequency, CLKA or CLKB
100
66.7
MHz
tCLK
Clock Cycle Time, CLKA or CLKB
10
15
ns
tCLKH
Pulse Duration, CLKA or CLKB HIGH
4.5
6
ns
tCLKL
Pulse Duration, CLKA and CLKB LOW
4.5
6
ns
tDS
Setup Time, A0-A35 before CLKA
↑ and B0-B35 before CLKB↑
3—
4
ns
tENS1
Setup Time
CSA before CLKA
↑; CSBbeforeCLKB↑4
4.5
ns
tENS2
Setup Time ENA, W/
RA and MBA before CLKA
↑; ENB, W/RB and MBB
3
4.5
ns
before CLKB
tRSTS
Setup Time,
MRS1, MRS2, PRS1, or PRS2 LOW before CLKA
↑ or CLKB↑(2)
5—
5
ns
tFSS
Setup Time, FS0 and FS1 before
MRS1 and MRS2 HIGH
7.5
7.5
ns
tBES
Setup Time, BE/
FWFT before MRS1 and MRS2 HIGH
7.5
7.5
ns
tSPMS
Setup Time,
SPM before MRS1 and MRS2 HIGH
7.5
7.5
ns
tSDS
Setup Time, FS0/SD before CLKA
3—
4
ns
tSENS
Setup Time, FS1/
SEN before CLKA
3—
4
ns
tFWS
Setup Time, BE/
FWFT before CLKA
0—
0
ns
tDH
Hold Time, A0-A35 after CLKA
↑ and B0-B35 after CLKB↑
0.5
1
ns
tENH
Hold Time,
CSA, W/RA, ENA, and MBA after CLKA
↑; CSB, W/RB, ENB, and
0.5
1
ns
MBB after CLKB
tRSTH
Hold Time,
MRS1, MRS2, PRS1 or PRS2 LOW after CLKA
↑ or CLKB↑(2)
4—
4
ns
tFSH
Hold Time, FS0 and FS1 after
MRS1 and MRS2 HIGH
2
2
ns
tBEH
Hold Time, BE/
FWFT after MRS1 and MRS2 HIGH
2
2
ns
tSPMH
Hold Time,
SPM after MRS1 and MRS2 HIGH
2
2
ns
tSDH
Hold Time, FS0/SD after CLKA
0.5
1
ns
tSENH
Hold Time, FS1/
SEN HIGH after CLKA
0.5
1
ns
tSPH
Hold Time, FS1/
SEN HIGH after MRS1 and MRS2 HIGH
2
2
ns
tSKEW1(3)
Skew Time between CLKA
↑ and CLKB↑ for EFA/ORA, EFB/ORB,FFA/IRA,
5
7.5
ns
and
FFB/IRB
tSKEW2(3,4)
Skew Time between CLKA
↑ and CLKB↑ for AEA, AEB, AFA, and AFB
12
12
ns
NOTES:
1. For 10ns (100 MHz operation), VCC = 3.3V +/- 0.15V; TA = 0
° to +70°C; JEDEC JESD8-A compliant.
2. Requirement to count the clock edge as one of at least four needed to reset a FIFO.
3. Skew time is not a timing constraint for proper device operation and is only included to illustrate the timing relationship between CLKA cycle and CLKB cycle.
4. Design simulated, not tested.
5. Industrial temperature range is available by special order.
Commercial: VCC = 3.3V +/- 0.30V; for 10ns (100 MHz operation), VCC = 3.3V +/- 0.15V ; TA = 0
°Cto +70°C; JEDEC JESD8-A compliant


Similar Part No. - IDT72V3624

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V3624 IDT-IDT72V3624 Datasheet
285Kb / 34P
   3.3 VOLT CMOS SyncBiFIFO
logo
Renesas Technology Corp
IDT72V3624 RENESAS-IDT72V3624 Datasheet
446Kb / 35P
   3.3 VOLT CMOS SyncBiFIFOTM WITH BUS-MATCHING 256 x 36 x 2 1,024 x 36 x 2
MARCH 2018
logo
Integrated Device Techn...
IDT72V3624 IDT-IDT72V3624_15 Datasheet
285Kb / 34P
   3.3 VOLT CMOS SyncBiFIFO
More results

Similar Description - IDT72V3624

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V3622 IDT-IDT72V3622 Datasheet
217Kb / 29P
   3.3 VOLT CMOS SyncBiFIFO 256 x 36 x 2 512 x 36 x 2 1,024 x 36 x 2
IDT72V3626 IDT-IDT72V3626 Datasheet
329Kb / 36P
   3.3 VOLT CMOS TRIPLE BUS SyncFIFO WITH BUS-MATCHING 256 x 36 x 2, 512 x 36 x 2, 1,024 x 36 x 2
logo
Renesas Technology Corp
IDT72V3626 RENESAS-IDT72V3626 Datasheet
742Kb / 37P
   3.3 VOLT CMOS TRIPLE BUS SyncFIFOTM WITH BUS-MATCHING 256 x 36 x 2, 512 x 36 x 2, 1,024 x 36 x 2
FEBRUARY 2009
IDT72V3624 RENESAS-IDT72V3624 Datasheet
446Kb / 35P
   3.3 VOLT CMOS SyncBiFIFOTM WITH BUS-MATCHING 256 x 36 x 2 1,024 x 36 x 2
MARCH 2018
IDT72V3622 RENESAS-IDT72V3622 Datasheet
385Kb / 30P
   3.3 VOLT CMOS SyncBiFIFOTM 256 x 36 x 2 512 x 36 x 2 1,024 x 36 x 2
FEBRUARY 2015
IDT723626 RENESAS-IDT723626 Datasheet
404Kb / 36P
   CMOS TRIPLE BUS SyncFIFOTM WITH BUS-MATCHING 256 x 36 x 2, 512 x 36 x 2 1,024 x 36 x 2
MARCH 2018
logo
Integrated Device Techn...
IDT72V3623 IDT-IDT72V3623 Datasheet
289Kb / 28P
   3.3 VOLT CMOS SyncFIFO WITH BUS-MATCHING 256 x 36, 512 x 36, 1,024 x 36
logo
Renesas Technology Corp
IDT723622 RENESAS-IDT723622 Datasheet
370Kb / 25P
   CMOS SyncBiFIFOTM 256 x 36 x 2, 512 x 36 x 2, 1,024 x 36 x 2
FEBRUARY 2015
logo
Jinan Gude Electronic D...
IDT723623 JGD-IDT723623 Datasheet
286Kb / 28P
   CMOS BUS-MATCHING SyncFIFOTM 256 x 36, 512 x 36, 1,024 x 36
logo
Renesas Technology Corp
IDT72V3623 RENESAS-IDT72V3623 Datasheet
365Kb / 29P
   3.3 VOLT CMOS SyncFIFOTM WITH BUS-MATCHING 256 x 36 1,024 x 36
MARCH 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com