Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT72V3624 Datasheet(PDF) 5 Page - Integrated Device Technology

Part # IDT72V3624
Description  3.3 VOLT CMOS SyncBiFIFO WITH BUS-MATCHING 256 x 36 x 2, 512 x 36 x 2, 1,024 x 36 x 2
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72V3624 Datasheet(HTML) 5 Page - Integrated Device Technology

  IDT72V3624 Datasheet HTML 1Page - Integrated Device Technology IDT72V3624 Datasheet HTML 2Page - Integrated Device Technology IDT72V3624 Datasheet HTML 3Page - Integrated Device Technology IDT72V3624 Datasheet HTML 4Page - Integrated Device Technology IDT72V3624 Datasheet HTML 5Page - Integrated Device Technology IDT72V3624 Datasheet HTML 6Page - Integrated Device Technology IDT72V3624 Datasheet HTML 7Page - Integrated Device Technology IDT72V3624 Datasheet HTML 8Page - Integrated Device Technology IDT72V3624 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
5
COMMERCIALTEMPERATURERANGE
IDT72V3624/72V3634/72V3644 3.3V CMOS SyncBiFIFOTM WITH BUS-MATCHING
256 x 36 x 2, 512 x 36 x 2, 1,024 x 36 x 2
Symbol
Name
I/O
Description
FS1/
SEN FlagOffsetSelect1/
I
FS1/
SEN and FS0/SD are dual-purpose inputs used for flag offset register programming. During Master
Serial Enable,
Reset, FS1/
SENandFS0/SD,togetherwithSPM,selecttheflagoffsetprogrammingmethod.Threeoffset
register programming methods are available: automatically load one of three preset values (8, 16, or 64),
FS0/SD
Flag Offset Select 0/
I
parallel load from Port A, and serial load.
Serial Data
When serial load is selected for flag offset register programming, FS1/
SEN is used as an enable synchronous
to the LOW-to-HIGH transition of CLKA. When FS1/
SEN is LOW, a rising edge on CLKA load the bit present
on FS0/SD into the X and Y registers. The number of bit writes required to program the offset registers is 32
for the 72V3624, 36 for the 72V3634, and 40 for the 72V3644. The first bit write stores the Y-register (Y1)
MSB and the last bit write stores the X-register (X2) LSB.
MBA
Port A Mailbox
I
A HIGH level on MBA chooses a mailbox register for a Port A read or write operation. When the A0-A35
Select
outputs are active, a HIGH level on MBA selects data from the mail2 register for output and a LOW level
selects FIFO2 output register data for output.
MBB
Port B Mailbox
I
A HIGH level on MBB chooses a mailbox register for a Port B read or write operation. When the B0-B35
Select
outputs are active, a HIGH level on MBB selects data from the mail1 register for output and a LOW level
selects FIFO1 output register data for output.
MBF1
Mail1 Register
O
MBF1 is set LOW by a LOW-to-HIGH transition of CLKA that writes data to the mail1 register. Writes to
Flag
the mail1 register are inhibited while
MBF1 is LOW. MBF1 is set HIGH by a LOW-to-HIGH transition of CLKB
when a Port B read is selected and MBB is HIGH.
MBF1 is set HIGH following either a Master or Partial
Reset of FIFO1.
MBF2
Mail2 Register
O
MBF2 is set LOW by a LOW-to-HIGH transition of CLKB that writes data to the mail2 register. Writes to the
Flag
mail2 register are inhibited while
MBF2 is LOW. MBF2 is set HIGH by a LOW-to-HIGH transition of CLKA
when a Port A read is selected and MBA is HIGH.
MBF2 is set HIGH following either a Master or Partial
Reset of FIFO2.
MRS1
FIFO1 Master
I
A LOW on this pin initializes the FIFO1 read and write pointers to the first location of memory and sets the
Reset
Port B output register to all zeroes. A LOW-to-HIGH transition on
MRS1selectstheprogrammingmethod(serial
or parallel) and one of three programmable flag default offsets for FIFO1 and FIFO2. It also configures Port
Bforbussizeandendianarrangement. FourLOW-to-HIGHtransitionsofCLKA andfourLOW-to-HIGHtransitions
of CLKB must occur while
MRS1 is LOW.
MRS2
FIFO2 Master
I
A LOW on this pin initializes the FIFO2 read and write pointers to the first location of memory and sets the
Reset
PortAoutputregistertoallzeroes. ALOW-to-HIGHtransitionon
MRS2,toggledsimultaneouslywithMRS1,selects
theprogrammingmethod(serialorparallel)andoneoftheprogrammableflagdefaultoffsetsforFIFO2. FourLOW-
to-HIGH transitions of CLKA and four LOW-to-HIGH transitions of CLKB must occur while
MRS2 is LOW.
PRS1
FIFO1 Partial
I
A LOW on this pin initializes the FIFO1 read and write pointers to the first location of memory and sets the
Reset
Port B output register to all zeroes. During Partial Reset, the currently selected bus size, endian arrangement,
programming method (serial or parallel), and programmable flag settings are all retained.
PRS2
FIFO2 Partial
I
A LOW on this pin initializes the FIFO2 read and write pointers to the first location of memory and sets the Port
Reset
A output register to all zeroes. During Partial Reset, the currently selected bus size, endian arrangement,
programming method (serial or parallel), and programmable flag settings are all retained.
SIZE
Bus Size Select
I
A HIGH on this pin when BM is HIGH selects byte bus (9-bit) size on Port B. A LOW on this pin when BM is HIGH
selects word (18-bit) bus size. SIZE works with BM andBEtoselectthebussizeandendianarrangementforPort
B. The level of SIZE must be static throughout device operation.
SPM
SerialProgramming
I
ALOWonthispinselectsserialprogrammingofpartialflagoffsets. AHIGHonthispinselectsparallelprogramming
Mode
or default offsets (8, 16, or 64).
W/
RA
Port-AWrite/
I
A HIGH selects a write operation and a LOW selects a read operation on Port A for a LOW-to-HIGH transition of
Read Select
CLKA. The A0-A35 outputs are in the HIGH impedance state when W/
RA is HIGH.
W/RB
Port-BWrite/
I
A LOW selects a write operation and a HIGH selects a read operation on Port B for a LOW-to-HIGH transition of
Read Select
CLKB. The B0-B35 outputs are in the HIGH impedance state when
W/RB is LOW.
PIN DESCRIPTIONS (CONTINUED)


Similar Part No. - IDT72V3624

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V3624 IDT-IDT72V3624 Datasheet
285Kb / 34P
   3.3 VOLT CMOS SyncBiFIFO
logo
Renesas Technology Corp
IDT72V3624 RENESAS-IDT72V3624 Datasheet
446Kb / 35P
   3.3 VOLT CMOS SyncBiFIFOTM WITH BUS-MATCHING 256 x 36 x 2 1,024 x 36 x 2
MARCH 2018
logo
Integrated Device Techn...
IDT72V3624 IDT-IDT72V3624_15 Datasheet
285Kb / 34P
   3.3 VOLT CMOS SyncBiFIFO
More results

Similar Description - IDT72V3624

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V3622 IDT-IDT72V3622 Datasheet
217Kb / 29P
   3.3 VOLT CMOS SyncBiFIFO 256 x 36 x 2 512 x 36 x 2 1,024 x 36 x 2
IDT72V3626 IDT-IDT72V3626 Datasheet
329Kb / 36P
   3.3 VOLT CMOS TRIPLE BUS SyncFIFO WITH BUS-MATCHING 256 x 36 x 2, 512 x 36 x 2, 1,024 x 36 x 2
logo
Renesas Technology Corp
IDT72V3626 RENESAS-IDT72V3626 Datasheet
742Kb / 37P
   3.3 VOLT CMOS TRIPLE BUS SyncFIFOTM WITH BUS-MATCHING 256 x 36 x 2, 512 x 36 x 2, 1,024 x 36 x 2
FEBRUARY 2009
IDT72V3624 RENESAS-IDT72V3624 Datasheet
446Kb / 35P
   3.3 VOLT CMOS SyncBiFIFOTM WITH BUS-MATCHING 256 x 36 x 2 1,024 x 36 x 2
MARCH 2018
IDT72V3622 RENESAS-IDT72V3622 Datasheet
385Kb / 30P
   3.3 VOLT CMOS SyncBiFIFOTM 256 x 36 x 2 512 x 36 x 2 1,024 x 36 x 2
FEBRUARY 2015
IDT723626 RENESAS-IDT723626 Datasheet
404Kb / 36P
   CMOS TRIPLE BUS SyncFIFOTM WITH BUS-MATCHING 256 x 36 x 2, 512 x 36 x 2 1,024 x 36 x 2
MARCH 2018
logo
Integrated Device Techn...
IDT72V3623 IDT-IDT72V3623 Datasheet
289Kb / 28P
   3.3 VOLT CMOS SyncFIFO WITH BUS-MATCHING 256 x 36, 512 x 36, 1,024 x 36
logo
Renesas Technology Corp
IDT723622 RENESAS-IDT723622 Datasheet
370Kb / 25P
   CMOS SyncBiFIFOTM 256 x 36 x 2, 512 x 36 x 2, 1,024 x 36 x 2
FEBRUARY 2015
logo
Jinan Gude Electronic D...
IDT723623 JGD-IDT723623 Datasheet
286Kb / 28P
   CMOS BUS-MATCHING SyncFIFOTM 256 x 36, 512 x 36, 1,024 x 36
logo
Renesas Technology Corp
IDT72V3623 RENESAS-IDT72V3623 Datasheet
365Kb / 29P
   3.3 VOLT CMOS SyncFIFOTM WITH BUS-MATCHING 256 x 36 1,024 x 36
MARCH 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com