Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74HC4017 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # 74HC4017
Description  Johnson decade counter with 10 decoded outputs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC4017 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button 74HC4017 Datasheet HTML 4Page - NXP Semiconductors 74HC4017 Datasheet HTML 5Page - NXP Semiconductors 74HC4017 Datasheet HTML 6Page - NXP Semiconductors 74HC4017 Datasheet HTML 7Page - NXP Semiconductors 74HC4017 Datasheet HTML 8Page - NXP Semiconductors 74HC4017 Datasheet HTML 9Page - NXP Semiconductors 74HC4017 Datasheet HTML 10Page - NXP Semiconductors 74HC4017 Datasheet HTML 11Page - NXP Semiconductors 74HC4017 Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
December 1990
9
Philips Semiconductors
Product specification
Johnson decade counter with 10 decoded outputs
74HC/HCT4017
AC CHARACTERISTICS FOR 74HCT
GND = 0 V; tr =tf = 6 ns; CL = 50 pF
SYMBOL
PARAMETER
Tamb (°C)
UNIT
TEST CONDITIONS
74HCT
VCC
(V)
WAVEFORMS
+25
−40 to+85
−40 to+125
min.
typ.
max
.
min.
max.
min.
max.
tPHL/ tPLH
propagation delay
CP0 to Qn
25
46
58
69
ns
4.5
Fig.9
tPHL/ tPLH
propagation delay
CP0 to Q5-9
25
46
58
69
ns
4.5
Fig.9
tPHL/ tPLH
propagation delay
CP1 to Qn
25
50
63
75
ns
4.5
Fig.9
tPHL/ tPLH
propagation delay
CP1 to Q5-9
25
50
63
75
ns
4.5
Fig.9
tPHL
propagation delay
MR to Q1−9
22
46
58
69
ns
4.5
Fig.8
tPLH
propagation delay
MR to Q5−9, Q0
20
46
58
69
ns
4.5
Fig.8
tTHL/ tTLH
output transition time
7
15
19
22
ns
4.5
Fig.9
tW
clock pulse width
HIGH or LOW
16
7
20
24
ns
4.5
Fig.8
tW
master reset pulse
width; HIGH
16
4
20
24
ns
4.5
Fig.8
trem
removal time
MR to CP0, CP1
5
−5
5
5
ns
4.5
Fig.8
tsu
set-up time
CP1 to CP0;
CP0 to CP1
10
−3
13
15
ns
4.5
Fig.7
th
hold time
CP0 to CP1;
CP1 to CP0
10
6
13
15
ns
4.5
Fig.7
fmax
maximum clock pulse
frequency
30
61
24
20
ns
4.5
Fig.8


Similar Part No. - 74HC4017

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC4017 NXP-74HC4017 Datasheet
132Kb / 23P
   Johnson decade counter with 10 decoded outputs
Rev. 03-8 January 2008
logo
Nexperia B.V. All right...
74HC4017 NEXPERIA-74HC4017 Datasheet
310Kb / 20P
   Johnson decade counter with 10 decoded outputs
Rev. 7 - 10 May 2021
74HC4017-Q100 NEXPERIA-74HC4017-Q100 Datasheet
757Kb / 22P
   Johnson decade counter with 10 decoded outputs
logo
NXP Semiconductors
74HC4017BQ NXP-74HC4017BQ Datasheet
132Kb / 23P
   Johnson decade counter with 10 decoded outputs
Rev. 03-8 January 2008
logo
Nexperia B.V. All right...
74HC4017BQ NEXPERIA-74HC4017BQ Datasheet
310Kb / 20P
   Johnson decade counter with 10 decoded outputs
Rev. 7 - 10 May 2021
More results

Similar Description - 74HC4017

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74HC4017-Q100 NEXPERIA-74HC4017-Q100 Datasheet
757Kb / 22P
   Johnson decade counter with 10 decoded outputs
logo
NXP Semiconductors
74HC4017 NXP-74HC4017 Datasheet
132Kb / 23P
   Johnson decade counter with 10 decoded outputs
Rev. 03-8 January 2008
logo
Nexperia B.V. All right...
74HCT4017 NEXPERIA-74HCT4017 Datasheet
310Kb / 20P
   Johnson decade counter with 10 decoded outputs
Rev. 7 - 10 May 2021
logo
STMicroelectronics
HCF4017B STMICROELECTRONICS-HCF4017B Datasheet
377Kb / 11P
   DECADE COUNTER WITH 10 DECODED OUTPUTS
logo
National Semiconductor ...
MM54HC4017 NSC-MM54HC4017 Datasheet
126Kb / 6P
   Decade Counter/Divider with 10 Decoded Outputs
logo
Micro Electronics
MMC4017 MICRO-ELECTRONICS-MMC4017 Datasheet
160Kb / 6P
   COUNTER/ DIVIDERS : 4017 DECADE COUNTER WITH 10 DECODED OUTPUTS
logo
Fairchild Semiconductor
CD4017BC FAIRCHILD-CD4017BC Datasheet
77Kb / 7P
   Decade Counter/Divider with 10 Decoded Outputs . Divide-by-8 Counter/Divider with 8 Decoded Outputs
CD4017BC FAIRCHILD-CD4017BC_04 Datasheet
79Kb / 7P
   Decade Counter/Divider with 10 Decoded Outputs Divide-by-8 Counter/Divider with 8 Decoded Outputs
logo
National Semiconductor ...
CD4017BM NSC-CD4017BM Datasheet
165Kb / 8P
   Decade Counter/Divider with 10 Decoded Outputs, Divide-by-8 Counter/Divider with 8 Decoded Outputs
logo
Fairchild Semiconductor
CD4017BC FAIRCHILD-CD4017BC_V01 Datasheet
81Kb / 7P
   Decade Counter/Divider with 10 Decoded Outputs • Divide-by-8 Counter/Divider with 8 Decoded Outputs
Revised January 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com