Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MNDS90LV031A-X Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MNDS90LV031A-X
Description  3V LVDS Quad CMOS Differential Line Driver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MNDS90LV031A-X Datasheet(HTML) 3 Page - National Semiconductor (TI)

  MNDS90LV031A-X Datasheet HTML 1Page - National Semiconductor (TI) MNDS90LV031A-X Datasheet HTML 2Page - National Semiconductor (TI) MNDS90LV031A-X Datasheet HTML 3Page - National Semiconductor (TI) MNDS90LV031A-X Datasheet HTML 4Page - National Semiconductor (TI) MNDS90LV031A-X Datasheet HTML 5Page - National Semiconductor (TI) MNDS90LV031A-X Datasheet HTML 6Page - National Semiconductor (TI) MNDS90LV031A-X Datasheet HTML 7Page - National Semiconductor (TI) MNDS90LV031A-X Datasheet HTML 8Page - National Semiconductor (TI) MNDS90LV031A-X Datasheet HTML 9Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
MICROCIRCUIT DATA SHEET
MNDS90LV031A-X REV 1C0
(Absolute Maximum Ratings)
(Note 1)
Supply Voltage (Vcc)
-0.3 to +4V
Input Voltage (Din)
-0.3 to (Vcc+0.3V)
Enable Input Voltage (EN, EN*)
-0.3 to (Vcc+0.3V)
Output Voltage (Dout+, Dout-)
-0.3 to +3.9V
Storage Temperature Range
-65C to +150C
Lead Temperature Soldering (4 sec)
260C
ESD Rating.
6000 Volts.
Maximum Junction Temperature
+150C
Maximum Power Dissipation @ +25C
(Note 2)
845mW
16 PIN CERPAK (W Pkg)
845mW
16 PIN CERAMIC SOIC (WG Pkg)
Thermal Resistance. (Theta JA)
148C/W
16 PIN CERPAK (W Pkg)
148C/W
16 PIN CERAMIC SOIC (WG Pkg)
Thermal Resistance. (Theta JC)
22C/W
16 PIN CERPAK (W Pkg)
22C/W
16 PIN CERAMIC SOIC (WG Pkg)
Note 1:
Absolute Maximum Ratings are those values beyond which the safety of the device
cannot be guaranteed.
They are not meant to imply that the device should be operated
at these limits.
The table of "Electrical Characteristics" provides conditions for
actual device operation.
Note 2:
Derate (W & WG Pkgs) at 6.8mW/C for temperatures above +25C.
Recommended Operating Conditions
Supply Voltage
3.0 to 3.6V
Operating Free Air Temperature
-55 to +125 C
3


Similar Part No. - MNDS90LV031A-X

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MNDS90C032-X-RH NSC-MNDS90C032-X-RH Datasheet
281Kb / 10P
   LVDS Quad CMOS Differential Line Receiver
More results

Similar Description - MNDS90LV031A-X

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90LV031B NSC-DS90LV031B_05 Datasheet
545Kb / 9P
   3V LVDS Quad CMOS Differential Line Driver
DS90LV031A NSC-DS90LV031A Datasheet
181Kb / 11P
   3V LVDS Quad CMOS Differential Line Driver
DS90LV031B NSC-DS90LV031B Datasheet
163Kb / 10P
   3V LVDS Quad CMOS Differential Line Driver
logo
Texas Instruments
DS90LV031AQML TI1-DS90LV031AQML_14 Datasheet
347Kb / 15P
[Old version datasheet]   3V LVDS Quad CMOS Differential Line Driver
logo
National Semiconductor ...
DS90LV047A NSC-DS90LV047A Datasheet
268Kb / 12P
   3V LVDS Quad CMOS Differential Line Driver
logo
STMicroelectronics
STLVDS47 STMICROELECTRONICS-STLVDS47 Datasheet
189Kb / 10P
   3V LVDS QUAD CMOS DIFFERENTIAL LINE DRIVER
December 2002
logo
National Semiconductor ...
DS90LV047A NSC-DS90LV047A_03 Datasheet
322Kb / 13P
   3V LVDS Quad CMOS Differential Line Driver
logo
Texas Instruments
DS90LV047ATMX TI-DS90LV047ATMX Datasheet
1Mb / 21P
[Old version datasheet]   DS90LV047A 3V LVDS Quad CMOS Differential Line Driver
DS90LV031AQML TI1-DS90LV031AQML Datasheet
249Kb / 14P
[Old version datasheet]   DS90LV031AQML 3V LVDS Quad CMOS Differential Line Driver
DS90LV031ATM-NOPB TI-DS90LV031ATM-NOPB Datasheet
912Kb / 19P
[Old version datasheet]   DS90LV031A 3V LVDS Quad CMOS Differential Line Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com