Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74HC377 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74HC377
Description  Octal D-type flip-flop with data enable; positive-edge trigger
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC377 Datasheet(HTML) 2 Page - NXP Semiconductors

  74HC377 Datasheet HTML 1Page - NXP Semiconductors 74HC377 Datasheet HTML 2Page - NXP Semiconductors 74HC377 Datasheet HTML 3Page - NXP Semiconductors 74HC377 Datasheet HTML 4Page - NXP Semiconductors 74HC377 Datasheet HTML 5Page - NXP Semiconductors 74HC377 Datasheet HTML 6Page - NXP Semiconductors 74HC377 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
December 1990
2
Philips Semiconductors
Product specification
Octal D-type flip-flop with data enable;
positive-edge trigger
74HC/HCT377
FEATURES
• Ideal for addressable register applications
• Data enable for address and data synchronization
applications
• Eight positive-edge triggered D-type flip-flops
• See “273” for master reset version
• See “373” for transparent latch version
• See “374” for 3-state version
• Output capability: standard
• ICC category: MSI
GENERAL DESCRIPTION
The 74HC/HCT377 are high-speed Si-gate CMOS devices
and are pin compatible with low power Schottky TTL
(LSTTL). They are specified in compliance with JEDEC
standard no. 7A.
The 74HC/HCT377 have eight edge-triggered, D-type
flip-flops with individual D inputs and Q outputs. A common
clock (CP) input loads all flip-flops simultaneously when
the data enable (E) is LOW. The state of each D input, one
set-up time before the LOW-to-HIGH clock transition, is
transferred to the corresponding output (Qn) of the flip-flop.
The E input must be stable only one set-up time prior to the
LOW-to-HIGH transition for predictable operation.
QUICK REFERENCE DATA
GND = 0 V; Tamb =25 °C; tr =tf = 6 ns
Notes
1. CPD is used to determine the dynamic power dissipation (PD in µW):
PD =CPD × VCC2 × fi +∑ (CL × VCC2 × fo) where:
fi = input frequency in MHz
fo = output frequency in MHz
∑ (CL × VCC2 × fo) = sum of outputs
CL = output load capacitance in pF
VCC = supply voltage in V
2. For HC the condition is VI = GND to VCC
For HCT the condition is VI = GND to VCC − 1.5 V
ORDERING INFORMATION
See
“74HC/HCT/HCU/HCMOS Logic Package Information”.
SYMBOL
PARAMETER
CONDITIONS
TYPICAL
UNIT
HC
HCT
tPHL/ tPLH
propagation delay CP to Qn
CL = 15 pF; VCC = 5 V
13
14
ns
fmax
maximum clock frequency
77
53
MHz
CI
input capacitance
3.5
3.5
pF
CPD
power dissipation capacitance per flip-flop
notes 1 and 2
20
20
pF


Similar Part No. - 74HC377

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
74HC377 ETC1-74HC377 Datasheet
219Kb / 5P
   OCTAL D-TYPE FLIP-FLOP WITH DATA ENABLE POSITIVE EDGE TRIGGER
logo
Nexperia B.V. All right...
74HC377 NEXPERIA-74HC377 Datasheet
256Kb / 15P
   Octal D-type flip-flop with data enable; positive-edge trigger
Rev. 5 - 25 February 2021
74HC377-Q100 NEXPERIA-74HC377-Q100 Datasheet
721Kb / 18P
   Octal D-type flip-flop with data enable; positive-edge trigger
74HC377-Q100 NEXPERIA-74HC377-Q100 Datasheet
255Kb / 15P
   Octal D-type flip-flop with data enable; positive-edge trigger
Rev. 2 - 25 February 2021
74HC377D NEXPERIA-74HC377D Datasheet
256Kb / 15P
   Octal D-type flip-flop with data enable; positive-edge trigger
Rev. 5 - 25 February 2021
More results

Similar Description - 74HC377

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC377 PHILIPS-74AHC377 Datasheet
101Kb / 20P
   Octal D-type flip-flop with data enable; positive-edge trigger
2000 Aug 15
logo
Nexperia B.V. All right...
74AHCT377 NEXPERIA-74AHCT377 Datasheet
601Kb / 16P
   Octal D-type flip-flop with data enable; positive-edge trigger
Rev. 02 - 12 June 2008
logo
List of Unclassifed Man...
74HC377 ETC1-74HC377 Datasheet
219Kb / 5P
   OCTAL D-TYPE FLIP-FLOP WITH DATA ENABLE POSITIVE EDGE TRIGGER
logo
Nexperia B.V. All right...
74LVC377 NEXPERIA-74LVC377 Datasheet
236Kb / 12P
   Octal D-type flip-flop with data enable; positive-edge trigger
Rev. 7 - 27 August 2021
logo
NXP Semiconductors
74LV377 PHILIPS-74LV377 Datasheet
114Kb / 12P
   Octal D-type flip-flop with data enable; positive edge-trigger
1998 Jun 10
74HCHCT377 PHILIPS-74HCHCT377 Datasheet
64Kb / 7P
   Octal D-type flip-flop with data enable; positive-edge trigger
December 1990
logo
Nexperia B.V. All right...
74HCT377 NEXPERIA-74HCT377 Datasheet
256Kb / 15P
   Octal D-type flip-flop with data enable; positive-edge trigger
Rev. 5 - 25 February 2021
74AHC377-Q100 NEXPERIA-74AHC377-Q100 Datasheet
744Kb / 17P
   Octal D-type flip-flop with data enable; positive-edge trigger
logo
NXP Semiconductors
74LVC377 PHILIPS-74LVC377 Datasheet
95Kb / 10P
   Octal D-type flip-flop with data enable; positive-edge trigger
1998 Jul 29
74AHC377 NXP-74AHC377_08 Datasheet
100Kb / 16P
   Octal D-type flip-flop with data enable; positive-edge trigger
Rev. 02-12 June 2008
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com