Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VIM82PU-S1V16-2AE-I422M28 Datasheet(PDF) 2 Page - Pepperl+Fuchs Inc.

Part # VIM82PU-S1V16-2AE-I422M28
Description  Vibration sensor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

VIM82PU-S1V16-2AE-I422M28 Datasheet(HTML) 2 Page - Pepperl+Fuchs Inc.

  VIM82PU-S1V16-2AE-I422M28 Datasheet HTML 1Page - Pepperl+Fuchs Inc. VIM82PU-S1V16-2AE-I422M28 Datasheet HTML 2Page - Pepperl+Fuchs Inc. VIM82PU-S1V16-2AE-I422M28 Datasheet HTML 3Page - Pepperl+Fuchs Inc. VIM82PU-S1V16-2AE-I422M28 Datasheet HTML 4Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Technical Data
Measured variable
Vibration velocity
Measurement range
Vibration velocity
v-
rms
0 ... 16 mm/s
Measurement accuracy
± 0.1 mm/s (calibration point: 90% of the measuring range; 159.2 Hz)
Complies with the tolerance requirements of DIN ISO 2954 for measurement range
greater than 8 mm/s
Cross-sensitivity
< 5 % of the partial lateral acceleration, which acts exactly 90° to the measuring axis
Frequency range
10 ... 1000 Hz
Averaging time
for v-rms: 2 s
Functional safety related parameters
Safety Integrity Level (SIL)
SIL 2
Performance level (PL)
PL d
Category
Cat. 2
MTTFd
329 a
Mission Time (TM)
10 a
Diagnostic Coverage (DC)
min. 90 %
Indicators/operating means
Status indicator
6 LEDs for operating states
Control elements
4 rotary switches and 1 push button for programming
Electrical specifications
Fusing
external fuse is required: 3 A , semi-time-lag , 30 V DC
Operating voltage
UB
24 V DC ± 10 %
Current consumption
max. 100 mA
Power consumption
P0
2.6 W
Time delay before availability
tv
15 s (initially self-test functions are executed before safe measured values are
available at the output)
Surge protection
up to 2 kV
Output 1
Output type
relay
Switching function
Normally open (NO)
Switching voltage
max. 30 V DC
Switching current
max. 1 A
Output 2
Output type
relay
Switching function
Normally open (NO)
Switching voltage
max. 30 V DC
Switching current
max. 1 A
Output 3
Output type
analog output, current
output of the vibration variable
Output rated operating current
4 ... 20 mA
Load resistor
≤ 500 Ω
Standard conformity
Degree of protection
DIN EN 60529, IP66, IP67
Shock resistance
DIN EN 60068-2-27, 60 g, 6 ms
Vibration resistance
DIN EN 60068-2-6, 16.5 g, 10 ... 1000 Hz
Functional safety
DIN EN IEC 61508 , SIL 2
EN ISO 13849 , PL d
Approvals and certificates
UL approval
Ordinary Location
E468231 cULus Listed, Class III Power Source and limited energy , if UL marking is
marked on the product. For use in NFPA 70 Applications only.
adapters providing field wiring on request
Maximum permissible ambient temperature
max. 60 °C (max. 140 °F)
Ambient conditions
Vibration sensor
VIM82PU-S1V16-2AE-I422M28
2
Germany: +49 621 776 1111
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com


Similar Part No. - VIM82PU-S1V16-2AE-I422M28

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
VIM82PU-S1V16-2AE-I422C28 PF-VIM82PU-S1V16-2AE-I422C28 Datasheet
973Kb / 4P
Vibration sensor
2022-12-01
VIM82PU-S1V16-2AE-I422K28 PF-VIM82PU-S1V16-2AE-I422K28 Datasheet
937Kb / 4P
Vibration sensor
2022-12-01
More results

Similar Description - VIM82PU-S1V16-2AE-I422M28

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
VIM32PL-E1V16-0RE-I421V14 PF-VIM32PL-E1V16-0RE-I421V14 Datasheet
1Mb / 4P
Vibration sensor
2022-12-05
VIM62PL-E0G10-0ME-I420K24 PF-VIM62PL-E0G10-0ME-I420K24 Datasheet
882Kb / 3P
Vibration sensor
2022-12-01
VIM62PL-E0T16-0ME-I420V14 PF-VIM62PL-E0T16-0ME-I420V14 Datasheet
1Mb / 3P
Vibration sensor
2022-12-05
VIM62PL-E1T16-0ME-I420V14 PF-VIM62PL-E1T16-0ME-I420V14 Datasheet
1Mb / 3P
Vibration sensor
2022-12-05
VIM62PL-E1V16-0ME-I420V14 PF-VIM62PL-E1V16-0ME-I420V14 Datasheet
1Mb / 3P
Vibration sensor
2022-12-05
VIM62PP-E1V16-0HE-I420V14 PF-VIM62PP-E1V16-0HE-I420V14 Datasheet
1Mb / 3P
Vibration sensor
2022-11-16
VIM62PP-E1V16-0NE-I420KA4 PF-VIM62PP-E1V16-0NE-I420KA4 Datasheet
904Kb / 3P
Vibration sensor
2022-12-01
VIM82PL-S1V16-22E-I422V19 PF-VIM82PL-S1V16-22E-I422V19 Datasheet
1Mb / 4P
Vibration sensor
2022-11-21
VIM82PL-S1V16-2CE-I422C28 PF-VIM82PL-S1V16-2CE-I422C28 Datasheet
1,009Kb / 4P
Vibration sensor
2022-12-01
VIM82PU-S1G10-20E-I42WV19 PF-VIM82PU-S1G10-20E-I42WV19 Datasheet
1Mb / 4P
Vibration sensor
2022-12-05
VIM82PU-S1V16-2AE-I422C28 PF-VIM82PU-S1V16-2AE-I422C28 Datasheet
973Kb / 4P
Vibration sensor
2022-12-01
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com