Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VIM62PL-E0T16-0ME-I420V14 Datasheet(PDF) 2 Page - Pepperl+Fuchs Inc.

Part # VIM62PL-E0T16-0ME-I420V14
Description  Vibration sensor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

VIM62PL-E0T16-0ME-I420V14 Datasheet(HTML) 2 Page - Pepperl+Fuchs Inc.

  VIM62PL-E0T16-0ME-I420V14 Datasheet HTML 1Page - Pepperl+Fuchs Inc. VIM62PL-E0T16-0ME-I420V14 Datasheet HTML 2Page - Pepperl+Fuchs Inc. VIM62PL-E0T16-0ME-I420V14 Datasheet HTML 3Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Technical Data
Series
Performance Line
Measured variable
Vibration velocity
Temperature
Measurement range
Vibration velocity
v-
rms
0 ... 16 mm/s
Temperature
-40 ... 125 °C (-40 ... 257 °F)
Measurement accuracy
± 0.1 mm/s (calibration point: 90% of the measuring range; 159.2 Hz)
Complies with the tolerance requirements of DIN ISO 2954 for measurement range
greater than 8 mm/s
Cross-sensitivity
< 5 % of the partial lateral acceleration, which acts exactly 90° to the measuring axis
Frequency range
1 ... 1000 Hz
Averaging time
for v-rms: 12 s
Electrical specifications
Fusing
external fuse is required: 3 A , semi-time-lag , 30 V DC
Operating voltage
UB
Current consumption
max. 50 mA
Power consumption
P0
max. 750 mW
Time delay before availability
tv
10 s (rms filter is calculated intially with measurement data before they are available at
the output)
Surge protection
up to 2 kV
Output 1
Output type
analog output, current
output of the vibration variable
Output rated operating current
4 ... 20 mA
Load resistor
≤ 500 Ω
Output 2
Output type
analog output, current
output of the temperature
Output rated operating current
4 ... 20 mA
Load resistor
≤ 500 Ω
Standard conformity
Degree of protection
DIN EN 60529, IP66, IP67
Shock resistance
DIN EN 60068-2-27, 60 g, 6 ms
Vibration resistance
DIN EN 60068-2-6, 16.5 g, 10 ... 1000 Hz
Approvals and certificates
UL approval
Ordinary Location
E468231 cULus Listed, Class III Power Source and limited energy , if UL marking is
marked on the product. For use in NFPA 70 Applications only.
adapters providing field wiring on request
Maximum permissible ambient temperature
max. 60 °C (max. 140 °F)
Ambient conditions
Ambient temperature
-40 ... 60 °C (-40 ... 140 °F)
Measuring head temperature
-40 ... 125 °C (-40 ... 257 °F) directly at the mounting point
Storage temperature
-40 ... 60 °C (-40 ... 140 °F)
Mechanical specifications
Connection type
plug
Housing material
Stainless steel 1.4305 / AISI 303
Housing length
82.35 mm
Housing diameter
31 mm
Degree of protection
IP66 / IP67 only in connected state
Connector
Threading
M12
Number of pins
4
Mass
approx. 200 g
Vibration sensor
VIM62PL-E0T16-0ME-I420V14
2
Germany: +49 621 776 1111
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com


Similar Part No. - VIM62PL-E0T16-0ME-I420V14

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
VIM62PL-E0G10-0ME-I420K24 PF-VIM62PL-E0G10-0ME-I420K24 Datasheet
882Kb / 3P
Vibration sensor
2022-12-01
VIM62PL-E0G10-0ME-I420V14 PF-VIM62PL-E0G10-0ME-I420V14 Datasheet
1Mb / 3P
Vibration sensor
2022-12-05
More results

Similar Description - VIM62PL-E0T16-0ME-I420V14

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
VIM32PL-E1V16-0RE-I421V14 PF-VIM32PL-E1V16-0RE-I421V14 Datasheet
1Mb / 4P
Vibration sensor
2022-12-05
VIM62PL-E0G10-0ME-I420K24 PF-VIM62PL-E0G10-0ME-I420K24 Datasheet
882Kb / 3P
Vibration sensor
2022-12-01
VIM62PL-E1T16-0ME-I420V14 PF-VIM62PL-E1T16-0ME-I420V14 Datasheet
1Mb / 3P
Vibration sensor
2022-12-05
VIM62PL-E1V16-0ME-I420V14 PF-VIM62PL-E1V16-0ME-I420V14 Datasheet
1Mb / 3P
Vibration sensor
2022-12-05
VIM62PP-E1V16-0HE-I420V14 PF-VIM62PP-E1V16-0HE-I420V14 Datasheet
1Mb / 3P
Vibration sensor
2022-11-16
VIM62PP-E1V16-0NE-I420KA4 PF-VIM62PP-E1V16-0NE-I420KA4 Datasheet
904Kb / 3P
Vibration sensor
2022-12-01
VIM82PL-S1V16-22E-I422V19 PF-VIM82PL-S1V16-22E-I422V19 Datasheet
1Mb / 4P
Vibration sensor
2022-11-21
VIM82PL-S1V16-2CE-I422C28 PF-VIM82PL-S1V16-2CE-I422C28 Datasheet
1,009Kb / 4P
Vibration sensor
2022-12-01
VIM82PU-S1G10-20E-I42WV19 PF-VIM82PU-S1G10-20E-I42WV19 Datasheet
1Mb / 4P
Vibration sensor
2022-12-05
VIM82PU-S1V16-2AE-I422C28 PF-VIM82PU-S1V16-2AE-I422C28 Datasheet
973Kb / 4P
Vibration sensor
2022-12-01
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com