Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VIM62PL-E0T16-0ME-I420V14 Datasheet(PDF) 1 Page - Pepperl+Fuchs Inc.

Part # VIM62PL-E0T16-0ME-I420V14
Description  Vibration sensor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

VIM62PL-E0T16-0ME-I420V14 Datasheet(HTML) 1 Page - Pepperl+Fuchs Inc.

  VIM62PL-E0T16-0ME-I420V14 Datasheet HTML 1Page - Pepperl+Fuchs Inc. VIM62PL-E0T16-0ME-I420V14 Datasheet HTML 2Page - Pepperl+Fuchs Inc. VIM62PL-E0T16-0ME-I420V14 Datasheet HTML 3Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Vibration sensor
VIM62PL-E0T16-0ME-I420V14
< Extended temperature range
< Screw-in thread for simple installation
< Simple electrical commissioning
< Rugged stainless steel housing
< Detection of low frequency vibrations
< Additional output with measured temperature value
< Vibration velocity in mm/s via root mean square formation (rms)
Vibration sensor with analog current output and increased temperature resistance
Function
The vibration sensor determines the vibration quantity using rms (root meas square) averaging. This form of quadratic averaging or pre-filtering
enables precise trend statements about the condition of the application.
Furthermore, the vibration sensor has an additional output for the output of the measured temperature value.
The sensor’s design is impressively robust against tough environmental conditions.
The stainless steel housing provides optimal protection against corrosion. The wide temperature range of the sensor enables reliable measured
values even in harsh conditions.
The simple mounting allows for commissioning in any application.
Dimensions
ø 31
M8
M12
24
Tightening torque sensor
8 Nm
Max. tightening torque for
union nut of the connector
0.4 Nm
Technical Data
General specifications
Type
Vibration sensor
Measuring technology
MEMS
1
Germany: +49 621 776 1111
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com


Similar Part No. - VIM62PL-E0T16-0ME-I420V14

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
VIM62PL-E0G10-0ME-I420K24 PF-VIM62PL-E0G10-0ME-I420K24 Datasheet
882Kb / 3P
Vibration sensor
2022-12-01
VIM62PL-E0G10-0ME-I420V14 PF-VIM62PL-E0G10-0ME-I420V14 Datasheet
1Mb / 3P
Vibration sensor
2022-12-05
More results

Similar Description - VIM62PL-E0T16-0ME-I420V14

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
VIM32PL-E1V16-0RE-I421V14 PF-VIM32PL-E1V16-0RE-I421V14 Datasheet
1Mb / 4P
Vibration sensor
2022-12-05
VIM62PL-E0G10-0ME-I420K24 PF-VIM62PL-E0G10-0ME-I420K24 Datasheet
882Kb / 3P
Vibration sensor
2022-12-01
VIM62PL-E1T16-0ME-I420V14 PF-VIM62PL-E1T16-0ME-I420V14 Datasheet
1Mb / 3P
Vibration sensor
2022-12-05
VIM62PL-E1V16-0ME-I420V14 PF-VIM62PL-E1V16-0ME-I420V14 Datasheet
1Mb / 3P
Vibration sensor
2022-12-05
VIM62PP-E1V16-0HE-I420V14 PF-VIM62PP-E1V16-0HE-I420V14 Datasheet
1Mb / 3P
Vibration sensor
2022-11-16
VIM62PP-E1V16-0NE-I420KA4 PF-VIM62PP-E1V16-0NE-I420KA4 Datasheet
904Kb / 3P
Vibration sensor
2022-12-01
VIM82PL-S1V16-22E-I422V19 PF-VIM82PL-S1V16-22E-I422V19 Datasheet
1Mb / 4P
Vibration sensor
2022-11-21
VIM82PL-S1V16-2CE-I422C28 PF-VIM82PL-S1V16-2CE-I422C28 Datasheet
1,009Kb / 4P
Vibration sensor
2022-12-01
VIM82PU-S1G10-20E-I42WV19 PF-VIM82PU-S1G10-20E-I42WV19 Datasheet
1Mb / 4P
Vibration sensor
2022-12-05
VIM82PU-S1V16-2AE-I422C28 PF-VIM82PU-S1V16-2AE-I422C28 Datasheet
973Kb / 4P
Vibration sensor
2022-12-01
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com