Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VIM62PL-E0T16-0ME-I420V14 Datasheet(PDF) 3 Page - Pepperl+Fuchs Inc.

Part # VIM62PL-E0T16-0ME-I420V14
Description  Vibration sensor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

VIM62PL-E0T16-0ME-I420V14 Datasheet(HTML) 3 Page - Pepperl+Fuchs Inc.

  VIM62PL-E0T16-0ME-I420V14 Datasheet HTML 1Page - Pepperl+Fuchs Inc. VIM62PL-E0T16-0ME-I420V14 Datasheet HTML 2Page - Pepperl+Fuchs Inc. VIM62PL-E0T16-0ME-I420V14 Datasheet HTML 3Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Connection
L+
L-
2
3
4
1
4 ... 20 mA
4 ... 20 mA
Vibration variable
Temperature
Connection Assignment
1
3
4
2
Installation
Further Documentation
The sensor manual is also available as detailed overall documentation. Among other things, installation, grounding concepts and mounting are
described there in detail.
You can access the manual via the product detail page at www.pepperl-fuchs.com.
Note
The correct electrical connection and the selection of the appropriate grounding concept are crucial for malfunction-free operation of the sensor.
For detailed information you may refer to the manual of the sensor.
Accessories
V1-G-3M-PUR-ABG0
Female cordset single-ended M12 straight A-coded, 4-pin, PUR cable grey, shielded
MONAD-
M08-1,25-M08-1,25K/368
Mounting adapter for VIM3*/VIM6*/VIM8* vibration sensors, internal thread M8 x 1.25 x 10, external
thread M8 x 1.25, screw-in depth 19.5
MONAD-
M08-1,25-M10-1,5/36
Mounting adapter for VIM3*/VIM6* vibration sensors, internal thread M8 x 1.25 x 10, external thread M10
x 1.5, screw-in depth 18
MONAD-
M08-1,25-M30-3,5/368
Mounting adapter for VIM3*/VIM6*/VIM8* vibration sensors, internal thread M8 x 1.25 x 10, external
thread M30 x 3.5, screw-in depth 45
MONAD-M08-1,25-1,2Z-
BSPT/36
Mounting adapter for VIM3*/VIM6* vibration sensors, internal thread M8 x 1.25 x 10, external thread
NPT1/2", screw-in depth 24
EMCAD-
M08-1,25-M08-1,25/36
EMC adapter for VIM3*/VIM6* vibration sensors, internal thread M8 x 1.25 x 10, external thread M10 x
1.25, screw-in depth 18
V1-G-BK5M-PUR-
U/ABG0
Female cordset single-ended M12 straight A-coded, 4-pin, PUR cable black, shielded, UL approved,
drag chain suitable
Vibration sensor
VIM62PL-E0T16-0ME-I420V14
3
Germany: +49 621 776 1111
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com


Similar Part No. - VIM62PL-E0T16-0ME-I420V14

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
VIM62PL-E0G10-0ME-I420K24 PF-VIM62PL-E0G10-0ME-I420K24 Datasheet
882Kb / 3P
Vibration sensor
2022-12-01
VIM62PL-E0G10-0ME-I420V14 PF-VIM62PL-E0G10-0ME-I420V14 Datasheet
1Mb / 3P
Vibration sensor
2022-12-05
More results

Similar Description - VIM62PL-E0T16-0ME-I420V14

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
VIM32PL-E1V16-0RE-I421V14 PF-VIM32PL-E1V16-0RE-I421V14 Datasheet
1Mb / 4P
Vibration sensor
2022-12-05
VIM62PL-E0G10-0ME-I420K24 PF-VIM62PL-E0G10-0ME-I420K24 Datasheet
882Kb / 3P
Vibration sensor
2022-12-01
VIM62PL-E1T16-0ME-I420V14 PF-VIM62PL-E1T16-0ME-I420V14 Datasheet
1Mb / 3P
Vibration sensor
2022-12-05
VIM62PL-E1V16-0ME-I420V14 PF-VIM62PL-E1V16-0ME-I420V14 Datasheet
1Mb / 3P
Vibration sensor
2022-12-05
VIM62PP-E1V16-0HE-I420V14 PF-VIM62PP-E1V16-0HE-I420V14 Datasheet
1Mb / 3P
Vibration sensor
2022-11-16
VIM62PP-E1V16-0NE-I420KA4 PF-VIM62PP-E1V16-0NE-I420KA4 Datasheet
904Kb / 3P
Vibration sensor
2022-12-01
VIM82PL-S1V16-22E-I422V19 PF-VIM82PL-S1V16-22E-I422V19 Datasheet
1Mb / 4P
Vibration sensor
2022-11-21
VIM82PL-S1V16-2CE-I422C28 PF-VIM82PL-S1V16-2CE-I422C28 Datasheet
1,009Kb / 4P
Vibration sensor
2022-12-01
VIM82PU-S1G10-20E-I42WV19 PF-VIM82PU-S1G10-20E-I42WV19 Datasheet
1Mb / 4P
Vibration sensor
2022-12-05
VIM82PU-S1V16-2AE-I422C28 PF-VIM82PU-S1V16-2AE-I422C28 Datasheet
973Kb / 4P
Vibration sensor
2022-12-01
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com