Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74HC245 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # 74HC245
Description  Octal bus transceiver; 3-state
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC245 Datasheet(HTML) 1 Page - NXP Semiconductors

  74HC245 Datasheet HTML 1Page - NXP Semiconductors 74HC245 Datasheet HTML 2Page - NXP Semiconductors 74HC245 Datasheet HTML 3Page - NXP Semiconductors 74HC245 Datasheet HTML 4Page - NXP Semiconductors 74HC245 Datasheet HTML 5Page - NXP Semiconductors 74HC245 Datasheet HTML 6Page - NXP Semiconductors 74HC245 Datasheet HTML 7Page - NXP Semiconductors 74HC245 Datasheet HTML 8Page - NXP Semiconductors 74HC245 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
1.
General description
The 74HC245; 74HCT245 is a high-speed Si-gate CMOS device and is pin compatible
with Low-Power Schottky TTL (LSTTL).
The 74HC245; 74HCT245 is an octal transceiver featuring non-inverting 3-state bus
compatible outputs in both send and receive directions. The 74HC245; 74HCT245
features an output enable input (OE) for easy cascading and a send/receive input (DIR)
for direction control. OE controls the outputs so that the buses are effectively isolated.
The 74HC245; 74HCT245 is similar to the 74HC640; 74HCT640 but has true
(non-inverting) outputs.
2.
Features
s Octal bidirectional bus interface
s Non-inverting 3-state outputs
s Multiple package options
s Complies with JEDEC standard no. 7A
s ESD protection:
x HBM EIA/JESD22-A114-B exceeds 2000 V
x MM EIA/JESD22-A115-A exceeds 200 V
s Specified from
−40 °Cto+85 °C and from −40 °C to +125 °C
3.
Quick reference data
74HC245; 74HCT245
Octal bus tranceiver; 3-state
Rev. 03 — 31 January 2005
Product data sheet
Table 1:
Quick reference data
GND = 0 V; Tamb =25 °C; tr =tf = 6 ns.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Type 74HC245
tPHL, tPLH
propagation delay
An to Bn or Bn to An
CL =15pF;
VCC =5V
-7
-ns
CI
input capacitance
-
3.5
-
pF
CI/O
input/output capacitance
-
10
-
pF
CPD
power dissipation
capacitance per
transceiver
VI = GND to VCC
[1] -30
-
pF
Type 74HCT245
tPHL, tPLH
propagation delay
An to Bn or Bn to An
CL =15pF;
VCC =5V
-10
-
ns


Similar Part No. - 74HC245

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74HC245 ONSEMI-74HC245 Datasheet
127Kb / 8P
   Octal 3?뭆tate Noninverting Bus Transceiver
March, 2007 ??Rev. 1
logo
Shenzhen Putianhe Techn...
74HC245 PTH-74HC245 Datasheet
326Kb / 8P
   8bit CMOS
logo
SHENZHEN FUMAN ELECTRON...
74HC245 FUMAN-74HC245 Datasheet
261Kb / 6P
   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
logo
Nexperia B.V. All right...
74HC245 NEXPERIA-74HC245 Datasheet
264Kb / 15P
   Octal bus transceiver; 3-state
Rev. 6 - 6 September 2021
74HC245-Q100 NEXPERIA-74HC245-Q100 Datasheet
735Kb / 20P
   Octal bus tranceiver; 3-state
More results

Similar Description - 74HC245

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
DM74ALS245A FAIRCHILD-DM74ALS245A Datasheet
73Kb / 6P
   Octal 3-STATE Bus Transceiver
logo
STMicroelectronics
74VHCT245A STMICROELECTRONICS-74VHCT245A Datasheet
68Kb / 9P
   OCTAL BUS TRANSCEIVER 3-STATE
74ACT245 STMICROELECTRONICS-74ACT245 Datasheet
70Kb / 9P
   OCTAL BUS TRANSCEIVER 3-STATE
April 2001
logo
NXP Semiconductors
74ALVC245 PHILIPS-74ALVC245_15 Datasheet
100Kb / 14P
   Octal bus transceiver; 3-state
Rev. 02-7 January 2008
logo
Toshiba Semiconductor
TC74HCT245AP TOSHIBA-TC74HCT245AP_07 Datasheet
236Kb / 7P
   Octal Bus Transceiver (3-state)
logo
Integral Corp.
IN74ACT643 INTEGRAL-IN74ACT643 Datasheet
195Kb / 5P
   OCTAL 3-STATE BUS TRANSCEIVER
logo
NXP Semiconductors
74LVC245A NXP-74LVC245A Datasheet
122Kb / 17P
   Octal bus transceiver; 3-state
Rev. 05-25 August 2009
logo
Nexperia B.V. All right...
74LVC245A-Q100 NEXPERIA-74LVC245A-Q100 Datasheet
263Kb / 15P
   Octal bus transceiver; 3-state
Rev. 4 - 5 August 2020
74VHCT245 NEXPERIA-74VHCT245 Datasheet
607Kb / 16P
   Octal bus transceiver; 3-state
Rev. 01 - 25 August 2009
74LVC245A NEXPERIA-74LVC245A Datasheet
289Kb / 16P
   Octal bus transceiver; 3-state
Rev. 12 - 16 September 2021
74ALVC245 NEXPERIA-74ALVC245 Datasheet
252Kb / 14P
   Octal bus transceiver; 3-state
Rev. 3 - 30 April 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com