Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSDL-3601 Datasheet(PDF) 29 Page - Agilent(Hewlett-Packard)

Part # HSDL-3601
Description  IrDA Compliant 4 Mb/s 5 V Infrared Transceiver
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HSDL-3601 Datasheet(HTML) 29 Page - Agilent(Hewlett-Packard)

Back Button HSDL-3601 Datasheet HTML 23Page - Agilent(Hewlett-Packard) HSDL-3601 Datasheet HTML 24Page - Agilent(Hewlett-Packard) HSDL-3601 Datasheet HTML 25Page - Agilent(Hewlett-Packard) HSDL-3601 Datasheet HTML 26Page - Agilent(Hewlett-Packard) HSDL-3601 Datasheet HTML 27Page - Agilent(Hewlett-Packard) HSDL-3601 Datasheet HTML 28Page - Agilent(Hewlett-Packard) HSDL-3601 Datasheet HTML 29Page - Agilent(Hewlett-Packard) HSDL-3601 Datasheet HTML 30Page - Agilent(Hewlett-Packard) HSDL-3601 Datasheet HTML 31Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 29 / 31 page
background image
29
(B) HSDL-3601
Interoperability with National
Semiconductor PC97338VJG
SIO Evaluation Report
Introduction
The objective of this report is to
demonstrate the interoperability
of the HSDL-3601 IR transceiver
IR module as wireless
communication ports at the speed
of 2.4 kb/s - 4 Mb/s with NS’s
PC97338VJG Super I/O under
typical operating conditions.
Test Procedures
1. Two PC97338VJG evaluation
boards were connected to the
ISA Bus of two PCs (Pentium
200 MHz) running Microsoft’s
DOS operating system. One
system with an HSDL-3601 IR
transceiver connected to
the PC97338VJG evaluation
board will act as the master
device. Another system with
an HSDL-3601 IR transceiver
connected to the PC97338VJG
will act as the slave device
(i.e. Device Under Test).
2. The test software used in
this interoperability test
is provided by National
Semiconductor. A file size of
1.7M byte from the master
device, with the PC97338VJG
performing the framing,
encoding is transmitted to the
slave device. The slave device,
with the PC97338VJG
performing the decoding, and
CRC checksum, will receive
the file. The file is then
checked for error by
comparing the received file
with the original file using
the DOS “fc” command.
3. The link distance is measured
by adjusting the distance
between the master and
slave for errorless data
communications.
Functional Block Diagram
TXD (9)
MD0 (4)
MD1 (5)
RXD (8)
FIR_SEL (3)
GND (7)
AGND (2)
VCC (1)
LEDA (10)
R1
VCC
SP
HSDL-3601
CX1
CX2
NATIONAL
SEMICONDUCTOR
PC97338VJG
SUPER I/O
IRTX (63)
IRRX1 (65)
IRSL0 (66)
*
*
* MODE GROUND FOR
FULL POWER OPERATION
A0 - A3
RD, WR, CS
D0 - D7
DRQ
DACK, TC
IRQ
HSDL-3601
FUNCTIONAL BLOCK DIAGRAM
14.314 MHz
CLOCK
HSDL-3601
Interoperability with
NS PC97338 Report
(i) Test Conditions
Vcc = 4.75 – 5.25 V
RLED = 6.2
Optical transmitter pulse
width = 125 ns
Mode set to full power
(ii) Test Result
The interoperability test
results show that HSDL-3601
IR transceiver can operate
≥ 1.5 meter link distance
from 4.75 V to 5.25 V with
NS’s PC97338 at any IrDA
1.1 data rate without error.


Similar Part No. - HSDL-3601

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSDL-3600 HP-HSDL-3600 Datasheet
567Kb / 34P
   IrDA Compliant 4 Mb/s 3 V Infrared Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-3600 AVAGO-HSDL-3600 Datasheet
1Mb / 34P
   IrDA짰 Compliant 4 Mb/s 3 V Infrared Transceiver
HSDL-3602 AVAGO-HSDL-3602 Datasheet
424Kb / 27P
   IrDA짰 Data 1.4 Compliant 4 Mb/s 3V Infrared Transceiver
logo
Lite-On Technology Corp...
HSDL-3602 LITEON-HSDL-3602 Datasheet
733Kb / 27P
   IrDA짰 Data 1.4 Compliant 4 Mb/s 3V Infrared Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-3602-007 AVAGO-HSDL-3602-007 Datasheet
424Kb / 27P
   IrDA짰 Data 1.4 Compliant 4 Mb/s 3V Infrared Transceiver
More results

Similar Description - HSDL-3601

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSDL-3600 HP-HSDL-3600 Datasheet
567Kb / 34P
   IrDA Compliant 4 Mb/s 3 V Infrared Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-3600 AVAGO-HSDL-3600 Datasheet
1Mb / 34P
   IrDA짰 Compliant 4 Mb/s 3 V Infrared Transceiver
logo
CITIZEN ELECTRONICS CO....
CIM-86S7B CITIZEN-CIM-86S7B Datasheet
301Kb / 1P
   Infrared IrDA Compliant Transceiver
CIM-131M7 CITIZEN-CIM-131M7 Datasheet
296Kb / 1P
   Infrared IrDA Compliant Transceiver
CIM-51M7 CITIZEN-CIM-51M7 Datasheet
305Kb / 1P
   Infrared IrDA Compliant Transceiver
CIM-150F7RV CITIZEN-CIM-150F7RV Datasheet
300Kb / 1P
   Infrared IrDA Compliant Transceiver
logo
Agilent(Hewlett-Packard...
HSDL-1000 HP-HSDL-1000 Datasheet
159Kb / 10P
   Infrared IrDA Compliant Transceiver
HSDL-1001 HP-HSDL-1001 Datasheet
152Kb / 8P
   Infrared IrDA Compliant Transceiver
logo
CITIZEN ELECTRONICS CO....
CIM-51M7T CITIZEN-CIM-51M7T Datasheet
429Kb / 1P
   Infrared IrDA Compliant Transceiver
CIM-51S12RV CITIZEN-CIM-51S12RV Datasheet
322Kb / 1P
   Infrared IrDA Compliant Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com