Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSDL-3601 Datasheet(PDF) 2 Page - Agilent(Hewlett-Packard)

Part # HSDL-3601
Description  IrDA Compliant 4 Mb/s 5 V Infrared Transceiver
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HSDL-3601 Datasheet(HTML) 2 Page - Agilent(Hewlett-Packard)

  HSDL-3601 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HSDL-3601 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HSDL-3601 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HSDL-3601 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HSDL-3601 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HSDL-3601 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HSDL-3601 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HSDL-3601 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HSDL-3601 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
2
Standard Package
Package Option
Package
Part Number
Increment
Front View
HSDL-3601#007
400
Front View
HSDL-3601#017
10
Top View
HSDL-3601#008
400
Top View
HSDL-3601#018
10
Application Support
Information
The Application Engineering
group in Agilent is available to
assist you with the technical
understanding associated with
HSDL-3601 infrared transceiver
module. You can contact them
through your local sales
representatives for additional
details.
The HSDL-3601 contains a high-
speed and high-efficiency 870 nm
LED, a silicon PIN diode, and
an integrated circuit. The IC
contains an LED driver and a
receiver providing a single
output (RXD) for all data rates
supported.
The HSDL-3601 can be
completely shut down to achieve
very low power consumption. In
the shut down mode, the PIN
diode will be inactive and thus
producing very little photo-
current even under very bright
ambient light. The HSDL–3601
also incorporated the capability
for adjustable optical power. With
two programming pins; MODE 0
and MODE 1, the optical power
output can be adjusted lower when
the nominal desired link distance
is one-third or two-third of the full
IrDA link.
The HSDL-3601 comes in two
package options; the front view
option (HSDL-3601#007/#017),
and the top view option
(HSDL-3601#008/#018). All
options come with integrated
shield that helps to ensure low
EMI emission and high immunity
to EMI field, thus enhancing
reliable performance.
Ordering Information


Similar Part No. - HSDL-3601

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSDL-3600 HP-HSDL-3600 Datasheet
567Kb / 34P
   IrDA Compliant 4 Mb/s 3 V Infrared Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-3600 AVAGO-HSDL-3600 Datasheet
1Mb / 34P
   IrDA짰 Compliant 4 Mb/s 3 V Infrared Transceiver
HSDL-3602 AVAGO-HSDL-3602 Datasheet
424Kb / 27P
   IrDA짰 Data 1.4 Compliant 4 Mb/s 3V Infrared Transceiver
logo
Lite-On Technology Corp...
HSDL-3602 LITEON-HSDL-3602 Datasheet
733Kb / 27P
   IrDA짰 Data 1.4 Compliant 4 Mb/s 3V Infrared Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-3602-007 AVAGO-HSDL-3602-007 Datasheet
424Kb / 27P
   IrDA짰 Data 1.4 Compliant 4 Mb/s 3V Infrared Transceiver
More results

Similar Description - HSDL-3601

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSDL-3600 HP-HSDL-3600 Datasheet
567Kb / 34P
   IrDA Compliant 4 Mb/s 3 V Infrared Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-3600 AVAGO-HSDL-3600 Datasheet
1Mb / 34P
   IrDA짰 Compliant 4 Mb/s 3 V Infrared Transceiver
logo
CITIZEN ELECTRONICS CO....
CIM-86S7B CITIZEN-CIM-86S7B Datasheet
301Kb / 1P
   Infrared IrDA Compliant Transceiver
CIM-131M7 CITIZEN-CIM-131M7 Datasheet
296Kb / 1P
   Infrared IrDA Compliant Transceiver
CIM-51M7 CITIZEN-CIM-51M7 Datasheet
305Kb / 1P
   Infrared IrDA Compliant Transceiver
CIM-150F7RV CITIZEN-CIM-150F7RV Datasheet
300Kb / 1P
   Infrared IrDA Compliant Transceiver
logo
Agilent(Hewlett-Packard...
HSDL-1000 HP-HSDL-1000 Datasheet
159Kb / 10P
   Infrared IrDA Compliant Transceiver
HSDL-1001 HP-HSDL-1001 Datasheet
152Kb / 8P
   Infrared IrDA Compliant Transceiver
logo
CITIZEN ELECTRONICS CO....
CIM-51M7T CITIZEN-CIM-51M7T Datasheet
429Kb / 1P
   Infrared IrDA Compliant Transceiver
CIM-51S12RV CITIZEN-CIM-51S12RV Datasheet
322Kb / 1P
   Infrared IrDA Compliant Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com