Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSDL-3601 Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard)

Part # HSDL-3601
Description  IrDA Compliant 4 Mb/s 5 V Infrared Transceiver
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HSDL-3601 Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard)

  HSDL-3601 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HSDL-3601 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HSDL-3601 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HSDL-3601 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HSDL-3601 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HSDL-3601 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HSDL-3601 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HSDL-3601 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HSDL-3601 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
IrDA® Compliant 4 Mb/s 5 V
Infrared Transceiver
Technical Data
HSDL-3601#007
HSDL-3601#008
Features
• Fully Compliant to IrDA 1.1
Physical Layer Specifications
- 9.6 kb/s to 4 Mb/s operation
• Typical Link Distance
> 1.5 m
• Compatible with ASK, HP-
SIR, and TV Remote
• IEC825-Class 1 Eye Safe
• Low Power Operation
- 4.75 V to 5.25 V
• Small Module Size
- 4.0 x 12.2 x 5.1 mm
(HxWxD)
• Complete Shutdown
- TXD, RXD, PIN diode
• Low Shutdown Current
- 10 nA typical
• Adjustable Optical Power
Management
- Adjustable LED drive-current
to maintain link integrity
• Single Rx Data Output
- Speed select by FIR Select pin
• Integrated EMI Shield
- Excellent noise immunity
• Edge Detection Input
- Prevents the LED from long
turn-on time
• Interface to Various Super
I/O and Controller Devices
• Designed to Accommodate
Light Loss with Cosmetic
Window
• Only 2 External Components
are Required
Applications
• Digital Imaging
- Digital Still Cameras
- Photo-Imaging Printers
• Data Communication
- Notebook Computers
- Desktop PCs
- Win CE Handheld Products
- Personal Digital Assistants
(PDAs)
- Printers
- Fax Machines, Photocopiers
- Screen Projectors
- Auto PCs
- Dongles
- Set-Top Box
• Telecommunication
Products
- Cellular Phones
- Pagers
• Small Industrial & Medical
Instrumentation
- General Data Collection
Devices
- Patient & Pharmaceutical
Data Collection Devices
• IR LANs
Description
The HSDL-3601 is a low-profile
infrared transceiver module that
provides interface between logic
and IR signals for through-air,
serial, half-duplex IR data link.
The module is compliant to
IrDA Data Physical Layer
Specifications 1.1 and IEC825-
Class 1 Eye Safe.
Functional Block Diagram
TXD (9)
MD0 (4)
MD1 (5)
RXD (8)
FIR_SEL (3)
GND (7)
AGND (2)
VCC (1)
R1
VCC
SP
HSDL-3601
CX1
CX2
LEDA (10)


Similar Part No. - HSDL-3601

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSDL-3600 HP-HSDL-3600 Datasheet
567Kb / 34P
   IrDA Compliant 4 Mb/s 3 V Infrared Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-3600 AVAGO-HSDL-3600 Datasheet
1Mb / 34P
   IrDA짰 Compliant 4 Mb/s 3 V Infrared Transceiver
HSDL-3602 AVAGO-HSDL-3602 Datasheet
424Kb / 27P
   IrDA짰 Data 1.4 Compliant 4 Mb/s 3V Infrared Transceiver
logo
Lite-On Technology Corp...
HSDL-3602 LITEON-HSDL-3602 Datasheet
733Kb / 27P
   IrDA짰 Data 1.4 Compliant 4 Mb/s 3V Infrared Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-3602-007 AVAGO-HSDL-3602-007 Datasheet
424Kb / 27P
   IrDA짰 Data 1.4 Compliant 4 Mb/s 3V Infrared Transceiver
More results

Similar Description - HSDL-3601

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSDL-3600 HP-HSDL-3600 Datasheet
567Kb / 34P
   IrDA Compliant 4 Mb/s 3 V Infrared Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-3600 AVAGO-HSDL-3600 Datasheet
1Mb / 34P
   IrDA짰 Compliant 4 Mb/s 3 V Infrared Transceiver
logo
CITIZEN ELECTRONICS CO....
CIM-86S7B CITIZEN-CIM-86S7B Datasheet
301Kb / 1P
   Infrared IrDA Compliant Transceiver
CIM-131M7 CITIZEN-CIM-131M7 Datasheet
296Kb / 1P
   Infrared IrDA Compliant Transceiver
CIM-51M7 CITIZEN-CIM-51M7 Datasheet
305Kb / 1P
   Infrared IrDA Compliant Transceiver
CIM-150F7RV CITIZEN-CIM-150F7RV Datasheet
300Kb / 1P
   Infrared IrDA Compliant Transceiver
logo
Agilent(Hewlett-Packard...
HSDL-1000 HP-HSDL-1000 Datasheet
159Kb / 10P
   Infrared IrDA Compliant Transceiver
HSDL-1001 HP-HSDL-1001 Datasheet
152Kb / 8P
   Infrared IrDA Compliant Transceiver
logo
CITIZEN ELECTRONICS CO....
CIM-51M7T CITIZEN-CIM-51M7T Datasheet
429Kb / 1P
   Infrared IrDA Compliant Transceiver
CIM-51S12RV CITIZEN-CIM-51S12RV Datasheet
322Kb / 1P
   Infrared IrDA Compliant Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com