Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSDL-3209 Datasheet(PDF) 9 Page - Agilent(Hewlett-Packard)

Part # HSDL-3209
Description  IrDA Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HSDL-3209 Datasheet(HTML) 9 Page - Agilent(Hewlett-Packard)

Back Button HSDL-3209 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HSDL-3209 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HSDL-3209 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HSDL-3209 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HSDL-3209 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HSDL-3209 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HSDL-3209 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HSDL-3209 Datasheet HTML 12Page - Agilent(Hewlett-Packard) HSDL-3209 Datasheet HTML 13Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
Recommended Reflow Profile
Process zone P2 should be of
sufficient time duration (60 to
120 seconds) to dry the solder
paste. The temperature is
raised to a level just below the
liquidus point of the solder,
usually 200°C (392°F).
Process zone P3 is the solder
reflow zone. In zone P3, the
temperature is quickly raised
above the liquidus point of
solder to 255°C (491°F) for
optimum results. The dwell
time above the liquidus point
of solder should be between 20
and 60 seconds. It usually
takes about 20 seconds to
assure proper coalescing of the
solder balls into liquid solder
and the formation of good
solder connections. Beyond a
dwell time of 60 seconds, the
intermetallic growth within the
solder connections becomes
The reflow profile is a
straight-line representation of
a nominal temperature profile
for a convective reflow solder
process. The temperature
profile is divided into four
process zones, each with
different DT/Dtime
temperature change rates. The
DT/Dtime rates are detailed in
the above table. The
temperatures are measured at
the component to printed
circuit board connections.
In process zone P1, the PC
board and HSDL-3209
castellation pins are heated to
a temperature of 160°C to
activate the flux in the solder
paste. The temperature ramp
up rate, R1, is limited to 4°C
per second to allow for even
heating of both the PC board
and HSDL-3209 castellations.
excessive, resulting in the
formation of weak and
unreliable connections. The
temperature is then rapidly
reduced to a point below the
solidus temperature of the
solder, usually 200°C (392°F),
to allow the solder within the
connections to freeze solid.
Process zone P4 is the cool
down after solder freeze. The
cool down rate, R5, from the
liquidus point of the solder to
25°C (77°F) should not exceed
6°C per second maximum. This
limitation is necessary to allow
the PC board and HSDL-3209
castellations to change
dimensions evenly, putting
minimal stresses on the HSDL-
3209 transceiver.
Process Zone
Symbol
DT
Maximum
∆T/∆time
Heat Up
P1, R1
25°C to 160°C
4°C/s
Solder Paste Dry
P2, R2
160°C to 200°C
0.5°C/s
Solder Reflow
P3, R3
P3, R4
200°C to 255°C (260°C at 10 seconds max)
255°C to 200°C
4°C/s
-6°C/s
Cool Down
P4, R5
200°C to 25°C
-6°C/s
50
100
150
200
250
300
t-TIME
(SECONDS)
25
80
120
160
180
200
230
255
0
R1
R2
R3
R4
R5
220
MAX 260C
60 sec
MAX
Above 220 C
P1
HEAT
UP
P2
SOLDER PASTE DRY
P3
SOLDER
REFLOW
P4
COOL DOWN


Similar Part No. - HSDL-3209

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
HSDL-3209-021 LITEON-HSDL-3209-021 Datasheet
297Kb / 16P
IrDA Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
More results

Similar Description - HSDL-3209

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSDL3208 HP-HSDL3208 Datasheet
265Kb / 18P
Ultra Small Profile Package IrDA Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
HSDL-3003 HP-HSDL-3003 Datasheet
319Kb / 21P
IrDA Data Compliant Low Power 115.2 kbit/s with Remote Control Infrared Transceiver
HSDL-3203 HP-HSDL-3203 Datasheet
238Kb / 19P
Small Profile Package IrDA Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
HSDL-3201 HP-HSDL-3201 Datasheet
302Kb / 20P
IrDA Data 1.2 Low Power Compliant 115.2 kb/s Infrared Transceiver
HSDL-3200 HP-HSDL-3200 Datasheet
135Kb / 14P
IrDA Data 1.4 Compliant 115.2 Kb/s Infrared Transceiver
HSDL-3000 HP-HSDL-3000 Datasheet
367Kb / 16P
IrDA Data Compliant 115.2 kbps Infrared Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
ASDL-3007 AVAGO-ASDL-3007 Datasheet
582Kb / 19P
Data Compliant Low Power 115.2 Kbit/s with Remote Control Infrared Transceiver
HSDL-3203 AVAGO-HSDL-3203 Datasheet
400Kb / 19P
Small Profile Package IrDA짰 Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
HSDL-3005 AVAGO-HSDL-3005 Datasheet
534Kb / 22P
IrDA짰 Data Compliant Low Power 115.2 kbit/s with Remote Control Infrared Transceiver
logo
Lite-On Technology Corp...
HSDL-3209-021 LITEON-HSDL-3209-021 Datasheet
297Kb / 16P
IrDA Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com