Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HFCT-5205 Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard)

Part # HFCT-5205
Description  SC Duplex Single Mode Transceiver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HFCT-5205 Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard)

  HFCT-5205 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HFCT-5205 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HFCT-5205 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HFCT-5205 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HFCT-5205 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HFCT-5205 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HFCT-5205 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HFCT-5205 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HFCT-5205 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Agilent HFCT-5205 SC Duplex
Single Mode Transceiver
Data Sheet
Description
The HFCT-5205 transceiver is a
high performance, cost effective
module for serial optical data
communications applications
specified for a signal rate of
155 MBd. It is designed to provide
a SONET/SDH compliant link for
155 Mb/s intermediate reach links.
This module is designed for single
mode fiber and operates at a
nominal wavelength of 1300 nm.
It incorporates Agilent’s high
performance, reliable, long
wavelength optical devices and
proven circuit technology to give
long life and consistent service.
The transmitter section uses a
Multiple Quantum Well laser with
full IEC 825 and CDRH Class I eye
safety.
The receiver section uses a planar
PIN photodetector for low dark
current and excellent
responsivity.
A pseudo-ECL logic interface
simplifies interface to external
circuitry.
Features
• SC duplex single mode
transceiver
• Intermediate SONET OC3 SDH
STM1 (S1.1) compliant
• Single +5 V power supply
• Multisourced 1 x 9 pin
configuration
• Aqueous washable plastic
package
• Interchangeable with LED
multisourced 1 x 9 transceivers
• Unconditionally eye safe laser IEC
825/CDRH Class 1 compliant
• Two temperature ranges:
0°C to +70°C - HFCT-5205B/D
-40°C to +85°C - HFCT-5205A/C
Applications
• SONET/SDH equipment
interconnect
• ATM 155 Mb/s links


Similar Part No. - HFCT-5205

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HFCT-5208A HP-HFCT-5208A Datasheet
520Kb / 21P
Agilent HFBR/HFCT-5208M 1 x 9 Fiber Optic Transceivers for 622 Mb/s ATM/SONET/SDH Applications
logo
AVAGO TECHNOLOGIES LIMI...
HFCT-5208AEM AVAGO-HFCT-5208AEM Datasheet
412Kb / 20P
1 x 9 Fiber Optic Transceivers for 622 Mb/s ATM/SONET/SDH Applications
logo
Agilent(Hewlett-Packard...
HFCT-5208AEM HP-HFCT-5208AEM Datasheet
520Kb / 21P
Agilent HFBR/HFCT-5208M 1 x 9 Fiber Optic Transceivers for 622 Mb/s ATM/SONET/SDH Applications
logo
AVAGO TECHNOLOGIES LIMI...
HFCT-5208AFM AVAGO-HFCT-5208AFM Datasheet
412Kb / 20P
1 x 9 Fiber Optic Transceivers for 622 Mb/s ATM/SONET/SDH Applications
logo
Agilent(Hewlett-Packard...
HFCT-5208AFM HP-HFCT-5208AFM Datasheet
520Kb / 21P
Agilent HFBR/HFCT-5208M 1 x 9 Fiber Optic Transceivers for 622 Mb/s ATM/SONET/SDH Applications
More results

Similar Description - HFCT-5205

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HFCT-5103B HP-HFCT-5103B Datasheet
180Kb / 8P
SC Duplex Single Mode Transceiver
logo
List of Unclassifed Man...
OC-3 ETC2-OC-3 Datasheet
440Kb / 10P
1310 nm Single-mode Transceiver (S1.1) 1x9, SC Duplex Connector, 3.3 V
logo
Pasternack Enterprises,...
PE300008-1 PASTERNACK-PE300008-1 Datasheet
282Kb / 1P
CABLE ASSEMBLY SC TO SC DUPLEX SINGLE MODE
PE300408-1 PASTERNACK-PE300408-1 Datasheet
108Kb / 1P
CABLE ASSEMBLY SC APC TO SC APC DUPLEX SINGLE MODE
PE300408-3 PASTERNACK-PE300408-3 Datasheet
108Kb / 1P
CABLE ASSEMBLY SC APC TO SC APC DUPLEX SINGLE MODE
PE300509-1 PASTERNACK-PE300509-1 Datasheet
119Kb / 1P
CABLE ASSEMBLY SC SINGLE MODE DUPLEX TO SC SINGLE MODE & MULTI MODE DUPLEX MODE CONDITIONING
PE300533-1 PASTERNACK-PE300533-1 Datasheet
121Kb / 1P
CABLE ASSEMBLY SC SINGLE MODE DUPLEX TO
PE300533-2 PASTERNACK-PE300533-2 Datasheet
121Kb / 1P
CABLE ASSEMBLY SC SINGLE MODE DUPLEX TO LC SINGLE MODE & MULTI MODE DUPLEX , MODE CONDITIONING
logo
AVAGO TECHNOLOGIES LIMI...
AFCT-5179AZ AVAGO-AFCT-5179AZ Datasheet
345Kb / 8P
SC Duplex Single Mode Transceiver Multisourced 1 x 9 pin configuration
AFCT-5179BZ AVAGO-AFCT-5179BZ_15 Datasheet
345Kb / 8P
SC Duplex Single Mode Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com