Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HFCT-5205 Datasheet(PDF) 5 Page - Agilent(Hewlett-Packard)

Part # HFCT-5205
Description  SC Duplex Single Mode Transceiver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HFCT-5205 Datasheet(HTML) 5 Page - Agilent(Hewlett-Packard)

  HFCT-5205 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HFCT-5205 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HFCT-5205 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HFCT-5205 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HFCT-5205 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HFCT-5205 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HFCT-5205 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HFCT-5205 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HFCT-5205 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
Figure 4 - Recommended Circuit Schematic
Regulatory Compliance
NO INTERNAL
CONNECTION
NO INTERNAL
CONNECTION
TOP VIEW
V
EER
1
RD
2
SD
4
V
CCR
5
V
CCT
6
TD
8
V
EET
9
NOTES:
THE SPLIT-LOAD TERMINATIONS FOR ECL SIGNALS
NEED TO BE LOCATED AT THE INPUT OF DEVICES
RECEIVING THOSE ECL SIGNALS. RECOMMEND
4-LAYER PRINTED CIRCUIT BOARD WITH 50
W
MICROSTRIP SIGNAL PATHS BE USED.
R1 = R4 = R6 = R8 = R10 = 130
W
R2 = R3 = R5 = R7 = R9 = 82
W
C1 = C2 = 10 µF (see Figure 2)
C3 = C4 = C7 = C8 = 100 nF
C5 = C6 = 0.1 µF
L1 = L2 = 3.3 µH COIL OR FERRITE INDUCTOR.
TERMINATE
AT THE
DEVICE
INPUTS
V
cc FILTER
AT V
cc PINS
TRANSCEIVER
V
CC
C8
C1
L1
L2
TD
RD
3
TD
7
R8
RD
RD
V
CC
R5
R7
R6
C6
SD
R10
C7
C2
C3
C4
R4
V
CC
R2
R3
R1
TERMINATION
AT
TRANSCEIVER
INPUTS
TD
C5
R9
Feature
Test Method
Performance
Electrostatic Discharge
(ESD) to the Electrical
Pins
MIL-STD-883C
Method 3015.4
Class 1 (>1 kV) - Human Body Model
Electrostatic Discharge
(ESD) to the Duplex SC
Receptacle
Variation of IEC 801-2
Products of this type, typically, withstand at least 25 kV
without damage when the Duplex SC Connector
Receptacle is contacted by a Human Body Model probe.
Electromagnetic
Interference (EMI)
FCC Class B
CENELEC EN55022 Class B
(CISPR 22A)
VCCI Class 1
Typically provide a 17 dB margin to the noted standard
limits up to 6 GHz, when tested in a GTEM cell with the
transceiver mounted to a circuit card with a chassis
enclosure.
Immunity
Variation of IEC 801-3
Typically show no measurable effect from a 10 V/m field
swept from 27 MHz to 1 GHz applied to the transceiver
without a chassis enclosure.
Eye Safety
FDA CDRH 21-CFR 1040
Class I
CDRH Accession Number: 9521220-26
IEC 825 Issue 1 1993:11
Class 1
CENELEC EN60825 Class 1
TUV Bauart License: 933/510018/02


Similar Part No. - HFCT-5205

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HFCT-5208A HP-HFCT-5208A Datasheet
520Kb / 21P
Agilent HFBR/HFCT-5208M 1 x 9 Fiber Optic Transceivers for 622 Mb/s ATM/SONET/SDH Applications
logo
AVAGO TECHNOLOGIES LIMI...
HFCT-5208AEM AVAGO-HFCT-5208AEM Datasheet
412Kb / 20P
1 x 9 Fiber Optic Transceivers for 622 Mb/s ATM/SONET/SDH Applications
logo
Agilent(Hewlett-Packard...
HFCT-5208AEM HP-HFCT-5208AEM Datasheet
520Kb / 21P
Agilent HFBR/HFCT-5208M 1 x 9 Fiber Optic Transceivers for 622 Mb/s ATM/SONET/SDH Applications
logo
AVAGO TECHNOLOGIES LIMI...
HFCT-5208AFM AVAGO-HFCT-5208AFM Datasheet
412Kb / 20P
1 x 9 Fiber Optic Transceivers for 622 Mb/s ATM/SONET/SDH Applications
logo
Agilent(Hewlett-Packard...
HFCT-5208AFM HP-HFCT-5208AFM Datasheet
520Kb / 21P
Agilent HFBR/HFCT-5208M 1 x 9 Fiber Optic Transceivers for 622 Mb/s ATM/SONET/SDH Applications
More results

Similar Description - HFCT-5205

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HFCT-5103B HP-HFCT-5103B Datasheet
180Kb / 8P
SC Duplex Single Mode Transceiver
logo
List of Unclassifed Man...
OC-3 ETC2-OC-3 Datasheet
440Kb / 10P
1310 nm Single-mode Transceiver (S1.1) 1x9, SC Duplex Connector, 3.3 V
logo
Pasternack Enterprises,...
PE300008-1 PASTERNACK-PE300008-1 Datasheet
282Kb / 1P
CABLE ASSEMBLY SC TO SC DUPLEX SINGLE MODE
PE300408-1 PASTERNACK-PE300408-1 Datasheet
108Kb / 1P
CABLE ASSEMBLY SC APC TO SC APC DUPLEX SINGLE MODE
PE300408-3 PASTERNACK-PE300408-3 Datasheet
108Kb / 1P
CABLE ASSEMBLY SC APC TO SC APC DUPLEX SINGLE MODE
PE300509-1 PASTERNACK-PE300509-1 Datasheet
119Kb / 1P
CABLE ASSEMBLY SC SINGLE MODE DUPLEX TO SC SINGLE MODE & MULTI MODE DUPLEX MODE CONDITIONING
PE300533-1 PASTERNACK-PE300533-1 Datasheet
121Kb / 1P
CABLE ASSEMBLY SC SINGLE MODE DUPLEX TO
PE300533-2 PASTERNACK-PE300533-2 Datasheet
121Kb / 1P
CABLE ASSEMBLY SC SINGLE MODE DUPLEX TO LC SINGLE MODE & MULTI MODE DUPLEX , MODE CONDITIONING
logo
AVAGO TECHNOLOGIES LIMI...
AFCT-5179AZ AVAGO-AFCT-5179AZ Datasheet
345Kb / 8P
SC Duplex Single Mode Transceiver Multisourced 1 x 9 pin configuration
AFCT-5179BZ AVAGO-AFCT-5179BZ_15 Datasheet
345Kb / 8P
SC Duplex Single Mode Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com