Electronic Components Datasheet Search |
|
UPD703100 Datasheet(PDF) 79 Page - NEC |
|
UPD703100 Datasheet(HTML) 79 Page - NEC |
79 / 185 page CHAPTER 5 INSTRUCTIONS User’s Manual U12197EJ6V0UM 79 15 0 31 16 (5) rrrrr111111RRRRR ddddddddddddddd1 ddddddddddddddd is the higher 15 bits of disp16. Flag CY – OV – S – Z – SAT – Instruction (1) LD.B Load Byte (2) LD.H Load Half-word (3) LD.W Load Word (4) LD.BU Load Byte Unsigned (5) LD.HU Load Half-word Unsigned Explanation (1) Adds the data of general-purpose register reg1 to a 16-bit displacement sign-extended to word length to generate a 32-bit address. Byte data is read from the generated address, sign-extended to word length, and stored in general-purpose register reg2. (2) Adds the data of general-purpose register reg1 to a 16-bit displacement sign-extended to word length to generate a 32-bit address. Halfword data is read from this 32-bit address with its bit 0 masked by 0, sign-extended to word length, and stored in general-purpose register reg2. (3) Adds the data of general-purpose register reg1 to a 16-bit displacement sign-extended to word length to generate a 32-bit address. Word data is read from this 32-bit address with bits 0 and 1 masked by 0, and stored in general-purpose register reg2. (4) Adds the data of general-purpose register reg1 to a 16-bit displacement sign-extended to word length to generate a 32-bit address. Byte data is read from the generated address, zero-extended to word length, and stored in general-purpose register reg2. Do not specify r0 as the destination register reg2. (5) Adds the data of general-purpose register reg1 to a 16-bit displacement sign-extended to word length to generate a 32-bit address. Halfword data is read from this 32-bit address with its bit 0 masked by 0, zero-extended to word length, and stored in general-purpose register reg2. Do not specify r0 as the destination register reg2. Caution The result of adding the data of general-purpose register reg1 and the 16-bit displacement sign-extended to word length is as follows. • Lower bits are not masked and address is generated. |
Similar Part No. - UPD703100 |
|
Similar Description - UPD703100 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |