Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD703100 Datasheet(PDF) 30 Page - NEC

Part # UPD703100
Description  32-Bit Single-Chip Microcontrollers
Download  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD703100 Datasheet(HTML) 30 Page - NEC

Back Button UPD703100 Datasheet HTML 26Page - NEC UPD703100 Datasheet HTML 27Page - NEC UPD703100 Datasheet HTML 28Page - NEC UPD703100 Datasheet HTML 29Page - NEC UPD703100 Datasheet HTML 30Page - NEC UPD703100 Datasheet HTML 31Page - NEC UPD703100 Datasheet HTML 32Page - NEC UPD703100 Datasheet HTML 33Page - NEC UPD703100 Datasheet HTML 34Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 185 page
background image
CHAPTER 3 DATA TYPES
User’s Manual U12197EJ6V0UM
30
3.2.2 Unsigned integer
While an integer is data that can take either a positive or a negative value, an unsigned integer is an integer that is
not negative. Like an integer, an unsigned integer is also expressed as 2’s complement and is 8, 16, or 32 bits long.
Regardless of its length, bit 0 of an unsigned integer is the least significant bit, and the higher the bit number, the
more significant the bit. However, no sign bit is used.
Data Length
Range
Byte
8 bits
0 to 255
Halfword
16 bits
0 to 65535
Word
32 bits
0 to 4294967295
3.2.3 Bit
The V850 Series can handle 1-bit data that can take a value of 0 (cleared) or 1 (set). Bit manipulation can only be
performed on 1-byte data in the memory space in the following four ways.
Set
Clear
Invert
Test
3.3 Data Alignment
With the V850E Series, data to be allocated in memory must be aligned at an appropriate boundary when misalign
access is disabled. Therefore, word data must be aligned at a word boundary (the lower 2 bits of the address are 0),
and halfword data must be aligned at a halfword boundary (the lower 1 bit of the address is 0). If data is not aligned
at a boundary and misalign access disabled, the data is accessed with the lowest bit(s) of the address (lower 2 bits
in the case of word data and lowest 1 bit in the case of halfword data) automatically masked. This will cause loss of
data and truncation of the least significant bytes.
When misalign access is enabled, it is possible to place any data at any address, irrespective of the data format
when data is word or halfword and is not aligned at a boundary, however one or more bus cycles is generated, which
lowers the bus efficiency.


Similar Part No. - UPD703100

ManufacturerPart #DatasheetDescription
logo
NEC
UPD703100-33 NEC-UPD703100-33 Datasheet
752Kb / 126P
   V850E/MS1TM 32/16-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Renesas Technology Corp
UPD703100-33 RENESAS-UPD703100-33 Datasheet
680Kb / 84P
   MOS INTEGRATED CIRCUIT
1999
logo
NEC
UPD703100-40 NEC-UPD703100-40 Datasheet
752Kb / 126P
   V850E/MS1TM 32/16-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Renesas Technology Corp
UPD703100-40 RENESAS-UPD703100-40 Datasheet
680Kb / 84P
   MOS INTEGRATED CIRCUIT
1999
logo
NEC
UPD703100A-33 NEC-UPD703100A-33 Datasheet
1Mb / 132P
   V850E/MS1TM 32/16-BIT SINGLE-CHIP MICROCONTROLLERS
More results

Similar Description - UPD703100

ManufacturerPart #DatasheetDescription
logo
NEC
UPD70F3218 NEC-UPD70F3218 Datasheet
5Mb / 884P
   32-Bit Single-Chip Microcontrollers
UPD70F3114 NEC-UPD70F3114 Datasheet
3Mb / 692P
   32-Bit Single-Chip Microcontrollers
UPD703103A NEC-UPD703103A Datasheet
905Kb / 99P
   32-Bit Single-Chip Microcontrollers
UPD70F3212 NEC-UPD70F3212 Datasheet
4Mb / 861P
   32-Bit Single-Chip Microcontrollers
UPD70F3201 NEC-UPD70F3201 Datasheet
797Kb / 98P
   32-BIT SINGLE-CHIP MICROCONTROLLERS
UPD70F3208 NEC-UPD70F3208 Datasheet
4Mb / 757P
   32-Bit Single-Chip Microcontrollers
UPD70F3116 NEC-UPD70F3116 Datasheet
4Mb / 826P
   32-Bit Single-Chip Microcontrollers
UPD703003A NEC-UPD703003A Datasheet
230Kb / 40P
   V853TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD703100A-33 NEC-UPD703100A-33 Datasheet
1Mb / 132P
   V850E/MS1TM 32/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD703031A NEC-UPD703031A Datasheet
357Kb / 29P
   V850/SB1TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com