Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD703100 Datasheet(PDF) 26 Page - NEC

Part # UPD703100
Description  32-Bit Single-Chip Microcontrollers
Download  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD703100 Datasheet(HTML) 26 Page - NEC

Back Button UPD703100 Datasheet HTML 22Page - NEC UPD703100 Datasheet HTML 23Page - NEC UPD703100 Datasheet HTML 24Page - NEC UPD703100 Datasheet HTML 25Page - NEC UPD703100 Datasheet HTML 26Page - NEC UPD703100 Datasheet HTML 27Page - NEC UPD703100 Datasheet HTML 28Page - NEC UPD703100 Datasheet HTML 29Page - NEC UPD703100 Datasheet HTML 30Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 185 page
background image
CHAPTER 2 REGISTER SET
User’s Manual U12197EJ6V0UM
26
Status of Flag
Status of Operation Result
SAT
OV
S
Result of Saturation Processing
Maximum positive value is
exceeded
1
1
0
7FFFFFFFH
Maximum negative value is
exceeded
1
1
1
80000000H
Positive (Maximum value not
exceeded)
0
Negative (Maximum value not
exceeded)
Value prior
to operation
retained
0
1
Operation result
2.2.5 CALLT caller status saving registers
The V850E Series is provided with two CALLT caller status saving registers: CTPC and CTPSW.
The contents of the PC and PSW are respectively saved in these registers when a CALLT instruction is executed.
The value saved to CTPC is, like the EIPC, the address of the instruction next to the one executed.
The current value of the PSW is saved to CTPSW.
Bits 26 through 31 of CTPC and bits 8 through 31 of CTPSW are fixed to 0.
31
CTPC
PC
0
31
CTPSW
PSW
0
RFU
RFU
7
8
25
26
2.2.6 ILGOP caller status saving registers
The V850E Series is provided with two ILGOP caller status saving registers: DBPC and DBPSW.
The contents of the PC and PSW are respectively saved in these registers when ILGOP is detected.
The value saved to DBPC is, like the EIPC, the address of the instruction next to the one executed.
The current value of the PSW is saved to DBPSW.
Bits 26 through 31 of DBPC and bits 8 through 31 of DBPSW are fixed to 0.
31
DBPC
PC
0
31
DBPSW
PSW
0
RFU
RFU
7
8
25
26
2.2.7 CALLT base pointer
The CALLT base pointer CTBP is used to specify a table address and to generate a target address.
31
CTBP
Base address
0
0
RFU
25
26


Similar Part No. - UPD703100

ManufacturerPart #DatasheetDescription
logo
NEC
UPD703100-33 NEC-UPD703100-33 Datasheet
752Kb / 126P
   V850E/MS1TM 32/16-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Renesas Technology Corp
UPD703100-33 RENESAS-UPD703100-33 Datasheet
680Kb / 84P
   MOS INTEGRATED CIRCUIT
1999
logo
NEC
UPD703100-40 NEC-UPD703100-40 Datasheet
752Kb / 126P
   V850E/MS1TM 32/16-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Renesas Technology Corp
UPD703100-40 RENESAS-UPD703100-40 Datasheet
680Kb / 84P
   MOS INTEGRATED CIRCUIT
1999
logo
NEC
UPD703100A-33 NEC-UPD703100A-33 Datasheet
1Mb / 132P
   V850E/MS1TM 32/16-BIT SINGLE-CHIP MICROCONTROLLERS
More results

Similar Description - UPD703100

ManufacturerPart #DatasheetDescription
logo
NEC
UPD70F3218 NEC-UPD70F3218 Datasheet
5Mb / 884P
   32-Bit Single-Chip Microcontrollers
UPD70F3114 NEC-UPD70F3114 Datasheet
3Mb / 692P
   32-Bit Single-Chip Microcontrollers
UPD703103A NEC-UPD703103A Datasheet
905Kb / 99P
   32-Bit Single-Chip Microcontrollers
UPD70F3212 NEC-UPD70F3212 Datasheet
4Mb / 861P
   32-Bit Single-Chip Microcontrollers
UPD70F3201 NEC-UPD70F3201 Datasheet
797Kb / 98P
   32-BIT SINGLE-CHIP MICROCONTROLLERS
UPD70F3208 NEC-UPD70F3208 Datasheet
4Mb / 757P
   32-Bit Single-Chip Microcontrollers
UPD70F3116 NEC-UPD70F3116 Datasheet
4Mb / 826P
   32-Bit Single-Chip Microcontrollers
UPD703003A NEC-UPD703003A Datasheet
230Kb / 40P
   V853TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD703100A-33 NEC-UPD703100A-33 Datasheet
1Mb / 132P
   V850E/MS1TM 32/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD703031A NEC-UPD703031A Datasheet
357Kb / 29P
   V850/SB1TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com