Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD703100 Datasheet(PDF) 22 Page - NEC

Part # UPD703100
Description  32-Bit Single-Chip Microcontrollers
Download  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD703100 Datasheet(HTML) 22 Page - NEC

Back Button UPD703100 Datasheet HTML 18Page - NEC UPD703100 Datasheet HTML 19Page - NEC UPD703100 Datasheet HTML 20Page - NEC UPD703100 Datasheet HTML 21Page - NEC UPD703100 Datasheet HTML 22Page - NEC UPD703100 Datasheet HTML 23Page - NEC UPD703100 Datasheet HTML 24Page - NEC UPD703100 Datasheet HTML 25Page - NEC UPD703100 Datasheet HTML 26Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 185 page
background image
CHAPTER 2 REGISTER SET
User’s Manual U12197EJ6V0UM
22
Figure 2-2. Program Register Operations
Name
Usage
Operation
r0
Zero register
Always holds 0.
r1
Assembler-reserved
register
Used as working register for address generation.
r2
Address/data variable registers (when the real-time OS does not use r2)
r3
Stack pointer
Used for stack frame generation when function is
called.
r4
Global pointer
Used to access global variable in data area.
r5
Text pointer
Used as register for pointing start address of text
area
Note
r6 to r29
Address/data variable registers
r30
Element pointer
Used as base pointer for address generation when
memory is accessed.
r31
Link pointer
Used when compiler calls function.
PC
Program counter
Holds instruction address during program
execution.
Note Text area: Area where program code is placed.
Remark
For detailed descriptions of r1, r3, r4, r5, r31 used by the assembler and C compiler, see the
CA850 (C Compiler Package) User’s Manual.
(2) Program counter
This register holds an instruction address during program execution. The lower 26 bits of this register are valid,
and bits 31 through 26 are reserved fields (fixed to 0). If a carry occurs from bit 25 to 26, it is ignored.
Bit 0 is always fixed to 0, and execution cannot branch to an odd address.
31
PC
RFU
0
2625
1
0
Remark RFU: Reserved field (Reserved for Future Use)


Similar Part No. - UPD703100

ManufacturerPart #DatasheetDescription
logo
NEC
UPD703100-33 NEC-UPD703100-33 Datasheet
752Kb / 126P
   V850E/MS1TM 32/16-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Renesas Technology Corp
UPD703100-33 RENESAS-UPD703100-33 Datasheet
680Kb / 84P
   MOS INTEGRATED CIRCUIT
1999
logo
NEC
UPD703100-40 NEC-UPD703100-40 Datasheet
752Kb / 126P
   V850E/MS1TM 32/16-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Renesas Technology Corp
UPD703100-40 RENESAS-UPD703100-40 Datasheet
680Kb / 84P
   MOS INTEGRATED CIRCUIT
1999
logo
NEC
UPD703100A-33 NEC-UPD703100A-33 Datasheet
1Mb / 132P
   V850E/MS1TM 32/16-BIT SINGLE-CHIP MICROCONTROLLERS
More results

Similar Description - UPD703100

ManufacturerPart #DatasheetDescription
logo
NEC
UPD70F3218 NEC-UPD70F3218 Datasheet
5Mb / 884P
   32-Bit Single-Chip Microcontrollers
UPD70F3114 NEC-UPD70F3114 Datasheet
3Mb / 692P
   32-Bit Single-Chip Microcontrollers
UPD703103A NEC-UPD703103A Datasheet
905Kb / 99P
   32-Bit Single-Chip Microcontrollers
UPD70F3212 NEC-UPD70F3212 Datasheet
4Mb / 861P
   32-Bit Single-Chip Microcontrollers
UPD70F3201 NEC-UPD70F3201 Datasheet
797Kb / 98P
   32-BIT SINGLE-CHIP MICROCONTROLLERS
UPD70F3208 NEC-UPD70F3208 Datasheet
4Mb / 757P
   32-Bit Single-Chip Microcontrollers
UPD70F3116 NEC-UPD70F3116 Datasheet
4Mb / 826P
   32-Bit Single-Chip Microcontrollers
UPD703003A NEC-UPD703003A Datasheet
230Kb / 40P
   V853TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD703100A-33 NEC-UPD703100A-33 Datasheet
1Mb / 132P
   V850E/MS1TM 32/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD703031A NEC-UPD703031A Datasheet
357Kb / 29P
   V850/SB1TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com