Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EMDB65XX Datasheet(PDF) 5 Page - EM Microelectronic - MARIN SA

Part # EMDB65XX
Description  This board contains the different MFP?셲
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EMDB65XX Datasheet(HTML) 5 Page - EM Microelectronic - MARIN SA

  EMDB65XX Datasheet HTML 1Page - EM Microelectronic - MARIN SA EMDB65XX Datasheet HTML 2Page - EM Microelectronic - MARIN SA EMDB65XX Datasheet HTML 3Page - EM Microelectronic - MARIN SA EMDB65XX Datasheet HTML 4Page - EM Microelectronic - MARIN SA EMDB65XX Datasheet HTML 5Page - EM Microelectronic - MARIN SA EMDB65XX Datasheet HTML 6Page - EM Microelectronic - MARIN SA EMDB65XX Datasheet HTML 7Page - EM Microelectronic - MARIN SA EMDB65XX Datasheet HTML 8Page - EM Microelectronic - MARIN SA EMDB65XX Datasheet HTML 9Page - EM Microelectronic - MARIN SA  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
EMDB65xx
Copyright © 2005, EM Microelectronic-Marin SA
5
www.emmicroelectronic.com
EM MICROELECTRONIC - MARIN SA
6.
MAIN CONNECTIONS
6.1 PROGRAMMING
6.1.1
Pins for MFP programming Box - EM6503/ 04/ 17/ 20/ 21/ 22/ 40
CP1 connector is used for this connection (Figure 1).
CP1 = Connector 2x3 pol male - 2.54 mm
6.1.2
Pins for Elnec programmer (ISP) - EM6580
CP2 connector is used for this connection (Figure 2).
CP2 = Connector 2x5 pol male - 2.54 mm
6.1.3
Pins for Elnec programmer (ISP) - EM6503/ 04/ 17/ 20/ 21/ 22/ 40
CP3 connector is used for this connection (Figure 3).
CP3 = Connector 2x5 pol male - 2.54 mm
6.1.4
Programming interface pinout
Figure 1: CP1 pinout
Figure 2: CP2 pinout
Figure 3: CP3 pinout
6.2 PORTS
All 4b MCU are connected up to 5 Ports connectors : PortA, PortB, PortC, PortD, PortE respectively
PA, PB, PC, PD, PE connectors. Port connectors are available twice on the board. One close to the
user area, one other on the side of the board. Each Port IO bit are available through a basic connector
2.54 mm double row (Figure 4)
1
3
5
2
4
6
VDD RESET
7
9
8
10
N.C.
VSS
VSS
N.C
TEST
SDIO SCLK VREG/VPP
1
3
5
2
4
6
VDD
QIN
QOUT
VREG
GND
TEST
1
3
5
2
4
6
VDD RESET
7
9
8
10
N.C.
VSS
VSS
N.C.
TEST
QIN
QOUT VREG


Similar Part No. - EMDB65XX

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EMDB6812 EMMICRO-EMDB6812 Datasheet
380Kb / 19P
   The EMDB6812 is based on two PCBs
More results

Similar Description - EMDB65XX

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
408-4785 MACOM-408-4785 Datasheet
97Kb / 2P
   This instruction sheet contains the assembly
logo
Texas Instruments
DAC5573EVM TI-DAC5573EVM Datasheet
323Kb / 26P
[Old version datasheet]   This document contains the following chapters
logo
Zilog, Inc.
Z51F0811 ZILOG-Z51F0811 Datasheet
1Mb / 52P
   The Z51F0811 Evaluation Board contains the following components
logo
Sharp Corporation
IR3E3126 SHARP-IR3E3126 Datasheet
613Kb / 23P
   This specifications contains 23 pages including the cover and appendix.
logo
IK Semicon Co., Ltd
IN74LS05 IKSEMICON-IN74LS05 Datasheet
159Kb / 4P
   This device contains idenpendent inverts
logo
Texas Instruments
54LS30 TI1-54LS30_11 Datasheet
370Kb / 8P
[Old version datasheet]   This device contains a single gate which performs the logic NAND function
logo
IK Semicon Co., Ltd
IN74LS04 IKSEMICON-IN74LS04 Datasheet
156Kb / 4P
   This device contains six independent inverts
logo
STMicroelectronics
UM0434 STMICROELECTRONICS-UM0434 Datasheet
3Mb / 390P
   The primary objective of this user?셲 manual is to describe
logo
Silicon Laboratories
SI1102EK SILABS-SI1102EK Datasheet
654Kb / 3P
   The Si1102 Evaluation Kit contains the following items
Rev. 0.1 10/09
logo
STMicroelectronics
TN0235 STMICROELECTRONICS-TN0235 Datasheet
256Kb / 9P
   This document contains a list of frequently
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com