Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V3020TP8B Datasheet(PDF) 16 Page - EM Microelectronic - MARIN SA

Part # V3020TP8B
Description  Ultra Low Power 1-Bit 32 kHz RTC
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

V3020TP8B Datasheet(HTML) 16 Page - EM Microelectronic - MARIN SA

Back Button V3020TP8B Datasheet HTML 9Page - EM Microelectronic - MARIN SA V3020TP8B Datasheet HTML 10Page - EM Microelectronic - MARIN SA V3020TP8B Datasheet HTML 11Page - EM Microelectronic - MARIN SA V3020TP8B Datasheet HTML 12Page - EM Microelectronic - MARIN SA V3020TP8B Datasheet HTML 13Page - EM Microelectronic - MARIN SA V3020TP8B Datasheet HTML 14Page - EM Microelectronic - MARIN SA V3020TP8B Datasheet HTML 15Page - EM Microelectronic - MARIN SA V3020TP8B Datasheet HTML 16Page - EM Microelectronic - MARIN SA V3020TP8B Datasheet HTML 17Page - EM Microelectronic - MARIN SA  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
R
V3020
Copyright © 2005, EM Microelectronic-Marin SA
16
www.emmicroelectronic.com
Battery Switch Over Circuit
a)
*
Use Schottky barrier diodes. The
BAT85 has a typical VF of 250 mV at
an IF of 1 mA.
The reverse current is typically 200 nA
at a VR of 5 V. The reverse, recovery
time is 5 ns.
For surface mount
applications use the Philips BAT17 in
SOT-23 or other.
Fig. 18
Ordering and Package Information
Dimensions of 8-Pin SOIC Package
1
2
3
4
56
7
8
H
L
0-8°
C
E
A
B
e
D
A1
Dimensions in mm
Min.
Nom.
Max
A
1.35
1.63
1.75
A1
0.10
0.15
0.25
B
0.33
0.41
0.51
C
0.19
0.20
0.25
D
4.80
4.93
5.00
E
3.80
3.94
4.00
e1.27
H
5.80
5.99
6.20
L
0.40
0.64
1.27
Fig. 19
Dimensions of 8-Pin TSSOP Package
Fig. 20


Similar Part No. - V3020TP8B

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
V3020TP8B EMMICRO-V3020TP8B Datasheet
709Kb / 17P
   Ultra Low Power 1-Bit 32 kHz RTC
More results

Similar Description - V3020TP8B

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
V3020 EMMICRO-V3020 Datasheet
709Kb / 17P
   Ultra Low Power 1-Bit 32 kHz RTC
V3021 EMMICRO-V3021 Datasheet
681Kb / 15P
   Ultra Low Power 1-Bit 32 kHz RTC
logo
List of Unclassifed Man...
V3020 ETC-V3020 Datasheet
470Kb / 14P
   Ultra Low Power 1-Bit 32 kHz RTC
logo
EM Microelectronic - MA...
V3022 EMMICRO-V3022 Datasheet
589Kb / 15P
   Very Low Power 8-Bit 32 kHz RTC Module with Digital Trimming and High Level Integration
logo
LAPIS Semiconductor Co....
ML630Q464 LAPIS-ML630Q464 Datasheet
1Mb / 37P
   Ultra Low Power 32-bit Microcontroller
logo
EM Microelectronic - MA...
A3024 EMMICRO-A3024 Datasheet
151Kb / 17P
   Very Low Power 8-Bit 32 kHz RTC with Digital Trimming, User RAM and High Level Integration
V3025 EMMICRO-V3025 Datasheet
747Kb / 17P
   17Very Low Power 8-Bit 32 kHz RTC Module with Digital Trimming, User RAM and Battery Switch-over
V3023 EMMICRO-V3023 Datasheet
607Kb / 15P
   Very Low Power 8-Bit 32 kHz RTC Module with Digital Trimming, User RAM and High Level Integration
logo
Maxim Integrated Produc...
DS1672 MAXIM-DS1672_11 Datasheet
197Kb / 15P
   I2C 32-Bit Binary Counter RTC
Rev 9/11
DS1672 MAXIM-DS1672 Datasheet
514Kb / 15P
   I2C 32-Bit Binary Counter RTC
REV: 031406
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com