Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V3020TP8B Datasheet(PDF) 12 Page - EM Microelectronic - MARIN SA

Part # V3020TP8B
Description  Ultra Low Power 1-Bit 32 kHz RTC
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

V3020TP8B Datasheet(HTML) 12 Page - EM Microelectronic - MARIN SA

Back Button V3020TP8B Datasheet HTML 8Page - EM Microelectronic - MARIN SA V3020TP8B Datasheet HTML 9Page - EM Microelectronic - MARIN SA V3020TP8B Datasheet HTML 10Page - EM Microelectronic - MARIN SA V3020TP8B Datasheet HTML 11Page - EM Microelectronic - MARIN SA V3020TP8B Datasheet HTML 12Page - EM Microelectronic - MARIN SA V3020TP8B Datasheet HTML 13Page - EM Microelectronic - MARIN SA V3020TP8B Datasheet HTML 14Page - EM Microelectronic - MARIN SA V3020TP8B Datasheet HTML 15Page - EM Microelectronic - MARIN SA V3020TP8B Datasheet HTML 16Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
R
V3020
Copyright © 2005, EM Microelectronic-Marin SA
12
www.emmicroelectronic.com
Status Information
The RAM addresses 0 and 1 contain status control data
for the V3020. The function of each ibt (0 and 7) within
address locations 0 and 1 is shown in Table 7a and 7b
respectively.
Status Word
Status 0 - address 0
0 - inactive
7654 3210
1 - active
Read / Write bits
Frequency Measurement Mode
Reserved
Test Mode 0
Test Mode 1
Time Set Lock
Reserved
Reserved
Reserved
Table 7a
Status 1 - address 1
0 -
No change from last
Copy_clock_to_RAM
76543210
1 -
Change from last
Read ONLY bits
Copy_clock_to_RAM
Seconds
Minutes
Hours
Day of month
Month
Year
Week day
Week number
Table 7b
Reset and Initialization
Upon microprocessor recovery from a system reset, the
V3020 must be initialized by software in order to
guarantee that it is expecting a communication cycle (ie.
the internal serial buffer is waiting for the address bit A0).
Software
can
initialize
the
V3020
to
expect
a
communication cycle by executing 8 microprocessor
reads (see Fig. 10).
Initializing Access to the V3020
Fig. 10
On first startup or whenever power has failed (VDD < 1.2V)
the status register 0 and the clock must be initialized by
software Having initialized the interface to expect the
address bit A0, write 0 to status register 0, then set the
clock (see section "Clock and Calendar").
Time and Date Status Bits
There are time and date status bits at address 1 in the
RAM. Upon executing a Copy_clock_to_RAM command,
the time and date status bits in the RAM show which time
and date parameters changed since the last time this
command was used. A logic 1 in the seconds status bit
(address1, bit 0) in the RAM indicates that the seconds
location in the RAM (address 2) changed since the last
Copy_clock_to_RAM command and thus need to be read.
The seconds location must change before any other time
or date location can change. If the seconds status bit is
clear, then no time or date location changed since the last
Copy_clock_to_RAM command and so the RAM need not
to be read by software.
Table 7b shows the seconds, minutes, hours, day of the
month, month, year, week day, and week number status
bit locations. They are set or cleared similar to the
seconds location. It should be noted that if the minutes
status bit is clear, then the seconds bit may be set, but ail
other status bits are clear. Similarly with hours, the bits
representing the units less than hours may have been set,
but the bits for the higher units will be clear. This rule
holds true for the week day or day of month locations
also.
The time and date status bits can be used to drive
software routines which need to be executed every
-second,
-minute,
-hour,
-day of month / weekday,
-month,
-year,
or
-week.
In this application it is necessary to poll the V3020 at least
once every time interval used as it does not generate an
interrupt.
Upon executing a Copy _RAM_to_clock command, the
time and date status bits in the RAM are cleared.
Time Set Lock
The time set lock control bit is located at address 0, bit 4
(see Table 7a). When set by software, the bit disables the
Copy_RAM_to_clock
command
(see
section
"Commands".) A set bit prevents unauthorized overwriting
of the current time and date in the clock. Clearing the time
set
lock
bit
by
software
will
re-enable
the
Copy_RAM_to_clock command. On first startup or
whenever power has failed (VDD < 1.2 V), the time set lock
bit must be setup by software.


Similar Part No. - V3020TP8B

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
V3020TP8B EMMICRO-V3020TP8B Datasheet
709Kb / 17P
   Ultra Low Power 1-Bit 32 kHz RTC
More results

Similar Description - V3020TP8B

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
V3020 EMMICRO-V3020 Datasheet
709Kb / 17P
   Ultra Low Power 1-Bit 32 kHz RTC
V3021 EMMICRO-V3021 Datasheet
681Kb / 15P
   Ultra Low Power 1-Bit 32 kHz RTC
logo
List of Unclassifed Man...
V3020 ETC-V3020 Datasheet
470Kb / 14P
   Ultra Low Power 1-Bit 32 kHz RTC
logo
EM Microelectronic - MA...
V3022 EMMICRO-V3022 Datasheet
589Kb / 15P
   Very Low Power 8-Bit 32 kHz RTC Module with Digital Trimming and High Level Integration
logo
LAPIS Semiconductor Co....
ML630Q464 LAPIS-ML630Q464 Datasheet
1Mb / 37P
   Ultra Low Power 32-bit Microcontroller
logo
EM Microelectronic - MA...
A3024 EMMICRO-A3024 Datasheet
151Kb / 17P
   Very Low Power 8-Bit 32 kHz RTC with Digital Trimming, User RAM and High Level Integration
V3025 EMMICRO-V3025 Datasheet
747Kb / 17P
   17Very Low Power 8-Bit 32 kHz RTC Module with Digital Trimming, User RAM and Battery Switch-over
V3023 EMMICRO-V3023 Datasheet
607Kb / 15P
   Very Low Power 8-Bit 32 kHz RTC Module with Digital Trimming, User RAM and High Level Integration
logo
Maxim Integrated Produc...
DS1672 MAXIM-DS1672_11 Datasheet
197Kb / 15P
   I2C 32-Bit Binary Counter RTC
Rev 9/11
DS1672 MAXIM-DS1672 Datasheet
514Kb / 15P
   I2C 32-Bit Binary Counter RTC
REV: 031406
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com