Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V3020SO8B Datasheet(PDF) 15 Page - EM Microelectronic - MARIN SA

Part # V3020SO8B
Description  Ultra Low Power 1-Bit 32 kHz RTC
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

V3020SO8B Datasheet(HTML) 15 Page - EM Microelectronic - MARIN SA

Back Button V3020SO8B Datasheet HTML 9Page - EM Microelectronic - MARIN SA V3020SO8B Datasheet HTML 10Page - EM Microelectronic - MARIN SA V3020SO8B Datasheet HTML 11Page - EM Microelectronic - MARIN SA V3020SO8B Datasheet HTML 12Page - EM Microelectronic - MARIN SA V3020SO8B Datasheet HTML 13Page - EM Microelectronic - MARIN SA V3020SO8B Datasheet HTML 14Page - EM Microelectronic - MARIN SA V3020SO8B Datasheet HTML 15Page - EM Microelectronic - MARIN SA V3020SO8B Datasheet HTML 16Page - EM Microelectronic - MARIN SA V3020SO8B Datasheet HTML 17Page - EM Microelectronic - MARIN SA  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
R
V3020
Copyright © 2005, EM Microelectronic-Marin SA
15
www.emmicroelectronic.com
Typical Applications
V3020 Interfaced with Intel CPU (RD/WR Pulse)
Fig. 15
V3020 Interfaced with Motorola CPU (Advanced R/W)
Fig. 16
3 Wire Serial Interface
1)
With strobe low bits are written to the V3020, and with strobe high bits are read from the
V3020
2)
For serial ports with byte transfer only, an address command cycle should be combined with
every data cycle to give 8 address bits and 8 data bits. For example to read the current
minutes, write address data F + 2 (1111 + 0011) and then read 8 data bits.
Fig. 17


Similar Part No. - V3020SO8B

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
V3020SO8B EMMICRO-V3020SO8B Datasheet
709Kb / 17P
   Ultra Low Power 1-Bit 32 kHz RTC
More results

Similar Description - V3020SO8B

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
V3020 EMMICRO-V3020 Datasheet
709Kb / 17P
   Ultra Low Power 1-Bit 32 kHz RTC
V3021 EMMICRO-V3021 Datasheet
681Kb / 15P
   Ultra Low Power 1-Bit 32 kHz RTC
logo
List of Unclassifed Man...
V3020 ETC-V3020 Datasheet
470Kb / 14P
   Ultra Low Power 1-Bit 32 kHz RTC
logo
EM Microelectronic - MA...
V3022 EMMICRO-V3022 Datasheet
589Kb / 15P
   Very Low Power 8-Bit 32 kHz RTC Module with Digital Trimming and High Level Integration
logo
LAPIS Semiconductor Co....
ML630Q464 LAPIS-ML630Q464 Datasheet
1Mb / 37P
   Ultra Low Power 32-bit Microcontroller
logo
EM Microelectronic - MA...
A3024 EMMICRO-A3024 Datasheet
151Kb / 17P
   Very Low Power 8-Bit 32 kHz RTC with Digital Trimming, User RAM and High Level Integration
V3025 EMMICRO-V3025 Datasheet
747Kb / 17P
   17Very Low Power 8-Bit 32 kHz RTC Module with Digital Trimming, User RAM and Battery Switch-over
V3023 EMMICRO-V3023 Datasheet
607Kb / 15P
   Very Low Power 8-Bit 32 kHz RTC Module with Digital Trimming, User RAM and High Level Integration
logo
Maxim Integrated Produc...
DS1672 MAXIM-DS1672_11 Datasheet
197Kb / 15P
   I2C 32-Bit Binary Counter RTC
Rev 9/11
DS1672 MAXIM-DS1672 Datasheet
514Kb / 15P
   I2C 32-Bit Binary Counter RTC
REV: 031406
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com