Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V3020SO8B Datasheet(PDF) 14 Page - EM Microelectronic - MARIN SA

Part # V3020SO8B
Description  Ultra Low Power 1-Bit 32 kHz RTC
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

V3020SO8B Datasheet(HTML) 14 Page - EM Microelectronic - MARIN SA

Back Button V3020SO8B Datasheet HTML 9Page - EM Microelectronic - MARIN SA V3020SO8B Datasheet HTML 10Page - EM Microelectronic - MARIN SA V3020SO8B Datasheet HTML 11Page - EM Microelectronic - MARIN SA V3020SO8B Datasheet HTML 12Page - EM Microelectronic - MARIN SA V3020SO8B Datasheet HTML 13Page - EM Microelectronic - MARIN SA V3020SO8B Datasheet HTML 14Page - EM Microelectronic - MARIN SA V3020SO8B Datasheet HTML 15Page - EM Microelectronic - MARIN SA V3020SO8B Datasheet HTML 16Page - EM Microelectronic - MARIN SA V3020SO8B Datasheet HTML 17Page - EM Microelectronic - MARIN SA  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
R
V3020
Copyright © 2005, EM Microelectronic-Marin SA
14
www.emmicroelectronic.com
Test Modes
Addr. 0
bit 3
Addr. 0
bit 2
Function
0
0
Normal operation
0
1
All time keeping accelerated by 32
1
0
Parallel increment of all time data
at 1 Hz with no carry over
1
1
Parallel increment of all time data
at 32 Hz with no carry over
Table 8
An external signal generator can be used to drive the
divider chain of the V3020. Fig. 13a and 13b show how to
connect the signal generator.
The speed can be
increased by increasing the signal generator frequency to
a maximum of 128 kHz. An external signal generator and
test modes can be combined.
To leave test both test bits (address 0, bits 2 and 3) must
be cleared by software. Test corrupts the current time
and date and so the time and date should be reloaded
after a test session.
Signal Generator Connection
Fig. 13a
Note
: The peak value of the signal provided by the signal
generator should not exceed 1.5 V on XO.
Fig. 13b
Note
: The peak value of the signal provided by the signal
generator should not exceed 1.5 V on XO.
Crystal Layout
In order to ensure proper oscillator operation we
recommend the following standard practices:
- Keep traces as short as possible
- Use a guard ring around the crystal
Fig. 14 shows the recommended layout.
Oscillator Layout
Fig. 14
Access Considerations
The section "Communication Cycles" describes the serial
data sequences necessary to complete a communication
cycle. In common with all serial peripherals, the serial
data sequences are not re-entrant, thus a high priority
interrupt, or another software task, should not attempt to
access the V3020 if it is already in the middle of a cycle.
A semaphore (software flag) on access would allow the
V3020 to be shared with other software tasks or interrupt
routines.
There is no time limit on the duration of a
communication cycle and thus interrupt routines (which do
not use the V3020) can be fully executed in mid cycles
without any consequences for the V3020.


Similar Part No. - V3020SO8B

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
V3020SO8B EMMICRO-V3020SO8B Datasheet
709Kb / 17P
   Ultra Low Power 1-Bit 32 kHz RTC
More results

Similar Description - V3020SO8B

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
V3020 EMMICRO-V3020 Datasheet
709Kb / 17P
   Ultra Low Power 1-Bit 32 kHz RTC
V3021 EMMICRO-V3021 Datasheet
681Kb / 15P
   Ultra Low Power 1-Bit 32 kHz RTC
logo
List of Unclassifed Man...
V3020 ETC-V3020 Datasheet
470Kb / 14P
   Ultra Low Power 1-Bit 32 kHz RTC
logo
EM Microelectronic - MA...
V3022 EMMICRO-V3022 Datasheet
589Kb / 15P
   Very Low Power 8-Bit 32 kHz RTC Module with Digital Trimming and High Level Integration
logo
LAPIS Semiconductor Co....
ML630Q464 LAPIS-ML630Q464 Datasheet
1Mb / 37P
   Ultra Low Power 32-bit Microcontroller
logo
EM Microelectronic - MA...
A3024 EMMICRO-A3024 Datasheet
151Kb / 17P
   Very Low Power 8-Bit 32 kHz RTC with Digital Trimming, User RAM and High Level Integration
V3025 EMMICRO-V3025 Datasheet
747Kb / 17P
   17Very Low Power 8-Bit 32 kHz RTC Module with Digital Trimming, User RAM and Battery Switch-over
V3023 EMMICRO-V3023 Datasheet
607Kb / 15P
   Very Low Power 8-Bit 32 kHz RTC Module with Digital Trimming, User RAM and High Level Integration
logo
Maxim Integrated Produc...
DS1672 MAXIM-DS1672_11 Datasheet
197Kb / 15P
   I2C 32-Bit Binary Counter RTC
Rev 9/11
DS1672 MAXIM-DS1672 Datasheet
514Kb / 15P
   I2C 32-Bit Binary Counter RTC
REV: 031406
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com