Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V1-G-Q2 Datasheet(PDF) 1 Page - Pepperl+Fuchs Inc.

Part # V1-G-Q2
Description  Female cordset, field attachable
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

V1-G-Q2 Datasheet(HTML) 1 Page - Pepperl+Fuchs Inc.

  V1-G-Q2 Datasheet HTML 1Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1
Female cordset, field attachable
V1-G-Q2
Germany: +49 621 776 4411
Pepperl+Fuchs Group
Refer to “General Notes Relating to Pepperl+Fuchs Product Information”.
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com
Dimensions
Technical data
General specifications
Number of pins
4
Connection 1
socket
Construction type 1
straight
Threading 1
M12
UL File Number
E191152
Electrical specifications
Operating voltage
UB
max. 250 V
Operating current
IB
max. 4 A
Volume resistance
< 5 mΩ
Ambient conditions
Ambient temperature
-25 ... 80 °C (-13 ... 176 °F)
Pollution degree
3
Mechanical specifications
Degree of protection
IP65/IP67
Material
Contacts
CuSn
Contact surface
Ni/Au
Body
PA 66, black
Slotted nut
Zinc die-casting, nickel-plated
Seal
NBR
Core insulation
PVC/PE/PP
Cable
Sheath diameter
4 ... 8 mm
Cores
Ø 1.3 ... 2.6 mm incl. insulation
Cross-section: 0.34 ... 0.75 mm2
Cable construction: Class 2-6 in accordance with VDE 0295
Mounting
Max. tightening torque on the coupling nut: ≤ 1.2 Nm
Flammability
94 V-0
Note
max. 10 connections possible to a cable of the same cross-
section. After repeated cable connection it may be necessary to
renew the seal and cap.
Electrical connection
~ 52
15
1
3
2
4
Model Number
V1-G-Q2
Field-attachable female QUICKON-
ONE connector
Features
• Time-saving assembly with
QUICKON-ONE technique
Function
It normally takes a lot of time to connect freely
configurable M12 round connectors to the
sensor cable. QUICKON can reduce this time
to a minimum; the individual wire conductors
do not have to be stripped anymore. For
contacting, a blade contact cuts through the
conductor insulation and applies contact to
the wire strands. This contact is spring-
loaded, vibration-proof and gas-tight.
The QUICKON M12 connector is available as
a female or male 4-pin straight plug. In this
way, individual sensor-actuator cables with
several wires can be put together quickly and
economically.


Similar Part No. - V1-G-Q2

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
V1-G-Q3 PF-V1-G-Q3 Datasheet
150Kb / 1P
Female cordset, field attachable
2018-03-22
More results

Similar Description - V1-G-Q2

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
42306A PF-42306A Datasheet
395Kb / 1P
Female cordset, field attachable
2022-04-21
FFA0S302CLAL42 PF-FFA0S302CLAL42 Datasheet
126Kb / 1P
Female cordset, field attachable
2016-09-13
V1-G-Q3 PF-V1-G-Q3 Datasheet
150Kb / 1P
Female cordset, field attachable
2018-03-22
V34-G PF-V34-G Datasheet
123Kb / 1P
Field attachable female cordset
2012-01-19
V35-G PF-V35-G Datasheet
116Kb / 1P
Field attachable female cordset
2012-01-19
V12-W PF-V12-W Datasheet
133Kb / 1P
Field attachable female cordset
2011-08-12
V3-WM-MQ PF-V3-WM-MQ Datasheet
113Kb / 1P
Field attachable female cordset
2012-01-20
V8HAN-G PF-V8HAN-G Datasheet
157Kb / 1P
Female cordset, field attachable
2014-11-10
V15-WV2A-PG9-Y117132 PF-V15-WV2A-PG9-Y117132 Datasheet
104Kb / 1P
Female cordset, field attachable
2014-11-04
V31-GM-Q4 PF-V31-GM-Q4 Datasheet
547Kb / 2P
Female cordset, field attachable
2021-07-22
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com