Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WED3DG6466V-D1 Datasheet(PDF) 6 Page - White Electronic Designs Corporation

Part # WED3DG6466V-D1
Description  512MB -64Mx64 SDRAM UNBUFFERED
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WED3DG6466V-D1 Datasheet(HTML) 6 Page - White Electronic Designs Corporation

  WED3DG6466V-D1 Datasheet HTML 1Page - White Electronic Designs Corporation WED3DG6466V-D1 Datasheet HTML 2Page - White Electronic Designs Corporation WED3DG6466V-D1 Datasheet HTML 3Page - White Electronic Designs Corporation WED3DG6466V-D1 Datasheet HTML 4Page - White Electronic Designs Corporation WED3DG6466V-D1 Datasheet HTML 5Page - White Electronic Designs Corporation WED3DG6466V-D1 Datasheet HTML 6Page - White Electronic Designs Corporation WED3DG6466V-D1 Datasheet HTML 7Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
WED3DG6466V-D1
-JD1
6
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
July 2005
Rev. 3
ORDERING INFORMATION FOR D1
Ordering Information
Speed
CAS Latency
Height*
WED3DG6466V10D1
100MHz
CL=2
31.75 (1.250”)
WED3DG6466V7D1
133MHz
CL=2
31.75 (1.250”)
WED3DG6466V75D1
133MHz
CL=3
31.75 (1.250”)
Note: For industrial temperature range product, add an "I" to the end of the part number.
ORDERING INFORMATION FOR JD1
Ordering Information
Speed
CAS Latency
Height*
WED3DG6466V10JD1
100MHz
CL=2
31.75 (1.250”)
WED3DG6466V7JD1
133MHz
CL=2
31.75 (1.250”)
WED3DG6466V75JD1
133MHz
CL=3
31.75 (1.250”)
Note: For industrial temperature range product, add an "I" to the end of the part number.
3.99
(0.157)
2.01 (0.079 Min)
67.72
(2.661 Max)
32.79
(1.291)
4.60 (0.181)
1.50 (0.059)
28.2
(1.112)
23.14
(0.913)
19.99
(0.787)
31.75
(1.250)
Max
3.81
(0.150)
MAX.
9.91
(0.039)
(± 0.004)
PACKAGE DIMENSIONS FOR D1 AND JD1
* ALL DIMENSIONS ARE IN MILLIMETERS AND (INCHES).


Similar Part No. - WED3DG6466V-D1

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WED3DG6466V-D2 WEDC-WED3DG6466V-D2 Datasheet
147Kb / 9P
   512MB -64Mx64, SDRAM UNBUFFERED
More results

Similar Description - WED3DG6466V-D1

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3DG6465V-D2 WEDC-W3DG6465V-D2 Datasheet
79Kb / 6P
   512MB - 64Mx64, SDRAM UNBUFFERED
W3DG6465V-D1 WEDC-W3DG6465V-D1 Datasheet
80Kb / 5P
   512MB- 64Mx64 SDRAM UNBUFFERED
WED3DG6466V-AD1 WEDC-WED3DG6466V-AD1 Datasheet
137Kb / 7P
   512MB - 64Mx64 SDRAM UNBUFFERED
WED3DG6466V-D2 WEDC-WED3DG6466V-D2 Datasheet
147Kb / 9P
   512MB -64Mx64, SDRAM UNBUFFERED
W3EG6465S-D3 WEDC-W3EG6465S-D3 Datasheet
180Kb / 11P
   512MB - 64Mx64 DDR SDRAM UNBUFFERED
W3EG6465S-D4 WEDC-W3EG6465S-D4 Datasheet
88Kb / 8P
   512MB- 64Mx64 DDR SDRAM UNBUFFERED
WV3EG64M64ETSU-D3 WEDC-WV3EG64M64ETSU-D3 Datasheet
236Kb / 10P
   512MB - 64Mx64 DDR SDRAM UNBUFFERED
WV3HG64M64EEU-D6 WEDC-WV3HG64M64EEU-D6 Datasheet
185Kb / 11P
   512MB - 64Mx64 DDR2 SDRAM UNBUFFERED
W3EG6464S-JD3 WEDC-W3EG6464S-JD3 Datasheet
293Kb / 12P
   512MB - 64Mx64 DDR SDRAM UNBUFFERED
W3DG6464V-D1 WEDC-W3DG6464V-D1 Datasheet
72Kb / 5P
   512MB- 64Mx64 SDRAM, UNBUFFERED W/PLL
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com