Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WED3DG6466V-D1 Datasheet(PDF) 3 Page - White Electronic Designs Corporation

Part # WED3DG6466V-D1
Description  512MB -64Mx64 SDRAM UNBUFFERED
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WED3DG6466V-D1 Datasheet(HTML) 3 Page - White Electronic Designs Corporation

  WED3DG6466V-D1 Datasheet HTML 1Page - White Electronic Designs Corporation WED3DG6466V-D1 Datasheet HTML 2Page - White Electronic Designs Corporation WED3DG6466V-D1 Datasheet HTML 3Page - White Electronic Designs Corporation WED3DG6466V-D1 Datasheet HTML 4Page - White Electronic Designs Corporation WED3DG6466V-D1 Datasheet HTML 5Page - White Electronic Designs Corporation WED3DG6466V-D1 Datasheet HTML 6Page - White Electronic Designs Corporation WED3DG6466V-D1 Datasheet HTML 7Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
WED3DG6466V-D1
-JD1
3
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
July 2005
Rev. 3
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Value
Units
Voltage on any pin relative to VSS
VIN, VOUT
-1.0 ~ 4.6
V
Voltage on VCC supply relative to VSS
VCC, VCCQ
-1.0 ~ 4.6
V
Storage Temperature
TSTG
-55 ~ +150
°C
Power Dissipation
PD
9
W
Short Circuit Current
IOS
50
mA
Note: Permanent device damage may occur if “ABSOLUTE MAXIMUM RATINGS” are exceeded.
Functional operation should be restricted to recommended operating condition.
Exposure to higher than recommended voltage for extended periods of time could affect device reliability.
Parameter
Symbol
Min
Typ
Max
Unit
Note
Supply Voltage
VCC
3.0
3.3
3.6
V
Input High Voltage
VIH
2.0
3.0
VCCQ +0.3
V
1
Input Low Voltage
VIL
-0.3
0.8
V
2
Output High Voltage
VOH
2.4
V
IOH= -2mA
Output Low Voltage
VOL
——
0.4
V
IOL= -2mA
Input Leakage Current
ILI
-10
10
µA
3
Note: 1. VIH (max)= 5.6V AC. The overshoot voltage duration is ≤ 3ns.
2. VIL (min)= -2.0V AC. The undershoot voltage duration is ≤ 3ns.
3. Any input 0V ≤ VIN ≤ VCCQ
Input leakage currents include Hi-Z output leakage for all bi-directional buffers with Tri-State outputs.
CAPACITANCE
TA = 25°C, f = 1MHz, VCC = 3.3V, VREF = 1.4V ± 200mV
Parameter
Symbol
Max
Unit
Input Capacitance (A0-A12)
CIN1
35
pF
Input Capacitance (RAS#,CAS#,WE#)
CIN2
35
pF
Input Capacitance (CKE0)
CIN3
35
pF
Input Capacitance (CK0)
CIN4
16
pF
Input Capacitance (CS0#)
CIN5
35
pF
Input Capacitance (DQM0-DQM7)
CIN6
7pF
Input Capacitance (BA0-BA1)
CIN7
35
pF
Data Input/Output Capacitance (DQ0-DQ63)
COUT
10
pF
RECOMMENDED DC OPERATING CONDITIONS
Voltage Referenced to: VSS = 0V, 0°C
≤ TA ≤ +70°C


Similar Part No. - WED3DG6466V-D1

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WED3DG6466V-D2 WEDC-WED3DG6466V-D2 Datasheet
147Kb / 9P
512MB -64Mx64, SDRAM UNBUFFERED
More results

Similar Description - WED3DG6466V-D1

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3DG6465V-D2 WEDC-W3DG6465V-D2 Datasheet
79Kb / 6P
512MB - 64Mx64, SDRAM UNBUFFERED
W3DG6465V-D1 WEDC-W3DG6465V-D1 Datasheet
80Kb / 5P
512MB- 64Mx64 SDRAM UNBUFFERED
WED3DG6466V-AD1 WEDC-WED3DG6466V-AD1 Datasheet
137Kb / 7P
512MB - 64Mx64 SDRAM UNBUFFERED
WED3DG6466V-D2 WEDC-WED3DG6466V-D2 Datasheet
147Kb / 9P
512MB -64Mx64, SDRAM UNBUFFERED
W3EG6465S-D3 WEDC-W3EG6465S-D3 Datasheet
180Kb / 11P
512MB - 64Mx64 DDR SDRAM UNBUFFERED
W3EG6465S-D4 WEDC-W3EG6465S-D4 Datasheet
88Kb / 8P
512MB- 64Mx64 DDR SDRAM UNBUFFERED
WV3EG64M64ETSU-D3 WEDC-WV3EG64M64ETSU-D3 Datasheet
236Kb / 10P
512MB - 64Mx64 DDR SDRAM UNBUFFERED
WV3HG64M64EEU-D6 WEDC-WV3HG64M64EEU-D6 Datasheet
185Kb / 11P
512MB - 64Mx64 DDR2 SDRAM UNBUFFERED
W3EG6464S-JD3 WEDC-W3EG6464S-JD3 Datasheet
293Kb / 12P
512MB - 64Mx64 DDR SDRAM UNBUFFERED
W3DG6464V-D1 WEDC-W3DG6464V-D1 Datasheet
72Kb / 5P
512MB- 64Mx64 SDRAM, UNBUFFERED W/PLL
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com