Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W3EG7264S-JD3 Datasheet(PDF) 7 Page - White Electronic Designs Corporation

Part # W3EG7264S-JD3
Description  512MB - 64Mx72 DDR SDRAM UNBUFFERED
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

W3EG7264S-JD3 Datasheet(HTML) 7 Page - White Electronic Designs Corporation

Back Button W3EG7264S-JD3 Datasheet HTML 3Page - White Electronic Designs Corporation W3EG7264S-JD3 Datasheet HTML 4Page - White Electronic Designs Corporation W3EG7264S-JD3 Datasheet HTML 5Page - White Electronic Designs Corporation W3EG7264S-JD3 Datasheet HTML 6Page - White Electronic Designs Corporation W3EG7264S-JD3 Datasheet HTML 7Page - White Electronic Designs Corporation W3EG7264S-JD3 Datasheet HTML 8Page - White Electronic Designs Corporation W3EG7264S-JD3 Datasheet HTML 9Page - White Electronic Designs Corporation W3EG7264S-JD3 Datasheet HTML 10Page - White Electronic Designs Corporation W3EG7264S-JD3 Datasheet HTML 11Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
May 2005
Rev. 5
W3EG7264S-JD3-D3
PRELIMINARY
DDR SDRAM COMPONENT ELECTRICAL CHARACTERISTICS AND
RECOMMENDED AC OPERATING CONDITIONS
DDR333, 266, 200: VCC = VCCQ = +2.5V ± 0.2V; DDR400: VCC = VCCQ = +2.6V ± 0.1V
AC Characteristics
403
335
262/265
202
Parameter
Symbol
Min
Max
Min
Max
Min
Max
Min
Max
Units
Notes
Access window of DQs from CK, CK#
tAC
-0.70
+0.70
-0.70
+0.70
-0.75
+0.75
-0.75
+0.75
ns
CK high-level width
tCH
0.45
0.55
0.45
0.55
0.45
0.55
0.45
0.55
tCK
16
CK low-level width
tCL
0.45
0.55
0.45
0.55
0.45
0.55
0.45
0.55
tCK
16
Clock cycle time
CL=3
tCK (3)
5
7.5
ns
22
CL=2.5
tCK (2.5)
6
13
6
13
7.5
13
7.5
13
ns
22
CL=2
tCK (2)
7.5
13
7.5
13
7.5
13
10
13
ns
22
DQ and DM input hold time relative to DQS
tDH
0.45
0.40
0.5
0.5
ns
14,17
DQ and DM input setup time relative to DQS
tDS
0.45
0.40
0.5
0.5
ns
14,17
DQ and DM input pulse width (for each input)
tDIPW
1.75
1.75
1.75
1.75
ns
17
Access window of DQS from CK, CK#
tDQSCK
-0.60
+0.60
-0.60
+0.60
-0.75
+0.75
-0.75
+0.75
ns
DQS input high pulse width
tDQSH
0.35
0.35
0.35
0.35
tCK
DQS input low pulse width
tDQSL
0.35
0.35
0.35
0.35
tCK
DQS-DQ skew, DQS to last DQ valid, per group,
per access
tDQSQ
0.40
0.45
0.5
0.5
ns
13,14
Write command to first DQS latching transition
tDQSS
0.72
1.28
0.75
1.25
0.75
1.25
0.75
1.25
tCK
DQS falling edge to CK rising - setup time
tDSS
0.2
0.2
0.2
0.2
tCK
DQS falling edge from CK rising - hold time
tDSH
0.2
0.2
0.2
0.2
tCK
Half clock period
tHP
tCH, tCL
tCH, tCL
tCH, tCL
tCH, tCL
ns
18
Data-out high-impedance window from CK, CK#
tHZ
+0.70
+0.70
+0.75
+0.75
ns
8,19
Data-out low-impedance window from CK, CK#
tLZ
-0.70
-0.70
-0.75
-0.75
ns
8,20
Address and control input hold time (fast slew rate)
tIHf
0.60
0.75
0.90
0.90
ns
6
Address and control input set-up time (fast slew rate)
tISf
0.60
0.75
0.90
0.90
ns
6
Address and control input hold time (slow slew rate)
tIHs
0.60
0.80
1
1
ns
6
Address and control input setup time (slow slew rate)
tISs
0.60
0.80
1
1
ns
6
Address and control input pulse width (for each input)
tIPW
2.2
2.2
2.2
2.2
ns
LOAD MODE REGISTER command cycle time
tMRD
10
12
15
15
ns
DQ-DQS hold, DQS to first DQ to go non-valid, per
access
tQH
tHP-tQHS
tHP-tQHS
tHP-tQHS
tHP-tQHS
ns
13,14
Data hold skew factor
tQHS
0.50
0.55
0.75
0.75
ns
ACTIVE to PRECHARGE command
tRAS
40
70,000
42
70,000
40
120,000
45
120,000
ns
15
ACTIVE to READ with Auto precharge command
tRAP
15
15
15
20
ns
ACTIVE to ACTIVE/AUTO REFRESH command period
tRC
55
60
60
65
ns
AUTO REFRESH command period
tRFC
70
72
75
75
ns
21


Similar Part No. - W3EG7264S-JD3

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3EG7264S-AD4 WEDC-W3EG7264S-AD4 Datasheet
197Kb / 13P
   512MB - 2x32Mx72 DDR ECC SDRAM UNBUFFERED w/PLL
W3EG7264S-BD4 WEDC-W3EG7264S-BD4 Datasheet
197Kb / 13P
   512MB - 2x32Mx72 DDR ECC SDRAM UNBUFFERED w/PLL
More results

Similar Description - W3EG7264S-JD3

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WV3EG64M72ETSU-D3 WEDC-WV3EG64M72ETSU-D3 Datasheet
230Kb / 10P
   512MB - 64Mx72 DDR SDRAM UNBUFFERED
W3DG7268V-D1 WEDC-W3DG7268V-D1 Datasheet
177Kb / 10P
   512MB- 64Mx72 SDRAM UNBUFFERED
W3DG7268V-AD1 WEDC-W3DG7268V-AD1 Datasheet
151Kb / 9P
   512MB- 64Mx72 SDRAM UNBUFFERED
W3DG7265V-D2 WEDC-W3DG7265V-D2 Datasheet
102Kb / 5P
   512MB- 64Mx72 SDRAM UNBUFFERED
W3EG7266S-AD4 WEDC-W3EG7266S-AD4 Datasheet
191Kb / 13P
   512MB - 64Mx72 DDR SDRAM UNBUFFERED ECC w/PLL
WED3DG7266V-D1 WEDC-WED3DG7266V-D1 Datasheet
120Kb / 7P
   512MB - 64Mx72 SDRAM, UNBUFFERED, w/PLL
logo
Elpida Memory
EBD52EC8AJFA ELPIDA-EBD52EC8AJFA Datasheet
197Kb / 19P
   512MB Unbuffered DDR SDRAM
logo
White Electronic Design...
WV3EG232M64STSU-D4 WEDC-WV3EG232M64STSU-D4 Datasheet
182Kb / 14P
   512MB - 2x32Mx64 DDR SDRAM UNBUFFERED
logo
Elpida Memory
HB54A5128FN-A75B ELPIDA-HB54A5128FN-A75B Datasheet
192Kb / 17P
   512MB Unbuffered DDR SDRAM DIMM
EBD52UC8AMFA-5 ELPIDA-EBD52UC8AMFA-5 Datasheet
162Kb / 18P
   512MB Unbuffered DDR SDRAM DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com