Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGC-4463Z Datasheet(PDF) 2 Page - SIRENZA MICRODEVICES

Part # SGC-4463Z
Description  50-4000 MHz Silicon Germanium Cascadable Gain Block
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRENZA [SIRENZA MICRODEVICES]
Direct Link  
Logo SIRENZA - SIRENZA MICRODEVICES

SGC-4463Z Datasheet(HTML) 2 Page - SIRENZA MICRODEVICES

  SGC-4463Z Datasheet HTML 1Page - SIRENZA MICRODEVICES SGC-4463Z Datasheet HTML 2Page - SIRENZA MICRODEVICES SGC-4463Z Datasheet HTML 3Page - SIRENZA MICRODEVICES SGC-4463Z Datasheet HTML 4Page - SIRENZA MICRODEVICES SGC-4463Z Datasheet HTML 5Page - SIRENZA MICRODEVICES  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Broomfield, CO 80021
2
EDS-104979 Rev A
303 S. Technology Ct.
Phone: (800) SMI-MMIC
http://www.sirenza.com
Preliminary Information
SGC-4463Z 0.05-4.0 GHz Cascadeable MMIC Amplifier
Typical Performance with Bias Tee, V
D = 3V, ID = 53mA (Typ.)
Caution: ESD sensitive
Appropriate precautions in handling, packaging
and testing devices must be observed.
Parameter
Rating
ESD Rating - Human Body Model (HBM)
Class 1C
Moisture Sensitivity Level
MSL 1
Reliability & Qualification Information
This product qualification report can be downloaded at
www.sirenza.com
Parameter
Absolute Limit
Max Device Current (ICE)
110 mA
Max Device Voltage (VCE)
4.5 V
Max. RF Input Power* (See Note)
+18 dBm
Max. Junction Temp. (TJ)
+150°C
Operating Temp. Range (TL)
-40°C to +85°C
Max. Storage Temp.
+150°C
Absolute Maximum Ratings
Operation of this device beyond any one of these limits may cause
permanent damage. For reliable continuous operation, the device
voltage and current must not exceed the maximum operating values
specified in the table on page one.
Bias Conditions should also satisfy the following expression:
IDVD < (TJ - TL) / RTH, j-l
TL=TLEAD
*Note: Load condition, ZL = 50 Ohms
100
500
850
1950
2400
3500
G
Small Signal Gain
dB
23.6
23.0
21.0
15.0
13.3
10.4
OIP3
Output Third Order Intercept Point
dBm
29.3
28.2
27.0
26.1
23.3
P1dB
Output Power at 1dB Compression
dBm
14.4
13.8
13.0
12.5
10.6
IRL
Input Return Loss
dB
25.2
16.2
15.0
13.9
13.2
12.0
ORL
Output Return Loss
dB
24.3
16.1
13.2
10.5
9.9
10.0
S12
Reverse Isolation
dB
24.9
26.1
25.5
21.6
20.7
19.1
NF
Noise Figure
dB
2.8
2.8
3.1
3.4
3.6
4.4
Test Conditions:
VD = 3V
ID = 53mA Typ.
OIP3 Tone Spacing = 1MHz, Pout per tone = -5 dBm
TL = 25°C
ZS = ZL = 50 Ohms
Frequency (MHz)
Typical RF Performance at Key Operating Frequencies (Bias Tee)
Symbol
Parameter
Unit
OIP3 vs. Frequency (25C)
22
24
26
28
30
32
500
1000
1500
2000
2500
3000
3500
Frequency (MHz)
P1dB vs. Frequency (25C)
7
9
11
13
15
17
500
1000
1500
2000
2500
3000
3500
Frequency (MHz)


Similar Part No. - SGC-4463Z

ManufacturerPart #DatasheetDescription
logo
SIRENZA MICRODEVICES
SGC-4463Z SIRENZA-SGC-4463Z Datasheet
283Kb / 5P
50-4000 MHz Active Bias Silicon Germanium Cascadable Gain Block
SGC-4463Z SIRENZA-SGC-4463Z_1 Datasheet
283Kb / 5P
50-4000 MHz Active Bias Silicon Germanium Cascadable Gain Block
More results

Similar Description - SGC-4463Z

ManufacturerPart #DatasheetDescription
logo
SIRENZA MICRODEVICES
SGC-4363Z SIRENZA-SGC-4363Z Datasheet
308Kb / 5P
50-4000 MHz Silicon Germanium Cascadable Gain Block
SGC-2463Z SIRENZA-SGC-2463Z Datasheet
306Kb / 5P
50-4000 MHz Silicon Germanium Cascadable Gain Block
SGC-2386Z SIRENZA-SGC-2386Z Datasheet
266Kb / 5P
50-4000 MHz Silicon Germanium Cascadable Gain Block
SGC-4386Z SIRENZA-SGC-4386Z Datasheet
266Kb / 5P
50-4000 MHz Silicon Germanium Cascadable Gain Block
SGC-2486Z SIRENZA-SGC-2486Z Datasheet
265Kb / 5P
50-4000 MHz Silicon Germanium Cascadable Gain Block
SGC-6386Z SIRENZA-SGC-6386Z Datasheet
296Kb / 6P
50-4000 MHz Silicon Germanium Cascadable Gain Block
SGC-2363Z SIRENZA-SGC-2363Z Datasheet
307Kb / 5P
50-4000 MHz Silicon Germanium Cascadable Gain Block
SGC-4486Z SIRENZA-SGC-4486Z Datasheet
266Kb / 5P
50-4000 MHz Silicon Germanium Cascadable Gain Block
SGC-6389Z SIRENZA-SGC-6389Z Datasheet
310Kb / 6P
50-4000 MHz Silicon Germanium Cascadable Gain Block
SGC-6386Z SIRENZA-SGC-6386Z_1 Datasheet
296Kb / 6P
50-4000 MHz Silicon Germanium Cascadable Gain Block
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com