Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGC-4363Z Datasheet(PDF) 4 Page - SIRENZA MICRODEVICES

Part # SGC-4363Z
Description  50-4000 MHz Silicon Germanium Cascadable Gain Block
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRENZA [SIRENZA MICRODEVICES]
Direct Link  
Logo SIRENZA - SIRENZA MICRODEVICES

SGC-4363Z Datasheet(HTML) 4 Page - SIRENZA MICRODEVICES

  SGC-4363Z Datasheet HTML 1Page - SIRENZA MICRODEVICES SGC-4363Z Datasheet HTML 2Page - SIRENZA MICRODEVICES SGC-4363Z Datasheet HTML 3Page - SIRENZA MICRODEVICES SGC-4363Z Datasheet HTML 4Page - SIRENZA MICRODEVICES SGC-4363Z Datasheet HTML 5Page - SIRENZA MICRODEVICES  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Broomfield, CO 80021
4
EDS-104977 Rev A
303 S. Technology Ct.
Phone: (800) SMI-MMIC
http://www.sirenza.com
Preliminary Information
SGC-4363Z 0.05-4.0 GHz Cascadeable MMIC Amplifier
Basic Application Circuit
Application Circuit Schematic
Pin #
Function
Description
3
RF IN
RF input pin. This pin requires the use of an external DC
blocking capacitor chosen for the frequency of operation
1,2,4,5
GND
Connection to ground. Use via holes as close to the device
ground leads as possible to reduce ground inductance and
achieve optimum RF performance
6
RF OUT /
DCBIAS
RF output and bias pin. This pin requires the use of an
external DC blocking capacitor chosen for the frequency of
operation.
Mounting Instructions
1. Use a large ground pad area under device pins 1, 2,
4 and 5 with many plated through-holes as shown.
2. We recommend 1 or 2 ounce copper. Measurements
for this data sheet were made on a 31 mil thick FR-4
board with 1 ounce copper on both sides.
Application Circuit Element Values
Reference
Designator
100-2000MHz
2000-4000MHz
C1
1000pF
2.7pF
C2
100pF
6.8pF
C3
100pF
6.8pF
L1
120nH
39nH
C2
C1
L1
1uF
1000pF
C3
RF IN
1,2
3
C1
SGC-4363Z
4,5
6
1uF
Vs
1000pF
RF OUT
C2
C3
L1
4
6
C43
1
3
2
5
Part
Number
Package /
Lead Composition
Reel Size
Devices /
Reel
SGC-4363Z
Lead Free, RoHs Compliant
7"
3000
Part Identification Marking & Pinout


Similar Part No. - SGC-4363Z

ManufacturerPart #DatasheetDescription
logo
SIRENZA MICRODEVICES
SGC-4363Z SIRENZA-SGC-4363Z Datasheet
284Kb / 5P
   50-4000 MHz Active Bias Silicon Germanium Cascadable Gain Block
More results

Similar Description - SGC-4363Z

ManufacturerPart #DatasheetDescription
logo
SIRENZA MICRODEVICES
SGC-2463Z SIRENZA-SGC-2463Z Datasheet
306Kb / 5P
   50-4000 MHz Silicon Germanium Cascadable Gain Block
SGC-2386Z SIRENZA-SGC-2386Z Datasheet
266Kb / 5P
   50-4000 MHz Silicon Germanium Cascadable Gain Block
SGC-4386Z SIRENZA-SGC-4386Z Datasheet
266Kb / 5P
   50-4000 MHz Silicon Germanium Cascadable Gain Block
SGC-2486Z SIRENZA-SGC-2486Z Datasheet
265Kb / 5P
   50-4000 MHz Silicon Germanium Cascadable Gain Block
SGC-4463Z SIRENZA-SGC-4463Z Datasheet
307Kb / 5P
   50-4000 MHz Silicon Germanium Cascadable Gain Block
SGC-6386Z SIRENZA-SGC-6386Z Datasheet
296Kb / 6P
   50-4000 MHz Silicon Germanium Cascadable Gain Block
SGC-2363Z SIRENZA-SGC-2363Z Datasheet
307Kb / 5P
   50-4000 MHz Silicon Germanium Cascadable Gain Block
SGC-4486Z SIRENZA-SGC-4486Z Datasheet
266Kb / 5P
   50-4000 MHz Silicon Germanium Cascadable Gain Block
SGC-6389Z SIRENZA-SGC-6389Z Datasheet
310Kb / 6P
   50-4000 MHz Silicon Germanium Cascadable Gain Block
SGC-6386Z SIRENZA-SGC-6386Z_1 Datasheet
296Kb / 6P
   50-4000 MHz Silicon Germanium Cascadable Gain Block
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com