Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LBAD0ZZ1SE Datasheet(PDF) 24 Page - Murata Manufacturing Co., Ltd

Part # LBAD0ZZ1SE
Description  LTE CAT M1/NB -IoT Module
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA1 [Murata Manufacturing Co., Ltd]
Direct Link  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd

LBAD0ZZ1SE Datasheet(HTML) 24 Page - Murata Manufacturing Co., Ltd

Back Button LBAD0ZZ1SE Datasheet HTML 18Page - Murata Manufacturing Co., Ltd LBAD0ZZ1SE Datasheet HTML 19Page - Murata Manufacturing Co., Ltd LBAD0ZZ1SE Datasheet HTML 20Page - Murata Manufacturing Co., Ltd LBAD0ZZ1SE Datasheet HTML 21Page - Murata Manufacturing Co., Ltd LBAD0ZZ1SE Datasheet HTML 22Page - Murata Manufacturing Co., Ltd LBAD0ZZ1SE Datasheet HTML 23Page - Murata Manufacturing Co., Ltd LBAD0ZZ1SE Datasheet HTML 24Page - Murata Manufacturing Co., Ltd LBAD0ZZ1SE Datasheet HTML 25Page - Murata Manufacturing Co., Ltd LBAD0ZZ1SE Datasheet HTML 26Page - Murata Manufacturing Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 24 / 26 page
background image
Copyright © Murata Manufacturing Co., Ltd. All rights reserved. October 2018
LBAD0ZZ1SE Data Sheet, v1.2, 11/11/2021
Page 19 of 26
www.murata.com
11 Notice
11.1Storage Conditions
Please use this product within 6 months after receipt.
- The product shall be stored in original under with an ambient temperature from 5 to 35°C, and humidity from 20% to
70%RH. (Packing materials, in particular, may become deformed if the temperature exceeds 40°C.)
- If the product is not used for more than 6months after receipt, confirm the solderability before use.
- Store the product in non-corrosive gas (Cl2, NH3, SO2, NOx, etc.).
- Avoid mechanical shock, such as dropping or puncturing the product, to preserve integrity of the packing materials.
This product is applicable to MSL4 (Based on JEDEC Standard J-STD-020)
- After the package is opened, store it at <30°C / <60%RH and use the product within 72hours.
Please record and manage the time after opening.
- Product should be repacked with desiccating agent immediately after using.
- If the color of the indicator in the packing changes, bake the product before soldering.
Baking condition: 125+5/-0°C, 24hours, 1 time
Baked the product on a heat-resistant tray because other materials (Base Tape, Reel Tape and Cover Tape) are not
heat-resistant.
* For the MSL standard, see IPC/JEDEC J-STD-020 (can be downloaded from www.jedec.org).
If the storage environment is not conducted above standard conditions, it will cause some issue (e.g., Operation issue,
Overcurrent, Malfunction) we shall not be responsible for that.
Before using
please refer to “PRECONDITIONS TO USE MURATA PRODUCTS”
11.2Handling Conditions
Be careful in handling or transporting products because excessive stress or mechanical shock may break products.
Handle with care if products may have cracks or damages on their terminals, the characteristics of products may change.
Do not touch products with bear hands that may result in poor solder ability and destroy by static electrical charge.
11.3Standard PCB Design (Land Pattern and Dimensions)
All the ground terminals should be connected to the ground patterns. Furthermore, the ground pattern should be provided
between IN and OUT terminals. Please refer to the specifications for the standard land dimensions.
The recommended land pattern and dimensions is as Murata's standard. The characteristics of products may vary
depending on the pattern drawing method, grounding method, land dimensions, land forming method of the NC terminals
and the PCB material and thickness. Therefore, be sure to verify the characteristics in the actual set. If use non-standard
lands, contact Murata beforehand.
11.4Notice for Chip Placer
When placing products on the PCB, products may be stressed and broken by uneven forces from a worn-out chucking
locating claw or a suction nozzle. To prevent products from damages, be sure to follow the specifications for the
maintenance of the chip placer being used. For the positioning of products on the PCB, be aware that mechanical
chucking may damage products.


Similar Part No. - LBAD0ZZ1SE

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LBAD0XX1SC MURATA1-LBAD0XX1SC Datasheet
679Kb / 23P
   LTE CAT M1 Module
Revision 1.2 5/4/2020
LBAD0XX1SC-EVK-TEMP MURATA1-LBAD0XX1SC-EVK-TEMP Datasheet
679Kb / 23P
   LTE CAT M1 Module
Revision 1.2 5/4/2020
LBAD0XX1SC-TEMP MURATA1-LBAD0XX1SC-TEMP Datasheet
679Kb / 23P
   LTE CAT M1 Module
Revision 1.2 5/4/2020
More results

Similar Description - LBAD0ZZ1SE

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
LSP69001299TR AVX-LSP69001299TR Datasheet
1Mb / 8P
   LTE Cat-M1 / NB-IoT Antenna
30/09/2021
logo
NimbeLink Corp.
NL-SW-LTE-TG1WWG NIMBELINK-NL-SW-LTE-TG1WWG Datasheet
216Kb / 2P
   Skywire 4G LTE-M (CAT M1), NB-IoT (NB1, NB2)
Rev A
logo
Murata Manufacturing Co...
LBAD0XX1SC MURATA1-LBAD0XX1SC Datasheet
679Kb / 23P
   LTE CAT M1 Module
Revision 1.2 5/4/2020
logo
SparkFun Electronics
CEL-15087 SPARKFUN-CEL-15087 Datasheet
303Kb / 5P
   SparkFun LTE CAT M1/NB-IoT Shield - SARA-R4 (with Hologram SIM Card)
12????8
logo
u-blox AG
SARA-N2 U-BLOX-SARA-N2 Datasheet
1,014Kb / 30P
   Power-optimized NB-IoT (LTE Cat NB1) modules
logo
Quectel Wireless Soluti...
BG95 QUECTEL-BG95 Datasheet
1Mb / 3P
   LTE Cat M1/ Cat NB2/ EGPRS Module
BG96 QUECTEL-BG96_V01 Datasheet
1Mb / 2P
   LTE Cat M1 & Cat NB1 & EGPRS Module
BG96 QUECTEL-BG96 Datasheet
1Mb / 2P
   LTE Cat M1 & Cat NB1 & EGPRS Module
BG95-M3 QUECTEL-BG95-M3 Datasheet
1Mb / 2P
   LTE Cat M1 & Cat NB2 & EGPRS Module
BG600L-M3 QUECTEL-BG600L-M3 Datasheet
1Mb / 2P
   LTE Cat M1/Cat NB2/EGPRS Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com