Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LBAD0ZZ1SE Datasheet(PDF) 19 Page - Murata Manufacturing Co., Ltd

Part # LBAD0ZZ1SE
Description  LTE CAT M1/NB -IoT Module
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA1 [Murata Manufacturing Co., Ltd]
Direct Link  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd

LBAD0ZZ1SE Datasheet(HTML) 19 Page - Murata Manufacturing Co., Ltd

Back Button LBAD0ZZ1SE Datasheet HTML 15Page - Murata Manufacturing Co., Ltd LBAD0ZZ1SE Datasheet HTML 16Page - Murata Manufacturing Co., Ltd LBAD0ZZ1SE Datasheet HTML 17Page - Murata Manufacturing Co., Ltd LBAD0ZZ1SE Datasheet HTML 18Page - Murata Manufacturing Co., Ltd LBAD0ZZ1SE Datasheet HTML 19Page - Murata Manufacturing Co., Ltd LBAD0ZZ1SE Datasheet HTML 20Page - Murata Manufacturing Co., Ltd LBAD0ZZ1SE Datasheet HTML 21Page - Murata Manufacturing Co., Ltd LBAD0ZZ1SE Datasheet HTML 22Page - Murata Manufacturing Co., Ltd LBAD0ZZ1SE Datasheet HTML 23Page - Murata Manufacturing Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
Copyright © Murata Manufacturing Co., Ltd. All rights reserved. October 2018
LBAD0ZZ1SE Data Sheet, v1.2, 11/11/2021
Page 14 of 26
www.murata.com
7.7 Module Marking Information
Figure 7.6 shows the module marking. Dimensions are nominal, not absolute.
Number
Items
Description
1
#1 pin mark
2
2D code
IMEI information
3
Murata mark
4
Product name
Type1SE
5
Inspection #
SS*******
6
-
Contains
7
FCC certification #
FCCID:HSW-TY1SCDM
8
IC certification #
IC:4492A-TY1SCDM
Figure 7.6 Module Marking Diagram
7.8 Moisture Sensitivity Level
The LBAD0ZZ1SE is planned to be qualified to moisture sensitivity level 4 (MSL4) in accordance with JEDEC J-STD-020.
*This product is moisture sensitive. Please check the detail in 11.1 Storage Condition section.


Similar Part No. - LBAD0ZZ1SE

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LBAD0XX1SC MURATA1-LBAD0XX1SC Datasheet
679Kb / 23P
LTE CAT M1 Module
Revision 1.2 5/4/2020
LBAD0XX1SC-EVK-TEMP MURATA1-LBAD0XX1SC-EVK-TEMP Datasheet
679Kb / 23P
LTE CAT M1 Module
Revision 1.2 5/4/2020
LBAD0XX1SC-TEMP MURATA1-LBAD0XX1SC-TEMP Datasheet
679Kb / 23P
LTE CAT M1 Module
Revision 1.2 5/4/2020
More results

Similar Description - LBAD0ZZ1SE

ManufacturerPart #DatasheetDescription
logo
u-blox AG
SARA-N2 U-BLOX-SARA-N2 Datasheet
1,014Kb / 30P
Power-optimized NB-IoT (LTE Cat NB1) modules
logo
Quectel Wireless Soluti...
BG95 QUECTEL-BG95 Datasheet
1Mb / 3P
LTE Cat M1/ Cat NB2/ EGPRS Module
BG95-M3 QUECTEL-BG95-M3 Datasheet
1Mb / 2P
LTE Cat M1 & Cat NB2 & EGPRS Module
BG96 QUECTEL-BG96 Datasheet
1Mb / 2P
LTE Cat M1 & Cat NB1 & EGPRS Module
BG96 QUECTEL-BG96_V01 Datasheet
1Mb / 2P
LTE Cat M1 & Cat NB1 & EGPRS Module
BG600L-M3 QUECTEL-BG600L-M3 Datasheet
1Mb / 2P
LTE Cat M1/Cat NB2/EGPRS Module
logo
SparkFun Electronics
CEL-15087 SPARKFUN-CEL-15087 Datasheet
303Kb / 5P
SparkFun LTE CAT M1/NB-IoT Shield - SARA-R4 (with Hologram SIM Card)
12????8
logo
NimbeLink Corp.
NL-SW-LTE-TG1WWG NIMBELINK-NL-SW-LTE-TG1WWG Datasheet
216Kb / 2P
Skywire 4G LTE-M (CAT M1), NB-IoT (NB1, NB2)
Rev A
logo
AVX Corporation
LSP69001299TR AVX-LSP69001299TR Datasheet
1Mb / 8P
LTE Cat-M1 / NB-IoT Antenna
30/09/2021
logo
Murata Manufacturing Co...
LBAD0XX1SC MURATA1-LBAD0XX1SC Datasheet
679Kb / 23P
LTE CAT M1 Module
Revision 1.2 5/4/2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com