Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LBAD0ZZ1SE Datasheet(PDF) 17 Page - Murata Manufacturing Co., Ltd

Part # LBAD0ZZ1SE
Description  LTE CAT M1/NB -IoT Module
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA1 [Murata Manufacturing Co., Ltd]
Direct Link  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd

LBAD0ZZ1SE Datasheet(HTML) 17 Page - Murata Manufacturing Co., Ltd

Back Button LBAD0ZZ1SE Datasheet HTML 13Page - Murata Manufacturing Co., Ltd LBAD0ZZ1SE Datasheet HTML 14Page - Murata Manufacturing Co., Ltd LBAD0ZZ1SE Datasheet HTML 15Page - Murata Manufacturing Co., Ltd LBAD0ZZ1SE Datasheet HTML 16Page - Murata Manufacturing Co., Ltd LBAD0ZZ1SE Datasheet HTML 17Page - Murata Manufacturing Co., Ltd LBAD0ZZ1SE Datasheet HTML 18Page - Murata Manufacturing Co., Ltd LBAD0ZZ1SE Datasheet HTML 19Page - Murata Manufacturing Co., Ltd LBAD0ZZ1SE Datasheet HTML 20Page - Murata Manufacturing Co., Ltd LBAD0ZZ1SE Datasheet HTML 21Page - Murata Manufacturing Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
Copyright © Murata Manufacturing Co., Ltd. All rights reserved. October 2018
LBAD0ZZ1SE Data Sheet, v1.2, 11/11/2021
Page 12 of 26
www.murata.com
7.4 Leader and Tail tape
Figure 7.3 Tape Leader and Tail
The tape for chips are wound clockwise, the feeding holes to the right side as the tape is pulled toward the user.
The cover tape and base tape are not adhered at none components area for 250 mm min.
Tear off strength against pulling of cover tape: 5 N min.
Packaging unit: 500 pcs./ reel
Material:
-
Base tape: Plastic
-
Reel : Plastic
-
Cover tape, cavity tape and reel are made the anti-static processing.
Tail tape
(No components)
40 to 200mm
Components
No components
150mm min.
Leader tape
(Cover tape
alone)
Feeding direction


Similar Part No. - LBAD0ZZ1SE

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LBAD0XX1SC MURATA1-LBAD0XX1SC Datasheet
679Kb / 23P
LTE CAT M1 Module
Revision 1.2 5/4/2020
LBAD0XX1SC-EVK-TEMP MURATA1-LBAD0XX1SC-EVK-TEMP Datasheet
679Kb / 23P
LTE CAT M1 Module
Revision 1.2 5/4/2020
LBAD0XX1SC-TEMP MURATA1-LBAD0XX1SC-TEMP Datasheet
679Kb / 23P
LTE CAT M1 Module
Revision 1.2 5/4/2020
More results

Similar Description - LBAD0ZZ1SE

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
LSP69001299TR AVX-LSP69001299TR Datasheet
1Mb / 8P
LTE Cat-M1 / NB-IoT Antenna
30/09/2021
logo
NimbeLink Corp.
NL-SW-LTE-TG1WWG NIMBELINK-NL-SW-LTE-TG1WWG Datasheet
216Kb / 2P
Skywire 4G LTE-M (CAT M1), NB-IoT (NB1, NB2)
Rev A
logo
Murata Manufacturing Co...
LBAD0XX1SC MURATA1-LBAD0XX1SC Datasheet
679Kb / 23P
LTE CAT M1 Module
Revision 1.2 5/4/2020
logo
SparkFun Electronics
CEL-15087 SPARKFUN-CEL-15087 Datasheet
303Kb / 5P
SparkFun LTE CAT M1/NB-IoT Shield - SARA-R4 (with Hologram SIM Card)
12????8
logo
u-blox AG
SARA-N2 U-BLOX-SARA-N2 Datasheet
1,014Kb / 30P
Power-optimized NB-IoT (LTE Cat NB1) modules
logo
Quectel Wireless Soluti...
BG95 QUECTEL-BG95 Datasheet
1Mb / 3P
LTE Cat M1/ Cat NB2/ EGPRS Module
BG96 QUECTEL-BG96_V01 Datasheet
1Mb / 2P
LTE Cat M1 & Cat NB1 & EGPRS Module
BG96 QUECTEL-BG96 Datasheet
1Mb / 2P
LTE Cat M1 & Cat NB1 & EGPRS Module
BG95-M3 QUECTEL-BG95-M3 Datasheet
1Mb / 2P
LTE Cat M1 & Cat NB2 & EGPRS Module
BG600L-M3 QUECTEL-BG600L-M3 Datasheet
1Mb / 2P
LTE Cat M1/Cat NB2/EGPRS Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com