Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LBAD0ZZ1SE Datasheet(PDF) 12 Page - Murata Manufacturing Co., Ltd

Part # LBAD0ZZ1SE
Description  LTE CAT M1/NB -IoT Module
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA1 [Murata Manufacturing Co., Ltd]
Direct Link  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd

LBAD0ZZ1SE Datasheet(HTML) 12 Page - Murata Manufacturing Co., Ltd

Back Button LBAD0ZZ1SE Datasheet HTML 8Page - Murata Manufacturing Co., Ltd LBAD0ZZ1SE Datasheet HTML 9Page - Murata Manufacturing Co., Ltd LBAD0ZZ1SE Datasheet HTML 10Page - Murata Manufacturing Co., Ltd LBAD0ZZ1SE Datasheet HTML 11Page - Murata Manufacturing Co., Ltd LBAD0ZZ1SE Datasheet HTML 12Page - Murata Manufacturing Co., Ltd LBAD0ZZ1SE Datasheet HTML 13Page - Murata Manufacturing Co., Ltd LBAD0ZZ1SE Datasheet HTML 14Page - Murata Manufacturing Co., Ltd LBAD0ZZ1SE Datasheet HTML 15Page - Murata Manufacturing Co., Ltd LBAD0ZZ1SE Datasheet HTML 16Page - Murata Manufacturing Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
Copyright © Murata Manufacturing Co., Ltd. All rights reserved. October 2018
LBAD0ZZ1SE Data Sheet, v1.2, 11/11/2021
Page 7 of 26
www.murata.com
3
DC Electrical Specification
3.1 Tx Output Power
The module is compliant to the 3GPP spec for release 13 and rated at a Class 3 device (23 dBm)
3.2 Rx Sensitivity
Table 3-1 Rx Sensitivity
Items
Contents
Min
Typ.
Max
Unit
Frequency Range
LB
703
960
MHz
MB
1710
2170
MHz
Rx Sensitivity
MCS5, BER<5%
-103
dBm
4
Environmental Specification
4.1 Absolute Maximum Rating
Table 4-1 Absolute Maximum Rating
Description
Min
Max
Unit
VDD
-0.3
6
V
PA Stability
6:1
VSWR
4.2 Recommended Operating Condition
Table 4-2 Recommended Operating Condition
Description
Min
Max
Unit
VDD
3.3
5.0
V
4.3 Temperature Range
Table 4-3 Temperature Range
Description
Range
Note
Storage temperature range
-40 ºC
– 85 ºC
Storage and non-operational
Operating temperature range
-40 ºC
– 85 ºC
Module is fully functional†
-10 ºC
– 55 ºC
Module is fully functional† and
fully meets 3GPP specification
(†) Functional: the module is able to connect to PDN and transfer data.


Similar Part No. - LBAD0ZZ1SE

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LBAD0XX1SC MURATA1-LBAD0XX1SC Datasheet
679Kb / 23P
   LTE CAT M1 Module
Revision 1.2 5/4/2020
LBAD0XX1SC-EVK-TEMP MURATA1-LBAD0XX1SC-EVK-TEMP Datasheet
679Kb / 23P
   LTE CAT M1 Module
Revision 1.2 5/4/2020
LBAD0XX1SC-TEMP MURATA1-LBAD0XX1SC-TEMP Datasheet
679Kb / 23P
   LTE CAT M1 Module
Revision 1.2 5/4/2020
More results

Similar Description - LBAD0ZZ1SE

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
LSP69001299TR AVX-LSP69001299TR Datasheet
1Mb / 8P
   LTE Cat-M1 / NB-IoT Antenna
30/09/2021
logo
NimbeLink Corp.
NL-SW-LTE-TG1WWG NIMBELINK-NL-SW-LTE-TG1WWG Datasheet
216Kb / 2P
   Skywire 4G LTE-M (CAT M1), NB-IoT (NB1, NB2)
Rev A
logo
Murata Manufacturing Co...
LBAD0XX1SC MURATA1-LBAD0XX1SC Datasheet
679Kb / 23P
   LTE CAT M1 Module
Revision 1.2 5/4/2020
logo
SparkFun Electronics
CEL-15087 SPARKFUN-CEL-15087 Datasheet
303Kb / 5P
   SparkFun LTE CAT M1/NB-IoT Shield - SARA-R4 (with Hologram SIM Card)
12????8
logo
u-blox AG
SARA-N2 U-BLOX-SARA-N2 Datasheet
1,014Kb / 30P
   Power-optimized NB-IoT (LTE Cat NB1) modules
logo
Quectel Wireless Soluti...
BG95 QUECTEL-BG95 Datasheet
1Mb / 3P
   LTE Cat M1/ Cat NB2/ EGPRS Module
BG96 QUECTEL-BG96_V01 Datasheet
1Mb / 2P
   LTE Cat M1 & Cat NB1 & EGPRS Module
BG96 QUECTEL-BG96 Datasheet
1Mb / 2P
   LTE Cat M1 & Cat NB1 & EGPRS Module
BG95-M3 QUECTEL-BG95-M3 Datasheet
1Mb / 2P
   LTE Cat M1 & Cat NB2 & EGPRS Module
BG600L-M3 QUECTEL-BG600L-M3 Datasheet
1Mb / 2P
   LTE Cat M1/Cat NB2/EGPRS Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com