Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LBAD0ZZ1SE Datasheet(PDF) 11 Page - Murata Manufacturing Co., Ltd

Part # LBAD0ZZ1SE
Description  LTE CAT M1/NB -IoT Module
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA1 [Murata Manufacturing Co., Ltd]
Direct Link  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd

LBAD0ZZ1SE Datasheet(HTML) 11 Page - Murata Manufacturing Co., Ltd

Back Button LBAD0ZZ1SE Datasheet HTML 7Page - Murata Manufacturing Co., Ltd LBAD0ZZ1SE Datasheet HTML 8Page - Murata Manufacturing Co., Ltd LBAD0ZZ1SE Datasheet HTML 9Page - Murata Manufacturing Co., Ltd LBAD0ZZ1SE Datasheet HTML 10Page - Murata Manufacturing Co., Ltd LBAD0ZZ1SE Datasheet HTML 11Page - Murata Manufacturing Co., Ltd LBAD0ZZ1SE Datasheet HTML 12Page - Murata Manufacturing Co., Ltd LBAD0ZZ1SE Datasheet HTML 13Page - Murata Manufacturing Co., Ltd LBAD0ZZ1SE Datasheet HTML 14Page - Murata Manufacturing Co., Ltd LBAD0ZZ1SE Datasheet HTML 15Page - Murata Manufacturing Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
Copyright © Murata Manufacturing Co., Ltd. All rights reserved. October 2018
LBAD0ZZ1SE Data Sheet, v1.2, 11/11/2021
Page 6 of 26
www.murata.com
Pin #
Pin Name
STM32L462
Type
Description
76
TIM2_CH2
B4
I/O
PB3/TIM2_CH2/JTDO/TRACESWO
77
NC
No Connect
78
NC
No Connect
79
GND
GND
GND
80
NC
No Connect
81
eSIM_SWP
I/O
SWP for NFC to ST33
82
NC
No Connect
83
NC
No Connect
84
VDDUSB
A1
Power
3.0 to 3.6 V supply for USB; connect to VDD_1V8 if not
used
85
SWCLK
C3
I/O
PA14/JTCK/SWCLK
86
SWDIO
C2
I/O
PA13/JTMS/SWDIO
87
USB_DP
D3
I/O
PA12/USB_DP
88
USB_DM
D2
I/O
PA11/USB_DM
89
USART1_RX
C1
I
PA10/USART1_RX
90
USART1_TX
D1
O
PA9/USART1_TX
91
TIM15_CH2
F1
I/O
PB15/TIM15_CH2
92
TIM15_CH1
G1
I/O
PB14/TIM15_CH1
93
TIM3_CH4
E2
I/O
PC9/TIM3_CH4
94
TIM3_CH1
F2
I/O
PC6/TIM3_CH1
95
QUADSPI_IO0
F4
I/O
PB1/QUADSPI_BK1_IO0
96
QUADSPI_CLK
H4
I/O
PB10/QUADSPI_CLK
97
QUADSPI_nCS
H3
I/O
PB11/QUADSPI_BK1_NCS; connect to 98 to use internal
serial flash
98
SF_nCS
I/O
Internal serial flash chip select
99
QUADSPI_IO1
H5
I/O
PB0/QUADSPI_BK1_IO1
100
QUADSPI_IO3
H6
I/O
PA6/QUADSPI_BK1_IO3
101
QUADSPI_IO2
E5
I/O
PA7/QUADSPI_BK1_IO2
102-
126
GND
GND
Ground


Similar Part No. - LBAD0ZZ1SE

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LBAD0XX1SC MURATA1-LBAD0XX1SC Datasheet
679Kb / 23P
   LTE CAT M1 Module
Revision 1.2 5/4/2020
LBAD0XX1SC-EVK-TEMP MURATA1-LBAD0XX1SC-EVK-TEMP Datasheet
679Kb / 23P
   LTE CAT M1 Module
Revision 1.2 5/4/2020
LBAD0XX1SC-TEMP MURATA1-LBAD0XX1SC-TEMP Datasheet
679Kb / 23P
   LTE CAT M1 Module
Revision 1.2 5/4/2020
More results

Similar Description - LBAD0ZZ1SE

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
LSP69001299TR AVX-LSP69001299TR Datasheet
1Mb / 8P
   LTE Cat-M1 / NB-IoT Antenna
30/09/2021
logo
NimbeLink Corp.
NL-SW-LTE-TG1WWG NIMBELINK-NL-SW-LTE-TG1WWG Datasheet
216Kb / 2P
   Skywire 4G LTE-M (CAT M1), NB-IoT (NB1, NB2)
Rev A
logo
Murata Manufacturing Co...
LBAD0XX1SC MURATA1-LBAD0XX1SC Datasheet
679Kb / 23P
   LTE CAT M1 Module
Revision 1.2 5/4/2020
logo
SparkFun Electronics
CEL-15087 SPARKFUN-CEL-15087 Datasheet
303Kb / 5P
   SparkFun LTE CAT M1/NB-IoT Shield - SARA-R4 (with Hologram SIM Card)
12????8
logo
u-blox AG
SARA-N2 U-BLOX-SARA-N2 Datasheet
1,014Kb / 30P
   Power-optimized NB-IoT (LTE Cat NB1) modules
logo
Quectel Wireless Soluti...
BG95 QUECTEL-BG95 Datasheet
1Mb / 3P
   LTE Cat M1/ Cat NB2/ EGPRS Module
BG96 QUECTEL-BG96_V01 Datasheet
1Mb / 2P
   LTE Cat M1 & Cat NB1 & EGPRS Module
BG96 QUECTEL-BG96 Datasheet
1Mb / 2P
   LTE Cat M1 & Cat NB1 & EGPRS Module
BG95-M3 QUECTEL-BG95-M3 Datasheet
1Mb / 2P
   LTE Cat M1 & Cat NB2 & EGPRS Module
BG600L-M3 QUECTEL-BG600L-M3 Datasheet
1Mb / 2P
   LTE Cat M1/Cat NB2/EGPRS Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com