Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LBAD0ZZ1SE Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd

Part # LBAD0ZZ1SE
Description  LTE CAT M1/NB -IoT Module
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA1 [Murata Manufacturing Co., Ltd]
Direct Link  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd

LBAD0ZZ1SE Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd

  LBAD0ZZ1SE Datasheet HTML 1Page - Murata Manufacturing Co., Ltd LBAD0ZZ1SE Datasheet HTML 2Page - Murata Manufacturing Co., Ltd LBAD0ZZ1SE Datasheet HTML 3Page - Murata Manufacturing Co., Ltd LBAD0ZZ1SE Datasheet HTML 4Page - Murata Manufacturing Co., Ltd LBAD0ZZ1SE Datasheet HTML 5Page - Murata Manufacturing Co., Ltd LBAD0ZZ1SE Datasheet HTML 6Page - Murata Manufacturing Co., Ltd LBAD0ZZ1SE Datasheet HTML 7Page - Murata Manufacturing Co., Ltd LBAD0ZZ1SE Datasheet HTML 8Page - Murata Manufacturing Co., Ltd LBAD0ZZ1SE Datasheet HTML 9Page - Murata Manufacturing Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
Copyright © Murata Manufacturing Co., Ltd. All rights reserved. October 2018
LBAD0ZZ1SE Data Sheet, v1.2, 11/11/2021
Page 1 of 26
www.murata.com
Features
• LTE Cat M1
– Class 3, up to 23dBm
• NB-IoT (NB1) Rel. 13
• STM32L462RE/Cortex M4 w/512KB Flash and 160 KB SRAM
• 1MB on-board Serial Flash
• Dimension: 15.4 x 18.0 x 2.5 mm (max)
• Package: LGA
• SIM card: internal eSIM (WLCSP)
• Antenna configurations: U.FL antenna connection
• 3GPP eDRX and PSM modes
• Power Consumption: enables up to 10-year battery life
• Operating temperature range: -40 °c to 85 °c
• Global Certifications: GCF and PTCRB
• IPv4/IPv6 stack with TCP and UDP protocol
• SSL/TLS
• LTE universal modem supports (low-band and mid-band):
• Low-band B5/B8/B12/B13/B14(CAT M1 Only)/B17/B18/B19/B20/B26/B28
• Mid-band B1/B2/B3/B4/B25
Benefits
• Certified as a host device for ease of integration with several different types of applications.
• Quicker time to market (no additional carrier or regulatory certification).
• Less development time and costs for developer/device manufacturer in need of LTE Cat M1/NB-loT connectivity
• eSIM included in certification.
• Build/Develop applications with the use of ST's vast set of software modules.
• Availability of ST's Community and Development Forums.
Notice
• This module cannot be used in a smartphone or other wireless telephone or a tablet and any device that is capable of
providing a wireless hotspot for other devices, is capable of providing two-way voice communication.
LBAD0ZZ1SE
LTE CAT
M1/NB-IoT
Module


Similar Part No. - LBAD0ZZ1SE

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LBAD0XX1SC MURATA1-LBAD0XX1SC Datasheet
679Kb / 23P
   LTE CAT M1 Module
Revision 1.2 5/4/2020
LBAD0XX1SC-EVK-TEMP MURATA1-LBAD0XX1SC-EVK-TEMP Datasheet
679Kb / 23P
   LTE CAT M1 Module
Revision 1.2 5/4/2020
LBAD0XX1SC-TEMP MURATA1-LBAD0XX1SC-TEMP Datasheet
679Kb / 23P
   LTE CAT M1 Module
Revision 1.2 5/4/2020
More results

Similar Description - LBAD0ZZ1SE

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
LSP69001299TR AVX-LSP69001299TR Datasheet
1Mb / 8P
   LTE Cat-M1 / NB-IoT Antenna
30/09/2021
logo
NimbeLink Corp.
NL-SW-LTE-TG1WWG NIMBELINK-NL-SW-LTE-TG1WWG Datasheet
216Kb / 2P
   Skywire 4G LTE-M (CAT M1), NB-IoT (NB1, NB2)
Rev A
logo
Murata Manufacturing Co...
LBAD0XX1SC MURATA1-LBAD0XX1SC Datasheet
679Kb / 23P
   LTE CAT M1 Module
Revision 1.2 5/4/2020
logo
SparkFun Electronics
CEL-15087 SPARKFUN-CEL-15087 Datasheet
303Kb / 5P
   SparkFun LTE CAT M1/NB-IoT Shield - SARA-R4 (with Hologram SIM Card)
12????8
logo
u-blox AG
SARA-N2 U-BLOX-SARA-N2 Datasheet
1,014Kb / 30P
   Power-optimized NB-IoT (LTE Cat NB1) modules
logo
Quectel Wireless Soluti...
BG95 QUECTEL-BG95 Datasheet
1Mb / 3P
   LTE Cat M1/ Cat NB2/ EGPRS Module
BG96 QUECTEL-BG96_V01 Datasheet
1Mb / 2P
   LTE Cat M1 & Cat NB1 & EGPRS Module
BG96 QUECTEL-BG96 Datasheet
1Mb / 2P
   LTE Cat M1 & Cat NB1 & EGPRS Module
BG95-M3 QUECTEL-BG95-M3 Datasheet
1Mb / 2P
   LTE Cat M1 & Cat NB2 & EGPRS Module
BG600L-M3 QUECTEL-BG600L-M3 Datasheet
1Mb / 2P
   LTE Cat M1/Cat NB2/EGPRS Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com