Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LAD-360 Datasheet(PDF) 9 Page - Mean Well Enterprises Co., Ltd.

Part # LAD-360
Description  360W Economical Security/Fire Alarm PSU with Battery Charger/UPS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

LAD-360 Datasheet(HTML) 9 Page - Mean Well Enterprises Co., Ltd.

Back Button LAD-360 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. LAD-360 Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd. LAD-360 Datasheet HTML 6Page - Mean Well Enterprises Co., Ltd. LAD-360 Datasheet HTML 7Page - Mean Well Enterprises Co., Ltd. LAD-360 Datasheet HTML 8Page - Mean Well Enterprises Co., Ltd. LAD-360 Datasheet HTML 9Page - Mean Well Enterprises Co., Ltd. LAD-360 Datasheet HTML 10Page - Mean Well Enterprises Co., Ltd. LAD-360 Datasheet HTML 11Page - Mean Well Enterprises Co., Ltd. LAD-360 Datasheet HTML 12Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
File Name:LAD-360-SPEC 2022-10-14
360W Economical Security/Fire Alarm PSU with Battery Charger/UPS
L A D - 3 6 0 series
3.3 Battery Low: Battery low detection
Between pin 3 and pin 4
(0.3V max. at 30mA)
(External applied voltage 50V max.)
Low
High or open
Description
The signal is "Low" when the battery is under voltage protected
The signal turns to be "High" when the battery is normal
2
1
8
7
R
V
4
3
3.4 Battery Full:Battery full detection
TTL Signal for Blank version
Between pin 4 and pin 5
(0.3V max. at 30mA)
(External applied voltage 50V max.)
Low
High or open
Description
The signal is "Low" when the battery is fully charged
The signal turns to be "High" when the battery is charged
2
1
8
7
R
V
4
5
TTL Signal for Blank version
Signal for UART Version
Battery Low is achievable through UART communication protocol,please refer to for more detail:
http://www.meanwell.com/manual.html
Signal for UART Version
Battery Full is achievable through UART communication protocol,please refer to for more detail:
http://www.meanwell.com/manual.html


Similar Part No. - LAD-360

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
LAD-120 MEANWELL-LAD-120 Datasheet
956Kb / 6P
   120W Economical Security/Fire Alarm PSU with Battery Charger/UPS
2022-09-23
LAD-120A MEANWELL-LAD-120A Datasheet
956Kb / 6P
   120W Economical Security/Fire Alarm PSU with Battery Charger/UPS
2022-09-23
LAD-120B MEANWELL-LAD-120B Datasheet
956Kb / 6P
   120W Economical Security/Fire Alarm PSU with Battery Charger/UPS
2022-09-23
LAD-120C MEANWELL-LAD-120C Datasheet
956Kb / 6P
   120W Economical Security/Fire Alarm PSU with Battery Charger/UPS
2022-09-23
LAD-120D MEANWELL-LAD-120D Datasheet
956Kb / 6P
   120W Economical Security/Fire Alarm PSU with Battery Charger/UPS
2022-09-23
More results

Similar Description - LAD-360

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
LAD-120 MEANWELL-LAD-120 Datasheet
956Kb / 6P
   120W Economical Security/Fire Alarm PSU with Battery Charger/UPS
2022-09-23
LAD-240 MEANWELL-LAD-240 Datasheet
1Mb / 7P
   240W Economical Security/Fire Alarm PSU with Battery Charger/UPS
2022-10-14
LAD-600 MEANWELL-LAD-600 Datasheet
1Mb / 12P
   600W Economical Security/Fire Alarm PSU with Battery Charger/UPS
2022-10-14
PB-360 MEANWELL-PB-360 Datasheet
292Kb / 2P
   360W Single Output Battery Charger
logo
List of Unclassifed Man...
PB-360P-24 ETC2-PB-360P-24 Datasheet
295Kb / 3P
   360W Single Output Battery Charger
logo
Mean Well Enterprises C...
PB-360 MEANWELL-PB-360_10 Datasheet
297Kb / 2P
   360W Single Output Battery Charger
PB-360 MEANWELL-PB-360_11 Datasheet
294Kb / 2P
   360W Single Output Battery Charger
ENC-360 MEANWELL-ENC-360 Datasheet
102Kb / 5P
   360W Programmable Desktop Type Battery Charger
ADD-155B MEANWELL-ADD-155B Datasheet
360Kb / 2P
   155W Dual Output with Battery Charger(UPS Function)
DRC-40 MEANWELL-DRC-40 Datasheet
267Kb / 5P
   40W Single Output with Battery Charger (UPS Function)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com