Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V Datasheet(PDF) 4 Page - C&K Components

Part # V
Description  Power & Line Voltage Select Slide Switches
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

V Datasheet(HTML) 4 Page - C&K Components

  V Datasheet HTML 1Page - C&K Components V Datasheet HTML 2Page - C&K Components V Datasheet HTML 3Page - C&K Components V Datasheet HTML 4Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
I–36
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ckswitches.com
I
V Series
Power & Line Voltage Select Slide Switches
CONTACT MATERIAL
SEAL
EPOXY
.075 MAX.
(1,91)
.175
(4,45)
PC MOUNTING
MS, SS Mounting Styles.
MA, SL Mounting Styles.
PC MOUNTING
08  PC THRU-HOLE
05  QUICK CONNECT
02  PC THRU-HOLE
E  EPOXY SEAL
NONE  NO SEAL
TERMINATIONS
Fits .110 in. quick connector.
Not available with ‘MS, SS or S2’ mounting styles.
* Note: See Technical Data section of this catalog for RoHS compliant and compatible definitions and specifications.
1 CONTACTS & TERMINALS: Copper, silver plated (standard with all termination options).
NOTE: Any models supplied with Q contact material are RoHS compliant.
10 GPA @ 125 V AC 50/60 Hz T85; 5 GPA @ 250 V AC 50/60 Hz T85;
2 (0.5)A @ 250 VAC 50/60 Hz T85; 4RA @ 30 VDC T85
POWER
SILVER 1
OPTION
CODE
RATINGS
CONTACT
MATERIAL
Q
All models
with all options.


Similar Description - V

ManufacturerPart #DatasheetDescription
logo
C&K Components
V80212SS05QE CK-COMPONENTS-V80212SS05QE Datasheet
300Kb / 4P
   Power & Line Voltage Select Slide Switches
logo
ITT Industries
V80212SS05Q ITT-V80212SS05Q Datasheet
448Kb / 4P
   Power & Line Voltage Select Slide Switches
logo
E-SWITCH
EG1201 E-SWITCH-EG1201 Datasheet
412Kb / 5P
   SLIDE SWITCHES
logo
Grayhill, Inc
48ASSP1S2M6RBT GRAYHILL-48ASSP1S2M6RBT Datasheet
159Kb / 3P
   Slide Switches
logo
Copal Electronics
CES COPAL-CES Datasheet
880Kb / 4P
   SLIDE SWITCHES
CRFS COPAL-CRFS Datasheet
961Kb / 3P
   SLIDE SWITCHES
logo
List of Unclassifed Man...
CAS-120TB1 ETC1-CAS-120TB1 Datasheet
221Kb / 6P
   SLIDE SWITCHES
logo
ITT Industries
S101031SS03Q ITT-S101031SS03Q Datasheet
398Kb / 5P
   Slide Switches
logo
C&K Components
S102031MS02Q CK-COMPONENTS-S102031MS02Q Datasheet
340Kb / 5P
   Slide Switches
logo
Copal Electronics
CL-SB COPAL-CL-SB Datasheet
883Kb / 9P
   SLIDE SWITCHES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com