Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74F537 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # 74F537
Description  1-of-10 decoder 3-State
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F537 Datasheet(HTML) 4 Page - NXP Semiconductors

  74F537 Datasheet HTML 1Page - NXP Semiconductors 74F537 Datasheet HTML 2Page - NXP Semiconductors 74F537 Datasheet HTML 3Page - NXP Semiconductors 74F537 Datasheet HTML 4Page - NXP Semiconductors 74F537 Datasheet HTML 5Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Philips Semiconductors
Product specification
74F537
1-of-10 decoder (3-State)
1989 Jan 20
4
AC ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
TEST CONDITIONS
LIMITS
UNIT
SYMBOL
PARAMETER
TEST CONDITIONS
Tamb = +25°C
Tamb = 0°C to +70°C
UNIT
SYMBOL
PARAMETER
TEST CONDITIONS
VCC = +5.0V
VCC = +5.0V ± 10%
UNIT
CL = 50pF, RL = 500Ω
CL = 50pF, RL = 500Ω
MIN
TYP
MAX
MIN
MAX
tPLH
tPHL
Propagation delay
An to Qn
Waveform 1
4.5
3.0
9.0
7.5
14.0
11.0
4.5
3.0
16.0
12.0
ns
ns
tPLH
tPHL
Propagation delay
E0 to Qn
Waveform 2
4.0
3.0
8.0
8.0
11.0
11.0
4.0
3.0
12.0
12.0
ns
ns
tPLH
tPHL
Propagation delay
E1 to Qn
Waveform 2
6.0
4.0
8.5
8.5
11.5
11.5
6.0
4.0
13.0
12.5
ns
ns
tPLH
tPHL
Propagation delay
P to Qn
Waveform 1
5.0
3.5
12.5
6.5
16.0
10.0
5.0
3.5
17.0
11.0
ns
ns
tPZH
tPZL
Output Enable time
OE to Qn
Waveform 3
Waveform 4
2.5
4.0
4.5
5.5
7.0
8.0
2.5
4.0
8.0
9.0
ns
ns
tPHZ
tPLZ
Output Disable time
OE to Qn
Waveform 3
Waveform 4
1.5
2.0
3.0
4.0
6.0
6.5
1.0
2.0
7.0
7.0
ns
ns
AC WAVEFORMS
For all waveforms, VM = 1.5V.
VM
VM
VM
VM
tPHL
tPLH
An, P, E0, E1
Qn
SF01008
Waveform 1. Propagation Delay for
Non-Inverting Outputs
VM
VM
VM
VM
tPLH
tPHL
E0, E1
Qn
SF01009
Waveform 2. Propagation Delay for
Inverting Outputs
VM
VM
VM
tPHZ
tPZH
OE
Qn
VOH -0.3V
0V
SF01010
Waveform 3. 3-State Output Enable Time to High Level
and Output Disable Time from High Level
VM
VM
VM
tPLZ
tPZL
OE
Qn
VOL +0.3V
SF01011
Waveform 4. 3-State Output Enable Time to Low Level
and Output Disable Time from Low Level


Similar Part No. - 74F537

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74F537 FAIRCHILD-74F537 Datasheet
54Kb / 7P
   1-of-10 Decoder with 3-STATE Outputs
74F537PC FAIRCHILD-74F537PC Datasheet
54Kb / 7P
   1-of-10 Decoder with 3-STATE Outputs
74F537SC FAIRCHILD-74F537SC Datasheet
54Kb / 7P
   1-of-10 Decoder with 3-STATE Outputs
More results

Similar Description - 74F537

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74F537 FAIRCHILD-74F537 Datasheet
54Kb / 7P
   1-of-10 Decoder with 3-STATE Outputs
logo
NXP Semiconductors
74F538 PHILIPS-74F538 Datasheet
85Kb / 10P
   1-of -8 decoder 3-state
1989 Apr 06
74F539 PHILIPS-74F539 Datasheet
44Kb / 5P
   Dual 1-of-4 decoder 3-State
1990 Feb 23
HEF4028B PHILIPS-HEF4028B Datasheet
47Kb / 5P
   1-of-10 decoder
January 1995
logo
National Semiconductor ...
93L01 NSC-93L01 Datasheet
79Kb / 3P
   1 - OF - 10 DECODER
logo
Renesas Technology Corp
HD74AC538 RENESAS-HD74AC538 Datasheet
234Kb / 10P
   1-of-8 Decoder with 3-State Output
Jul.16.2004
logo
Fairchild Semiconductor
74F538 FAIRCHILD-74F538 Datasheet
63Kb / 7P
   1-of-8 Decoder with 3-STATE Outputs
logo
Hitachi Semiconductor
HD74AC538 HITACHI-HD74AC538 Datasheet
68Kb / 10P
   1-of-8 Decoder with 3-State Output
HD74AC539 HITACHI-HD74AC539 Datasheet
60Kb / 10P
   Dual 1-of-4 Decoder with 3-State Output
logo
Fairchild Semiconductor
74F539 FAIRCHILD-74F539 Datasheet
51Kb / 6P
   Dual 1-of-4 Decoder with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com