Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74F537 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74F537
Description  1-of-10 decoder 3-State
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F537 Datasheet(HTML) 3 Page - NXP Semiconductors

  74F537 Datasheet HTML 1Page - NXP Semiconductors 74F537 Datasheet HTML 2Page - NXP Semiconductors 74F537 Datasheet HTML 3Page - NXP Semiconductors 74F537 Datasheet HTML 4Page - NXP Semiconductors 74F537 Datasheet HTML 5Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Philips Semiconductors
Product specification
74F537
1-of-10 decoder (3-State)
1989 Jan 20
3
ABSOLUTE MAXIMUM RATINGS
(Operation beyond the limits set forth in this table may impair the useful life of the device.
Unless otherwise noted these limits are over the operating free-air temperature range.)
SYMBOL
PARAMETER
RATING
UNIT
VCC
Supply voltage
–0.5 to +7.0
V
VIN
Input voltage
–0.5 to +7.0
V
IIN
Input current
–30 to +5.0
mA
VOUT
Voltage applied to output in High output state
–0.5 to +VCC
V
IOUT
Current applied to output in Low output state
48
mA
Tamb
Operating free-air temperature range
0 to +70
°C
Tstg
Storage temperature
–65 to +150
°C
RECOMMENDED OPERATING CONDITIONS
SYMBOL
PARAMETER
LIMITS
UNIT
SYMBOL
PARAMETER
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.5
5.0
5.5
V
VIH
High-level input voltage
2.0
V
VIL
Low-level input voltage
0.8
V
IIK
Input clamp current
–18
mA
IOH
High-level output current
–3.0
mA
IOL
Low-level output current
24
mA
Tamb
Operating free-air temperature range
0
70
°C
DC ELECTRICAL CHARACTERISTICS
(Over recommended operating free-air temperature range unless otherwise noted.)
SYMBOL
PARAMETER
TEST CONDITIONS1
LIMITS
UNIT
SYMBOL
PARAMETER
TEST CONDITIONS1
MIN
TYP2
MAX
UNIT
VO
High level output voltage
VCC = MIN, VIL = MAX,
±10%VCC
2.4
V
VOH
High-level output voltage
VCC = MIN, VIL = MAX,
VIH = MIN, IOH = MAX
±5%VCC
2.7
3.3
V
VOL
Low-level output voltage
VCC = MIN, VIL = MAX,
±10%VCC
0.35
0.50
V
VOL
Low-level output voltage
VCC = MIN, VIL = MAX,
VIH = MIN, IOL = MAX
±5%VCC
0.35
0.50
V
VIK
Input clamp voltage
VCC = MIN, II = IIK
–0.73
–1.2
V
II
Input current at maximum input
voltage
VCC = MAX, VI = 7.0V
100
µA
IIH
High-level input current
VCC = MAX, VI = 2.7V
20
µA
IIL
Low-level input current
VCC = MAX, VI = 0.5V
–0.6
mA
IOZH
Off-state current
High-level voltage applied
VCC = MAX, VO = 2.7V
50
µA
IOZL
Off-state current
Low-level voltage applied
VCC = MAX, VO = 0.5V
–50
µA
IOS
Short-circuit output current3
VCC = MAX
–60
–150
mA
ICC
Supply current (total)
VCC = MAX
44
66
mA
NOTES:
1. For conditions shown as MIN or MAX, use the appropriate value under the recommended operating conditions for the applicable type.
2. All typical values are at VCC = 5V, Tamb = 25°C.
3. Not more than one output should be shorted at a time. For testing IOS, the use of high-speed test apparatus and/or sample-and-hold
techniques are preferable in order to minimize internal heating and more accurately reflect operational values. Otherwise, prolonged shorting
of a High output may raise the chip temperature well above normal and thereby cause invalid readings in other parameter tests. In any
sequence of parameter tests, IOS should be performed last.


Similar Part No. - 74F537

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74F537 FAIRCHILD-74F537 Datasheet
54Kb / 7P
   1-of-10 Decoder with 3-STATE Outputs
74F537PC FAIRCHILD-74F537PC Datasheet
54Kb / 7P
   1-of-10 Decoder with 3-STATE Outputs
74F537SC FAIRCHILD-74F537SC Datasheet
54Kb / 7P
   1-of-10 Decoder with 3-STATE Outputs
More results

Similar Description - 74F537

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74F537 FAIRCHILD-74F537 Datasheet
54Kb / 7P
   1-of-10 Decoder with 3-STATE Outputs
logo
NXP Semiconductors
74F538 PHILIPS-74F538 Datasheet
85Kb / 10P
   1-of -8 decoder 3-state
1989 Apr 06
74F539 PHILIPS-74F539 Datasheet
44Kb / 5P
   Dual 1-of-4 decoder 3-State
1990 Feb 23
HEF4028B PHILIPS-HEF4028B Datasheet
47Kb / 5P
   1-of-10 decoder
January 1995
logo
National Semiconductor ...
93L01 NSC-93L01 Datasheet
79Kb / 3P
   1 - OF - 10 DECODER
logo
Renesas Technology Corp
HD74AC538 RENESAS-HD74AC538 Datasheet
234Kb / 10P
   1-of-8 Decoder with 3-State Output
Jul.16.2004
logo
Fairchild Semiconductor
74F538 FAIRCHILD-74F538 Datasheet
63Kb / 7P
   1-of-8 Decoder with 3-STATE Outputs
logo
Hitachi Semiconductor
HD74AC538 HITACHI-HD74AC538 Datasheet
68Kb / 10P
   1-of-8 Decoder with 3-State Output
HD74AC539 HITACHI-HD74AC539 Datasheet
60Kb / 10P
   Dual 1-of-4 Decoder with 3-State Output
logo
Fairchild Semiconductor
74F539 FAIRCHILD-74F539 Datasheet
51Kb / 6P
   Dual 1-of-4 Decoder with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com