Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74F537 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # 74F537
Description  1-of-10 decoder 3-State
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F537 Datasheet(HTML) 1 Page - NXP Semiconductors

  74F537 Datasheet HTML 1Page - NXP Semiconductors 74F537 Datasheet HTML 2Page - NXP Semiconductors 74F537 Datasheet HTML 3Page - NXP Semiconductors 74F537 Datasheet HTML 4Page - NXP Semiconductors 74F537 Datasheet HTML 5Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Philips Semiconductors
Product specification
74F537
1-of-10 decoder (3-State)
1
1989 Jan 20
853–0873 95586
DESCRIPTION
The 74F537 is a one-of-ten decoder/demultiplexer with four active
High BCD inputs and ten mutually exclusive outputs. A Polarity
control (P) input determines whether the outputs are active Low or
active High. The 74F537 has 3-State outputs and a High signal on
the Output Enables (OE) input forces all outputs to the high
impedance state. Two input Enables, active High (E1) and active
Low (E0), are available for demultiplexing data to the selected
output in either non-inverted or inverted form. Input codes greater
than BCD nine causes all outputs to go to the inactive state (i.e.,
same polarity as the P input).
TYPE
TYPICAL
PROPAGATION DELAY
TYPICAL SUPPLY
CURRENT
(TOTAL)
74F537
9ns
44mA
ORDERING INFORMATION
DESCRIPTION
COMMERCIAL RANGE
VCC = 5V ±10%, Tamb = 0°C to +70°C
20-Pin Plastic DIP
N74F537N
20-Pin Plastic SOL
N74F537D
PIN CONFIGURATION
20
19
18
17
16
15
14
13
12
10
11
9
8
7
6
5
4
3
2
1
VCC
Q3
Q4
A3
Q9
Q8
Q7
Q2
Q1
Q0
A0
A1
Q5
Q6
GND
E0
E1
OE
P
SF01004
A2
INPUT AND OUTPUT LOADING AND FAN-OUT TABLE
PINS
DESCRIPTION
74F(U.L.)
HIGH/LOW
LOAD VALUE
HIGH/LOW
A0 - A3
Data inputs
1.0/1.0
20
µA/0.6mA
E0
Enable input (active Low)
1.0/1.0
20
µA/0.6mA
E1
Enable input (active High)
1.0/1.0
20
µA/0.6mA
P
Polarity control input
1.0/1.0
20
µA/0.6mA
OE
Output Enable input
1.0/1.0
20
µA/0.6mA
Q0 - Q9
Data outputs
150/40
3.0mA/24mA
NOTE: One (1.0) FAST Unit Load is defined as: 20
µA in the High state and 0.6mA in the Low state.
LOGIC SYMBOL
67
16
VCC = Pin 20
GND = Pin 10
321
19
18
89
11
Q0
Q1
Q2
Q3
Q4 Q5
Q6
Q7
P
E0
E1
OE
4
15
14
5
A0
A1
A2
SF01005
17
A3
12
13
Q8
Q9
LOGIC SYMBOL (IEEE/IEC)
6
7
17
13
19
DMUX
1
2
3
5
0,10
0
3
10G
0
9
SF01006
11
9
8
18
1,10
2,10
3,10
4,10
5,10
6,10
7,10
14
15
4
&
&
N10
8,10
9,10
13
12
EN


Similar Part No. - 74F537

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74F537 FAIRCHILD-74F537 Datasheet
54Kb / 7P
   1-of-10 Decoder with 3-STATE Outputs
74F537PC FAIRCHILD-74F537PC Datasheet
54Kb / 7P
   1-of-10 Decoder with 3-STATE Outputs
74F537SC FAIRCHILD-74F537SC Datasheet
54Kb / 7P
   1-of-10 Decoder with 3-STATE Outputs
More results

Similar Description - 74F537

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74F537 FAIRCHILD-74F537 Datasheet
54Kb / 7P
   1-of-10 Decoder with 3-STATE Outputs
logo
NXP Semiconductors
74F538 PHILIPS-74F538 Datasheet
85Kb / 10P
   1-of -8 decoder 3-state
1989 Apr 06
74F539 PHILIPS-74F539 Datasheet
44Kb / 5P
   Dual 1-of-4 decoder 3-State
1990 Feb 23
HEF4028B PHILIPS-HEF4028B Datasheet
47Kb / 5P
   1-of-10 decoder
January 1995
logo
National Semiconductor ...
93L01 NSC-93L01 Datasheet
79Kb / 3P
   1 - OF - 10 DECODER
logo
Renesas Technology Corp
HD74AC538 RENESAS-HD74AC538 Datasheet
234Kb / 10P
   1-of-8 Decoder with 3-State Output
Jul.16.2004
logo
Fairchild Semiconductor
74F538 FAIRCHILD-74F538 Datasheet
63Kb / 7P
   1-of-8 Decoder with 3-STATE Outputs
logo
Hitachi Semiconductor
HD74AC538 HITACHI-HD74AC538 Datasheet
68Kb / 10P
   1-of-8 Decoder with 3-State Output
HD74AC539 HITACHI-HD74AC539 Datasheet
60Kb / 10P
   Dual 1-of-4 Decoder with 3-State Output
logo
Fairchild Semiconductor
74F539 FAIRCHILD-74F539 Datasheet
51Kb / 6P
   Dual 1-of-4 Decoder with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com